Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2014-0.8YML Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2014-0.8YML
Description  Fixed and Adjustable Current Limiting Power Distribution Switches
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2014-0.8YML Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2014-0.8YML Datasheet HTML 7Page - Micrel Semiconductor MIC2014-0.8YML Datasheet HTML 8Page - Micrel Semiconductor MIC2014-0.8YML Datasheet HTML 9Page - Micrel Semiconductor MIC2014-0.8YML Datasheet HTML 10Page - Micrel Semiconductor MIC2014-0.8YML Datasheet HTML 11Page - Micrel Semiconductor MIC2014-0.8YML Datasheet HTML 12Page - Micrel Semiconductor MIC2014-0.8YML Datasheet HTML 13Page - Micrel Semiconductor MIC2014-0.8YML Datasheet HTML 14Page - Micrel Semiconductor MIC2014-0.8YML Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Micrel, Inc.
MIC20xx Family
February 2011
11
M9999-020311-D
Absolute Maximum Ratings
(1)
VIN, VOUT ......................................................–0.3V to 6V
All other pins.............................................–0.3V to 5.5V
Power Dissipation (PD)....................... Internally Limited
Continuous Output Current
All except MIC2005A / MIC20X9A................. 2.25A
MIC2005A / 20X9A.......................................... 1.0A
Maximum Junction Temperature (TJ).................. 150°C
Storage Temperature (Ts) .................. –65°C to +150°C
Lead Temperature (Soldering 10 sec) ................ 260°C
Operating Ratings
(2)
Supply Voltage.............................................. 2.5V to 5.5V
Continuous Output Current
All except MIC2005A / MIC20X9A ........... 0A to 2.1A
MIC2005A/20X9A...................................... 0A to 0.9A
Ambient Temperature Range (TA) ............–40°C to+85°C
Package Thermal Resistance
(3)
SOT-23-5/6 (θJA) ..........................................230ºC/W
2mm × 2mm MLF
®
JA) ................................. 90ºC/W
2mm × 2mm MLF
®
JC) ................................. 45ºC/W
Electrical Characteristics
(4)
VIN = 5V, TA = 25°C unless otherwise specified. Bold indicates –40°C to +85°C limits; CIN = 1µF.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIN
Switch Input Voltage
2.5
5.5
V
ILEAK
Output Leakage Current
(5)
Switch = OFF, VOUT = 0V
Active Low Enable, VEN = 1.5V
Active High Enable, VEN = 0V
12
100
µA
MIC2005A, MIC2009A, MIC2019A
Switch = ON
Active Low Enable, VEN = 0V
Active High Enable, VEN = 1.5V
80
300
µA
Switch = OFF
Active Low Enable, VEN = 1.5V
8
15
µA
IIN
Supply Current
(5)
Switch = OFF
Active High Enable, VEN = 0V
1
5
µA
170
220
mΩ
RDS(ON)
Power Switch Resistance
VIN = 5V, IOUT = 100mA
275
mΩ
MIC2005A
ILIMIT
Fixed Current Limit
VOUT = 0.8 × VIN
0.5
0.7
0.9
A
MIC2009A, MIC2019A
IOUT = 0.9A, VOUT = 0.8 × VIN
172
211
263
IOUT = 0.5A, VOUT = 0.8 × VIN
152
206
263
IOUT = 0.2A, VOUT = 0.8 × VIN
138
200
263
CLF
Variable Current Limit Factors
IOUT = 0.1A, VOUT = 0.8 × VIN
121
192
263
V
MIC2019A
ILIMIT_2nd
Secondary Current Limit
VIN = 2.5V, VOUT = 0V
1
2
3
A


Similar Part No. - MIC2014-0.8YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2014-0.8YML MICREL-MIC2014-0.8YML Datasheet
415Kb / 25P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2014-0.8YML MICREL-MIC2014-0.8YML Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC2014-0.8YML-TR MICROCHIP-MIC2014-0.8YML-TR Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
More results

Similar Description - MIC2014-0.8YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
logo
Micrel Semiconductor
MIC2005A MICREL-MIC2005A Datasheet
415Kb / 25P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC20XX_1108 MICREL-MIC20XX_1108 Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
ON Semiconductor
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
   Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
NCP383 ONSEMI-NCP383 Datasheet
163Kb / 10P
   Adjustable Current-Limiting Power-Distribution Switches
October, 2012 ??Rev. 2
NCP382 ONSEMI-NCP382_16 Datasheet
172Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
NCP382 ONSEMI-NCP382 Datasheet
217Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
NCP380HMUAJAGEVB ONSEMI-NCP380HMUAJAGEVB Datasheet
627Kb / 23P
   Fixed/Adjustable Current??Limiting Power?륞istribution Switches
April, 2013 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com