Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC662104A Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC662104A
Description  Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC662104A Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC662104A Datasheet HTML 2Page - Sanyo Semicon Device LC662104A Datasheet HTML 3Page - Sanyo Semicon Device LC662104A Datasheet HTML 4Page - Sanyo Semicon Device LC662104A Datasheet HTML 5Page - Sanyo Semicon Device LC662104A Datasheet HTML 6Page - Sanyo Semicon Device LC662104A Datasheet HTML 7Page - Sanyo Semicon Device LC662104A Datasheet HTML 8Page - Sanyo Semicon Device LC662104A Datasheet HTML 9Page - Sanyo Semicon Device LC662104A Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
No. 5996-6/13
LC662104A, 662106A, 662108A
Continued from preceding page.
Note: Pull-up MOS type: The output circuit includes a MOS transistor that pulls the pin up to VDD.
CMOS output: Complementary output.
OD output: Open-drain output.
Pin
I/O
Overview
Output driver type
Options
State after a
reset
P50
P51/DP
P52/DT
P53/INT2
OSC1
OSC2
RES
TEST
VDD
VSS
I/O ports P50 to P53
• Input or output in 4-bit or 1-bit units
• P51 is also used for dial pulse output
• P52 is also used for DTMF output
• P53 is also used as the INT2 interrupt
request.
System clock oscillator connections
When an external clock is used, leave
OSC2 open and connect the clock signal
to OSC1.
System reset input
When the P33/HOLD pin is at the high
level, a low level input to the RES pin will
initialize the CPU.
CPU test pin
This pin must be connected to VSS
during normal operation.
Power supply pins
I/O
I
O
I
I
• Pch: Pull-up MOS type
• Nch: Intermediate sink current
type
• Nch: +15-V handling when
OD option selected (P51 and
P53 only)
• Pull-up MOS or Nch
OD output
• Output level on reset
• Output level after a
reset
(An external pull-up
resistor must be
supplied when used
for DT output.)
Ceramic oscillator or
external clock selection
High or low (option)
Option selection


Similar Part No. - LC662104A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC662104A SANYO-LC662104A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC662104A SANYO-LC662104A Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
More results

Similar Description - LC662104A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com