Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC284-3BMM Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC284-3BMM
Description  Two-Zone Thermal Supervisor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC284-3BMM Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC284-3BMM Datasheet HTML 1Page - Micrel Semiconductor MIC284-3BMM Datasheet HTML 2Page - Micrel Semiconductor MIC284-3BMM Datasheet HTML 3Page - Micrel Semiconductor MIC284-3BMM Datasheet HTML 4Page - Micrel Semiconductor MIC284-3BMM Datasheet HTML 5Page - Micrel Semiconductor MIC284-3BMM Datasheet HTML 6Page - Micrel Semiconductor MIC284-3BMM Datasheet HTML 7Page - Micrel Semiconductor MIC284-3BMM Datasheet HTML 8Page - Micrel Semiconductor MIC284-3BMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
September 2005
3
MIC284
MIC284
Micrel, Inc.
Absolute Maximum Ratings (Note 1)
Power Supply Voltage, VDD..........................................6.0V
Voltage on Any Pin ................................–0.3V to VDD+0.3V
Current Into Any Pin ................................................ ±10 mA
Power Dissipation, TA = +125°C................................30mW
Junction Temperature.............................................. +150°C
Storage Temperature................................ –65°C to +150°C
ESD Ratings
(Note 3)
Human Body Model...................................................TBD V
Machine Model ..........................................................TBD V
Soldering
Vapor Phase (60 sec.) .............................. +220°C +5–0°C
Infrared (15 sec.) ......................................+235°C +5–0°C
Operating Ratings (Note 2)
Power Supply Voltage, VDD......................... +2.7V to +5.5V
Ambient Temperature Range (TA) .............-55°C to +125°C
Package Thermal Resistance (θJA)
SOP .................................................................+152°C/W
MSOP ..............................................................+206°C/W
Electrical Characteristics
2.7V ≤ VDD ≤ 5.5; TA = +25°C, bold values indicate –55°C ≤ TA ≤ +125°C, Note 4; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Power Supply
IDD
Supply Current
/INT, open, A0 = VDD or GND,
350
750
µA
CLK = DATA = high, normal mode
/INT, /CRIT open, A0 = VDD or GND
shutdown mode, CLK = 100kHz
3
µA
/INT, /CRIT open, A0 = VDD or GND
shutdown mode, CLK = DATA = high
1
10
µA
tPOR
Power-On Reset Time,
Note 7
VDD > VPOR
200
µs
VPOR
Power-On Reset Voltage
all registers reset to default values,
2.0
2.7
V
A/D conversions initiated
VHYST
Power-On Reset
Hysteresis Voltage
250
mV
Temperature-to-Digital Converter Characteristics
Accuracy—Local Temperature
0°C ≤ TA ≤ +100°C, /INT and /CRIT open,
±1
±2
°C
Note 4, 9
3V ≤ VDD ≤ 3.6V
–55°C ≤ TA ≤ +125°C, /INT and /CRIT open,
±2
±3
°C
3V ≤ VDD ≤ 3.6V
Accuracy—Remote Temperature
0°C ≤ TD ≤ +100°C, /INT and /CRIT open,
±1
±3
°C
Note 4, 5, 9
3V ≤ VDD ≤ 3.6V, 0°C ≤ TA ≤ +85°C
–55°C ≤ TD ≤ +125°C, /INT and /CRIT open,
±2
±5
°C
3V ≤ VDD ≤ 3.6V, 0°C ≤ TA ≤ +85°C
tCONV0
Conversion Time, local zone
50
80
ms
Note 7
tCONV1
Conversion Time, remote zone
Note 7
100
160
ms
Remote Temperature Input (T1)
IF
Current to External Diode
high level, T1 forced to 1.5V
224
400
µA
Note 7
low level
7.5
14
µA
Address Input (A0)
VIL
Low Input Voltage
2.7V ≤ VDD ≤ 5.5V
0.6
V
VIH
High Input Voltage
2.7V ≤ VDD ≤ 5.5V
2.0
V
CIN
Input Capacitance
10
pF
ILEAK
Input Current
±0.01
±1
µA


Similar Part No. - MIC284-3BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC284-3BMM MICREL-MIC284-3BMM Datasheet
439Kb / 20P
   Two-Zone Thermal Supervisor Advance Information
More results

Similar Description - MIC284-3BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC284 MICREL-MIC284 Datasheet
439Kb / 20P
   Two-Zone Thermal Supervisor Advance Information
MIC384 MICREL-MIC384_05 Datasheet
518Kb / 22P
   Three-Zone Thermal Supervisor
MIC384 MICREL-MIC384 Datasheet
121Kb / 21P
   Three-Zone Thermal Supervisor Advance Information
logo
Gamewell-FCI by Honeywe...
FC-2224 GAMEWELL-FCI-FC-2224 Datasheet
429Kb / 2P
   TWO-ZONE PANEL
F402 GAMEWELL-FCI-F402 Datasheet
73Kb / 2P
   Two-Zone Fire Alarm Control Panel
logo
Silicon Laboratories
SI7013-A20 SILABS-SI7013-A20 Datasheet
1Mb / 45P
   IC HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
logo
Micrel Semiconductor
MIC280 MICREL-MIC280_06 Datasheet
391Kb / 23P
   Precision IttyBitty Thermal Supervisor
MIC280 MICREL-MIC280 Datasheet
226Kb / 23P
   Precision IttyBitty Thermal Supervisor
MIC184 MICREL-MIC184_06 Datasheet
490Kb / 20P
   Local/Remote Thermal Supervisor
logo
Silicon Laboratories
SI7013-A20-GM1R SILABS-SI7013-A20-GM1R Datasheet
2Mb / 45P
   2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Rev. 1.4 4/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com