Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC284-0BMM Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC284-0BMM
Description  Two-Zone Thermal Supervisor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC284-0BMM Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC284-0BMM Datasheet HTML 7Page - Micrel Semiconductor MIC284-0BMM Datasheet HTML 8Page - Micrel Semiconductor MIC284-0BMM Datasheet HTML 9Page - Micrel Semiconductor MIC284-0BMM Datasheet HTML 10Page - Micrel Semiconductor MIC284-0BMM Datasheet HTML 11Page - Micrel Semiconductor MIC284-0BMM Datasheet HTML 12Page - Micrel Semiconductor MIC284-0BMM Datasheet HTML 13Page - Micrel Semiconductor MIC284-0BMM Datasheet HTML 14Page - Micrel Semiconductor MIC284-0BMM Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
September 2005
11
MIC284
MIC284
Micrel, Inc.
e
r
u
t
a
r
e
p
m
e
T
y
r
a
n
i
B
x
e
H
C
°
5
2
1
+
1
0
1
1
1
1
1
0
b
D
7 h
C
°
5
2
+
1
0
0
1
1
0
0
0
b
9
1 h
C
°
0
.
1
+
1
0
0
0
0
0
0
0
b
1
0 h
C
°
0
0
0
0
0
0
0
0
0
b
0
0 h
C
°
0
.
1
1
1
1
1
1
1
1
1
b
F
F h
C
°
5
2
1
1
1
0
0
1
1
1
b
7
E h
C
°
0
4
0
0
0
1
1
0
1
1
b
8
D h
C
°
5
5
1
0
0
1
0
0
1
1
b
9
C h
Table 3. Digital Temperature Format
Temperature Data Format
The LSB of each register represents one degree Centigrade.
The values are in a two’s complement format, wherein the
most significant bit (D7), represents the sign: zero for posi-
tive temperatures and one for negative temperatures. Table
3 shows examples of the data format used by the MIC284
for temperatures.
A/D Converter Timing
Whenever the MIC284 is not in its low power shutdown mode,
theinternalA/Dconverter(ADC)attemptstomakecontinuous
conversionsunlessinterruptedbyabustransactionaccessing
the MIC284. When the part is accessed, the conversion in
progress will be halted, and the partial result discarded. When
the access to the MIC284 is complete, the ADC will begin a
new conversion cycle with results for the remote zone valid
tCONV1 after that, and for the local zone tCONV0 later. Figure
4 shows this behavior. The conversion time is twice as long
for external conversions as it is for internal conversions. This
allows the use of a filter capacitor on T1 without a loss of
accuracy due to the resulting longer settling times.
Upon powering-up, coming out of shutdown mode, or resum-
ing operation following a serial bus transaction, the ADC will
begin acquiring temperature data starting with the external
zone (zone 1), followed by the internal zone (zone 0). If the
ADC is interrupted by a serial bus transaction, it will restart
the conversion that was interrupted and then continue in the
normal sequence. This sequence will repeat indefinitely until
the MIC284 is shut down, powered off, or is interrupted by a
serial bus transaction as described above.
Power-On
Whenpowerisinitiallyapplied,theMIC284’sinternalregisters
are set to their default states, and A0 is read to establish
the device’s slave address. The MIC284’s power-up default
state can be summarized as follows:
• Normal Mode operation (i.e., part is not in shut-
down)
• /INT function is set to Comparator Mode
• Fault Queue depth = 1 (FQ=00)
• Interrupts are enabled (IM = 0)
• T_SET0 = 81°C; T_HYST0 = 76°C
• T_SET1 = 97°C; T_HYST1 = 92°C
• CRIT1 = 97°C; nCRIT1 = 92°C
• Initialized to recognize overtemperature faults
Comparator and Interrupt Modes
Depending on the setting of the MODE bit in the configura-
tion register, the /INT output will behave either as an interrupt
request signal or a thermostatic control signal. Thermostatic
operation is known as comparator mode. The /INT output
is asserted when the measured temperature, as reported
in either of the TEMPx registers, exceeds the threshold
programmed into the corresponding T_SETx register for the
number of conversions specified by Fault_Queue (described
below). In comparator mode, /INT will remain asserted and
the status bits will remain high unless and until the measured
temperature falls below the value in the T_HYSTx register
for Fault_Queue conversions. No action on the part of the
host is required for operation in comparator mode. Note that
entering shutdown mode will not affect the state of /INT when
the device is in comparator mode.
In interrupt mode, once a temperature event has caused a
status bit (Sx) to be set, and the /INT output to be asserted,
they will not be automatically de-asserted when the measured
temperature falls below T_HYSTx. They can only be de-as-
serted by reading any of the MIC284’s internal registers or
by putting the device into shutdown mode. If the most recent
temperature event was an overtemperature condition, Sx will
not be set again, and /INT cannot be reasserted, until the
device has detected that TEMPx < T_HYSTx. Similarly, if
the most recent temperature event was an undertemperature
condition, Sx will not be set again, and /INT cannot be reas-
serted, until the device has detected that TEMPx > T_SETx.
This keeps the internal logic of the MIC284 backward compat-
ible with that of the LM75 and similar devices. In both modes,
the MIC284 will be responsive to over-temperature events at
power-up. See "Interrupt Generation", below.
Shutdown Mode
Setting the SHDN bit in the configuration register halts the
otherwise continuous conversions by theA/D converter. The
MIC284’spowerconsumptiondropsto1µAtypicalinshutdown
mode. All registers may be read from or written to while in
shutdown mode. Serial bus activity will slightly increase the
part’s power consumption.
Entering shutdown mode will not affect the state of /INT
when the device is in comparator mode (MODE = 0). It will
retain its state until after the device exits shutdown mode and
resumes A/D conversions.
If the device is shut down while in interrupt mode (mode =


Similar Part No. - MIC284-0BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC284-0BMM MICREL-MIC284-0BMM Datasheet
439Kb / 20P
   Two-Zone Thermal Supervisor Advance Information
More results

Similar Description - MIC284-0BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC284 MICREL-MIC284 Datasheet
439Kb / 20P
   Two-Zone Thermal Supervisor Advance Information
MIC384 MICREL-MIC384_05 Datasheet
518Kb / 22P
   Three-Zone Thermal Supervisor
MIC384 MICREL-MIC384 Datasheet
121Kb / 21P
   Three-Zone Thermal Supervisor Advance Information
logo
Gamewell-FCI by Honeywe...
FC-2224 GAMEWELL-FCI-FC-2224 Datasheet
429Kb / 2P
   TWO-ZONE PANEL
F402 GAMEWELL-FCI-F402 Datasheet
73Kb / 2P
   Two-Zone Fire Alarm Control Panel
logo
Silicon Laboratories
SI7013-A20 SILABS-SI7013-A20 Datasheet
1Mb / 45P
   IC HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
logo
Micrel Semiconductor
MIC280 MICREL-MIC280_06 Datasheet
391Kb / 23P
   Precision IttyBitty Thermal Supervisor
MIC280 MICREL-MIC280 Datasheet
226Kb / 23P
   Precision IttyBitty Thermal Supervisor
MIC184 MICREL-MIC184_06 Datasheet
490Kb / 20P
   Local/Remote Thermal Supervisor
logo
Silicon Laboratories
SI7013-A20-GM1R SILABS-SI7013-A20-GM1R Datasheet
2Mb / 45P
   2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Rev. 1.4 4/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com