Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2951-02YN Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # LP2951-02YN
Description  100mA Low-Dropout Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LP2951-02YN Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button LP2951-02YN Datasheet HTML 6Page - Micrel Semiconductor LP2951-02YN Datasheet HTML 7Page - Micrel Semiconductor LP2951-02YN Datasheet HTML 8Page - Micrel Semiconductor LP2951-02YN Datasheet HTML 9Page - Micrel Semiconductor LP2951-02YN Datasheet HTML 10Page - Micrel Semiconductor LP2951-02YN Datasheet HTML 11Page - Micrel Semiconductor LP2951-02YN Datasheet HTML 12Page - Micrel Semiconductor LP2951-02YN Datasheet HTML 13Page - Micrel Semiconductor LP2951-02YN Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Micrel, Inc.
LP2950/2951
September 2008
10
M9999-091208
Noise can be reduced fourfold by a bypass capacitor
across R1, since it reduces the high frequency gain from
4 to unity. Pick:
200Hz
R
2
1
C
1
BYPASS
π
or about 0.01µF. When doing this, the output capacitor
must be increased to 3.3µF to maintain stability. These
changes reduce the output noise from 430µV to
100µVrms for a100kHz bandwidth at 5V output. With the
bypass capacitor added, noise no longer scales with
output voltage so that improvements are more dramatic
at higher output voltages.
Figure 1. ERROR Output Timing
Figure 2. Adjustable Regulator


Similar Part No. - LP2951-02YN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LP2951-02YN MICROCHIP-LP2951-02YN Datasheet
2Mb / 30P
   100 mA Low-Dropout Voltage Regulator
09/14/21
More results

Similar Description - LP2951-02YN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950_17 Datasheet
659Kb / 10P
   100mA Low -Dropout Voltage Regulator
logo
Linear Dimensions Semic...
LND2931 LINEAR_DIMENSIONS-LND2931 Datasheet
125Kb / 5P
   100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
LP2950 ADMOS-LP2950_1 Datasheet
137Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
AMS116 ADMOS-AMS116 Datasheet
113Kb / 7P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
GTM CORPORATION
GLP2950 GTM-GLP2950 Datasheet
238Kb / 3P
   100mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com