Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC284 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC284
Description  Two-Zone Thermal Supervisor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC284 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC284_05 Datasheet HTML 3Page - Micrel Semiconductor MIC284_05 Datasheet HTML 4Page - Micrel Semiconductor MIC284_05 Datasheet HTML 5Page - Micrel Semiconductor MIC284_05 Datasheet HTML 6Page - Micrel Semiconductor MIC284_05 Datasheet HTML 7Page - Micrel Semiconductor MIC284_05 Datasheet HTML 8Page - Micrel Semiconductor MIC284_05 Datasheet HTML 9Page - Micrel Semiconductor MIC284_05 Datasheet HTML 10Page - Micrel Semiconductor MIC284_05 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
September 2005
7
MIC284
MIC284
Micrel, Inc.
mask bit.
/CRIT: Over-temperature events are indicated to external
circuitry via this output. This output is open-drain and may
be wire-OR’ed with other open-drain signals. Most systems
will require a pull-up resistor or current source on this pin.
T1:Thispinconnectstoanoff-chipPNdiodejunction,for
monitoringthejunctiontemperatureataremotelocation.
The remote diode may be an embedded thermal sens-
ing junction in an integrated circuit so equipped (such
as Intel's Pentium III), or a discrete 2N3906-type bipolar
transistor with base and collector tied together.
Temperature Measurement
Thetemperature-to-digitalconverterisbuiltaroundaswitched
current source and an eight-bit analog-to-digital converter.
Each diode's temperature is calculated by measuring its for-
ward voltage drop at two different current levels. An internal
multiplexerdirectstheMIC284'scurrentsourceoutputtoeither
aninternalorexternaldiodejunction. TheMIC284usestwo’s-
complement data to represent temperatures. If the MSB of a
temperature value is zero, the temperature is zero or positive.
If the MSB is one, the temperature is negative. More detail
on this is given in the "Temperature Data Format" section
below. A “temperature event” results if the value in either of
the temperature result registers (TEMPx) becomes greater
than the value in the corresponding temperature setpoint
register (T_SETx). Another temperature event occurs if and
when the measured temperature subsequently falls below
the temperature hysteresis setting in T_HYSTx.
During normal operation the MIC284 continuously performs
temperature-to-digital conversions, compares the results
against the setpoint registers, and updates the states of /INT,
/CRIT, and the status bits accordingly. The remote zone is
converted first, followed by the local zone. The states of /INT,
/CRIT, and the status bits are updated after each measure-
ment is taken. The remote diode junction connected to T1
may be embedded in an integrated circuit such as a CPU,
ASIC, or graphics processor, or it may be a diode-connected
discrete transistor.
Diode Faults
The MIC284 is designed to respond in a failsafe manner to
hardware faults in the external sensing circuitry. If the con-
nection to the external diode is lost or the sense line (T1) is
shorted to VDD or ground, the temperature data reported
by the A/D converter will be forced to its full-scale value
(+127°C). This will cause a temperature event to occur if
T_SET1 or CRIT1 are set to any value less than 127°C (7Fh
= 0111 1111b). An interrupt will be generated on /INT if so
enabled. The temperature reported for the external zone will
remain +127°C until the fault condition is cleared. This fault
detection mechanism requires that the MIC284 complete
the number of conversion cycles specified by Fault_Queue.
The part will therefore require one or more conversion cycles
following power-on or a transition from shutdown to normal
operation before reporting an external diode fault.
Serial Port Operation
TheMIC284usesstandardSMBusWrite_ByteandRead_Byte
operations for communication with its host. The SMBus
Write_Byte operation involves sending the device’s slave
address (with the R/W bit low to signal a write operation),
followed by a command byte and a data byte. The SMBus
Read_Byte operation is similar, but is a composite write and
read operation: the host first sends the device’s slave address
followed by the command byte, as in a write operation. A
new start bit must then be sent to the MIC284, followed by
a repeat of the slave address with the R/W bit (LSB) set to
the high (read) state. The data to be read from the part may
then be clocked out.
The command byte is eight bits wide. This byte carries the
address of the MIC284 register to be operated upon, and is
stored in the part’s pointer register. The pointer register is
an internal write-only register. The command byte (pointer
register) values corresponding to the various MIC284 register
addresses are shown inTable 2. Command byte values other
than those explicitly shown are reserved, and should not be
used. Any command byte sent to the MIC284 will persist in
the pointer register indefinitely until it is overwritten by another
command byte. If the location latched in the pointer register
from the last operation is known to be correct (i.e., points
to the desired register), then the Receive_Byte procedure
may be used. To perform a Receive_Byte, the host sends
an address byte to select the MIC284, and then retrieves the
data byte. Figures 1 through 3 show the formats for these
procedures.


Similar Part No. - MIC284_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC284-0BM MICREL-MIC284-0BM Datasheet
439Kb / 20P
   Two-Zone Thermal Supervisor Advance Information
MIC284-0BMM MICREL-MIC284-0BMM Datasheet
439Kb / 20P
   Two-Zone Thermal Supervisor Advance Information
More results

Similar Description - MIC284_05

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC284 MICREL-MIC284 Datasheet
439Kb / 20P
   Two-Zone Thermal Supervisor Advance Information
MIC384 MICREL-MIC384_05 Datasheet
518Kb / 22P
   Three-Zone Thermal Supervisor
MIC384 MICREL-MIC384 Datasheet
121Kb / 21P
   Three-Zone Thermal Supervisor Advance Information
logo
Gamewell-FCI by Honeywe...
FC-2224 GAMEWELL-FCI-FC-2224 Datasheet
429Kb / 2P
   TWO-ZONE PANEL
F402 GAMEWELL-FCI-F402 Datasheet
73Kb / 2P
   Two-Zone Fire Alarm Control Panel
logo
Silicon Laboratories
SI7013-A20 SILABS-SI7013-A20 Datasheet
1Mb / 45P
   IC HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
logo
Micrel Semiconductor
MIC280 MICREL-MIC280_06 Datasheet
391Kb / 23P
   Precision IttyBitty Thermal Supervisor
MIC280 MICREL-MIC280 Datasheet
226Kb / 23P
   Precision IttyBitty Thermal Supervisor
MIC184 MICREL-MIC184_06 Datasheet
490Kb / 20P
   Local/Remote Thermal Supervisor
logo
Silicon Laboratories
SI7013-A20-GM1R SILABS-SI7013-A20-GM1R Datasheet
2Mb / 45P
   2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Rev. 1.4 4/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com