Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2575-5.0BN Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # LM2575-5.0BN
Description  52kHz Simple 1A Buck Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LM2575-5.0BN Datasheet(HTML) 4 Page - Micrel Semiconductor

  LM2575-5.0BN Datasheet HTML 1Page - Micrel Semiconductor LM2575-5.0BN Datasheet HTML 2Page - Micrel Semiconductor LM2575-5.0BN Datasheet HTML 3Page - Micrel Semiconductor LM2575-5.0BN Datasheet HTML 4Page - Micrel Semiconductor LM2575-5.0BN Datasheet HTML 5Page - Micrel Semiconductor LM2575-5.0BN Datasheet HTML 6Page - Micrel Semiconductor LM2575-5.0BN Datasheet HTML 7Page - Micrel Semiconductor LM2575-5.0BN Datasheet HTML 8Page - Micrel Semiconductor LM2575-5.0BN Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Micrel, Inc.
LM2575
May 2009
4
M9999-051209-B
Absolute Maximum Ratings
(1)
Maximum Supply Voltage (VIN) ......................................45V
ON/OFF Pin Input Voltage. ......................–0.3V ≤ V ≤ +40V
Output Voltage to Ground (Steady State) ......................–1V
Power Dissipation .....................................Internally Limited
Maximum Junction Temperature................................ 150°C
Lead Temperature (soldering, 10 sec.)...................... 260°C
Storage Temperature (Ts) .........................–65°C to +150°C
Minimum ESD Rating
C = 100pF, R = 1.5kΩ.............................................. 2kV
FB Pin ...................................................................... 1kV
Operating Ratings
Supply Voltage (VIN).......................................................40V
Junction Temperature Range (TJ).......–40°C ≤ TJ ≤ +125°C
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those with boldface type apply over full Operating
Temperature Range. Unless otherwise specified, VIN = 12V, and ILOAD = 200mA.
Symbol
Parameter
Condition
Typ
LM2575
Limit
(Note 2)
Units
(Limits)
SYSTEM PARAMETERS, ADJUSTABLE REGULATORS (Note 3) Test Circuit Figure 1
Feedback Voltage
VIN = 12V , ILOAD = 0.2A
VOUT = 5V
1.230
1.217
1.243
V
V(min)
V(max)
VOUT
Feedback Voltage LM2575
0.2A ≤ ILOAD ≤ 1A, 8V ≤ VIN ≤ 40V
VOUT = 5V
1.230
1.193/1.180
1.267/1.280
V
V(min)
V(max)
η
Efficiency
VIN = 12V, ILOAD = 1A, VOUT = 5V
82
%
SYSTEM PARAMETERS, 3.3V REGULATORS (Note 3) Test Circuit Figure 1
Output Voltage
VIN = 12V , ILOAD = 0.2A
VOUT = 3.3V
3.3
3.234
3.366
V
V(min)
V(max)
VOUT
Output Voltage LM2575-3.3
0.2A ≤ ILOAD ≤ 1A, 8V ≤ VIN ≤ 40V
VOUT = 3.3V
3.3
3.168/3.135
3.432/3.465
V
V(min)
V(max)
η
Efficiency
VIN = 12V, ILOAD = 1A
75
%
SYSTEM PARAMETERS, 5V REGULATORS (Note 3) Test Circuit Figure 1
Output Voltage
VIN = 12V , ILOAD = 0.2A
VOUT = 5V
5.0
4.900
5.100
V
V(min)
V(max)
VOUT
Output Voltage LM2575-5.0
0.2A ≤ ILOAD ≤ 1A, 8V ≤ VIN ≤ 40V
VOUT = 5V
5.0
4.800/4.750
5.200/5.250
V
V(min)
V(max)
η
Efficiency
VIN = 12V, ILOAD = 1A
82
%
SYSTEM PARAMETERS, 12V REGULATORS (Note 3) Test Circuit Figure 1
Output Voltage
VIN = 25V , ILOAD = 0.2A
VOUT = 12V
12
11.760
12.240
V
V(min)
V(max)
VOUT
Output Voltage LM2575-12
0.2A ≤ ILOAD ≤ 1A, 15V ≤ VIN ≤ 40V
VOUT = 12V
12
11.520/11.400
12.480/12.600
V
V(min)
V(max)
η
Efficiency
VIN = 25V, ILOAD = 1A
88
%


Similar Part No. - LM2575-5.0BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2575-5.0BN MICREL-LM2575-5.0BN Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
LM2575-5.0BN MICREL-LM2575-5.0BN Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
More results

Similar Description - LM2575-5.0BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2575-3.3BU MICREL-LM2575-3.3BU Datasheet
158Kb / 12P
   52kHz Simple 1A Buck Regulator
LM2575 MICREL-LM2575 Datasheet
104Kb / 9P
   52kHz Simple 1A Buck Regulator
LM2574 MICREL-LM2574 Datasheet
67Kb / 5P
   52kHz Simple 0.5A Buck Regulator
LM2574 MICREL-LM2574_05 Datasheet
192Kb / 8P
   52kHz Simple 0.5A Buck Regulator
LM2576 MICREL-LM2576_05 Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WU MICREL-LM2576-5.0WU Datasheet
64Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2576-5.0WT MICREL-LM2576-5.0WT Datasheet
58Kb / 9P
   52kHz Simple 3A Buck Regulator
LM2574 MICREL-LM2574 Datasheet
41Kb / 8P
   52KHZ SIMPLE 0.5A BUCK REGULATOR
LM2576 MICREL-LM2576 Datasheet
89Kb / 8P
   52kHz Simple 3A Buck Voltage Regulator
MIC4575 MICREL-MIC4575_09 Datasheet
531Kb / 15P
   200kHz Simple 1A Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com