Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJA1028T3V310 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TJA1028T3V310
Description  LIN transceiver with integrated voltage regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TJA1028T3V310 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TJA1028T3V310 Datasheet HTML 4Page - NXP Semiconductors TJA1028T3V310 Datasheet HTML 5Page - NXP Semiconductors TJA1028T3V310 Datasheet HTML 6Page - NXP Semiconductors TJA1028T3V310 Datasheet HTML 7Page - NXP Semiconductors TJA1028T3V310 Datasheet HTML 8Page - NXP Semiconductors TJA1028T3V310 Datasheet HTML 9Page - NXP Semiconductors TJA1028T3V310 Datasheet HTML 10Page - NXP Semiconductors TJA1028T3V310 Datasheet HTML 11Page - NXP Semiconductors TJA1028T3V310 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TJA1028
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 25 February 2011
8 of 24
NXP Semiconductors
TJA1028
LIN transceiver with integrated voltage regulator
7.4 Remote wake-up
A remote wake-up is triggered by a falling edge on pin LIN, followed by LIN remaining
LOW for at least twake(busdom)min, followed by a rising edge on pin LIN (see Figure 5).
The remote wake-up request is communicated to the microcontroller in Standby mode by
a continuous LOW level on pin RXD.
Note that twake(busdom)min is measured in Sleep and Standby modes, and in Normal mode if
TXD is HIGH.
7.5 Fail-safe features
7.5.1 General fail-safe features
The following general fail-safe features have been implemented:
An internal pull-up towards VCC on pin TXD guarantees a recessive bus level if the pin
is left floating by a bad solder joint or floating microcontroller port pin.
The current in the transmitter output stage is limited in order to protect the transmitter
against short circuits to pin VBAT.
A loss of power (pins VBAT and GND) has no impact on the bus line or on the
microcontroller. There will be no reverse currents from the bus.
The LIN transmitter is automatically disabled when either EN or RSTN is LOW.
After a transition to Normal mode, the LIN transmitter is only enabled if a recessive
level is present on pin TXD.
7.5.2 TXD dominant time-out function
A TXD dominant time-out timer circuit prevents the bus line being driven to a permanent
dominant state (blocking all network communications) if TXD is forced permanently LOW
by a hardware or software application failure. The timer is triggered by a negative edge on
the TXD pin. If the pin remains LOW for longer than the TXD dominant time-out time
(tto(dom)TXD), the transmitter is disabled, driving the bus line to a recessive state. The timer
is reset by a positive edge on TXD.
Fig 5.
Remote wake-up behavior
015aaa088
LIN recessive
LIN dominant
Standby/Sleep mode
Standby mode
0.4VBAT
0.6VBAT
ground
VBAT
VLIN
LOW
Sleep: floating/Standby: HIGH
RXD
twake(busdom)min


Similar Part No. - TJA1028T3V310

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TJA1020 PHILIPS-TJA1020 Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
TJA1020 PHILIPS-TJA1020 Datasheet
129Kb / 22P
   LIN transceiver
2004 Jan 13
TJA1020T PHILIPS-TJA1020T Datasheet
105Kb / 24P
   LIN transceiver
2002 Jul 17
TJA1020T PHILIPS-TJA1020T Datasheet
129Kb / 22P
   LIN transceiver
2004 Jan 13
TJA1020T-CM118 PHILIPS-TJA1020T-CM118 Datasheet
189Kb / 21P
   High-speed CAN transceiver Rev. 6 ??25 March 2011
Rev. 6-25 March 2011
More results

Similar Description - TJA1028T3V310

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE8457 INFINEON-TLE8457 Datasheet
1Mb / 33P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.0 2016-08-05
logo
Melexis Microelectronic...
TH8061 MELEXIS-TH8061 Datasheet
1Mb / 36P
   Voltage Regulator with integrated LIN Transceiver
logo
ON Semiconductor
NCV7361A ONSEMI-NCV7361A_05 Datasheet
192Kb / 28P
   Voltage Regulator with Integrated LIN Transceiver
March, 2005 ??Rev. 0
logo
Infineon Technologies A...
TLE8458 INFINEON-TLE8458_15 Datasheet
1Mb / 31P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
TLE8458 INFINEON-TLE8458 Datasheet
1Mb / 31P
   LIN Transceiver with integrated Voltage Regulator
Rev. 1.1, 2014-04-01
logo
ON Semiconductor
NCV7361 ONSEMI-NCV7361 Datasheet
192Kb / 28P
   Voltage Regulator with Integrated LIN Transceiver
October, 2004 ??Rev. P0
logo
Infineon Technologies A...
TLE8457CSJ INFINEON-TLE8457CSJ Datasheet
1Mb / 31P
   LIN Transceiver with integrated voltage regulator
Rev. 1.1 2018-10-15
logo
ATMEL Corporation
ATA6623 ATMEL-ATA6623_09 Datasheet
695Kb / 23P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N Datasheet
418Kb / 20P
   LIN Bus Transceiver with Integrated Voltage Regulator
ATA6620N ATMEL-ATA6620N_09 Datasheet
383Kb / 22P
   LIN Bus Transceiver with Integrated Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com