Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF5000 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF5000
Description  4 GHz to 18 GHz Divide-by-2 Prescaler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF5000 Datasheet(HTML) 3 Page - Analog Devices

  ADF5000 Datasheet HTML 1Page - Analog Devices ADF5000 Datasheet HTML 2Page - Analog Devices ADF5000 Datasheet HTML 3Page - Analog Devices ADF5000 Datasheet HTML 4Page - Analog Devices ADF5000 Datasheet HTML 5Page - Analog Devices ADF5000 Datasheet HTML 6Page - Analog Devices ADF5000 Datasheet HTML 7Page - Analog Devices ADF5000 Datasheet HTML 8Page - Analog Devices ADF5000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADF5000
Rev. 0 | Page 3 of 12
SPECIFICATIONS
VDD1 = VDD2 = 3.3 V ± 10%, GND = 0 V; dBm referred to 50 Ω; TA = TMIN to TMAX, unless otherwise noted. The operating temperature
range is −40°C to +105°C.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RF CHARACTERISTICS
Input Frequency
4
18
GHz
RF Input Sensitivity
−10
+10
dBm
4 GHz to 18 GHz
Output Power
−10
−5
dBm
Single-ended output connected into 50 Ω load
−7
−2
dBm
Differential outputs connected into 100 Ω
differential load
Output Voltage Swing
200
330
mV p-p
Peak-to-peak voltage swing on each single-ended
output, connected into 50 Ω load
400
660
mV p-p
Peak-to-peak voltage swing on differential
output, connected into 100 Ω differential load
1000
mV p-p
Peak-to-peak voltage swing on each single-ended
output, no load condition
Phase Noise
−147
dBc/Hz
Input frequency (f
IN) = 12 GHz, offset = 100 kHz
Reverse Leakage
−60
dBm
RF input power (P
IN) = 0 dBm, RFOUT = 4 GHz
Second Harmonic Content
−28
dBc
Third Harmonic Content
−12
dBc
Fourth Harmonic Content
−37
dBc
Fifth Harmonic Content
−19
dBc
CE INPUT
Input High Voltage, V
IH
2.2
V
Input Low Voltage, V
IL
0.3
V
POWER SUPPLIES
Voltage Supply
3.0
3.3
3.6
V
I
DD (IDD1 + IDD2)
Active
30
60
mA
CE is high
Power-Down
17
30
mA
CE is low


Similar Part No. - ADF5000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF5000BCPZ AD-ADF5000BCPZ Datasheet
214Kb / 12P
   4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
More results

Similar Description - ADF5000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF5000BCPZ AD-ADF5000BCPZ Datasheet
214Kb / 12P
   4 GHz to 18 GHz Divide-by-2 Prescaler
REV. 0
ADF5001 AD-ADF5001 Datasheet
274Kb / 12P
   4 GHz to 18 GHz Divide-by-4 Prescaler
REV. 0
logo
Hittite Microwave Corpo...
HMC-C005 HITTITE-HMC-C005 Datasheet
503Kb / 4P
   DIVIDE-BY-2 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C006 HITTITE-HMC-C006_07 Datasheet
219Kb / 4P
   DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
HMC-C006 HITTITE-HMC-C006 Datasheet
505Kb / 4P
   DIVIDE-BY-4 PRESCALER MODULE, 0.5 - 18 GHz
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 2 PRESCALER
UPB1510GV CEL-UPB1510GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 4 PRESCALER
logo
NEC
UPB587B NEC-UPB587B Datasheet
113Kb / 5P
   1.0 GHz DIVIDE- BY- 2/4/8 PRESCALER
UPG503B NEC-UPG503B Datasheet
57Kb / 4P
   9 GHz DIVIDE-BY-4 DYNAMIC PRESCALER
logo
Hittite Microwave Corpo...
HMC-C007 HITTITE-HMC-C007 Datasheet
512Kb / 4P
   DIVIDE-BY-8 PRESCALER MODULE, 0.5 - 18 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com