Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4528-1 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4528-1
Description  Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4528-1 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4528-1 Datasheet HTML 5Page - Analog Devices ADA4528-1 Datasheet HTML 6Page - Analog Devices ADA4528-1 Datasheet HTML 7Page - Analog Devices ADA4528-1 Datasheet HTML 8Page - Analog Devices ADA4528-1 Datasheet HTML 9Page - Analog Devices ADA4528-1 Datasheet HTML 10Page - Analog Devices ADA4528-1 Datasheet HTML 11Page - Analog Devices ADA4528-1 Datasheet HTML 12Page - Analog Devices ADA4528-1 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADA4528-1
Rev. 0 | Page 9 of 20
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
0
0.51.01.52.02.5
3.03.54.04.55.05.5
VSY (V)
+125°C
–40°C
+85°C
+25°C
1.0
1.2
1.4
1.6
1.8
2.0
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
VSY = 5.0V
VSY = 2.5V
Figure 20. Supply Current vs. Supply Voltage
–90
–30
–45
0
45
90
135
0
30
60
90
120
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VSY = 2.5V
RL = 10kΩ
CL = 100pF
PHASE
GAIN
Figure 21. Open-Loop Gain and Phase vs. Frequency
Figure 23. Supply Current vs. Temperature
–90
–45
0
45
90
135
–30
0
30
60
90
120
1k
10k
100k
1M
10M
FREQUENCY (Hz)
–20
–10
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
0
10
20
30
40
50
60
AV = 100
VSY = 2.5V
AV = 10
AV = 1
Figure 22. Closed-Loop Gain vs. Frequency
VSY = 5V
RL = 10kΩ
CL = 100pF
PHASE
GAIN
Figure 24. Open-Loop Gain and Phase vs. Frequency
–20
–10
0
10
20
30
40
50
60
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AV = 100
VSY = 5V
AV = 10
AV = 1
Figure 25. Closed-Loop Gain vs. Frequency


Similar Part No. - ADA4528-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4528-1 AD-ADA4528-1 Datasheet
879Kb / 24P
   30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
REV. 0
ADA4528-1 AD-ADA4528-1 Datasheet
603Kb / 5P
   Devices Connected
ADA4528-1 AD-ADA4528-1 Datasheet
923Kb / 29P
   36 V, Low Noise, Zero Drift Op Amp
Rev. 0
ADA4528-1 AD-ADA4528-1 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
ADA4528-1ACPZ-R2 AD-ADA4528-1ACPZ-R2 Datasheet
972Kb / 29P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. D
More results

Similar Description - ADA4528-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4528-2ARMZ AD-ADA4528-2ARMZ Datasheet
972Kb / 29P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
REV. D
ADA4528-1 AD-ADA4528-1_17 Datasheet
712Kb / 28P
   Precision, Ultralow Noise, RRIO, Zero-Drift Op Amp
AD707 AD-AD707_15 Datasheet
329Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707 AD-AD707 Datasheet
326Kb / 8P
   Ultralow Drift Op Amp
REV. B
AD707CH AD-AD707CH Datasheet
268Kb / 8P
   Ultralow Drift Op Amp
REV. B
logo
3PEAK INC.
TP5551 3PEAK-TP5551 Datasheet
1Mb / 16P
   Ultra Low Noise, 3.5MHz, Zero Drift, RRIO Op-amps
TP5591 3PEAK-TP5591 Datasheet
1Mb / 15P
   Low Noise, 1.8V, 3.3MHz, RRIO, Zero Drift Op-amps
logo
Analog Devices
ADA4523-1 AD-ADA4523-1 Datasheet
923Kb / 29P
   36 V, Low Noise, Zero Drift Op Amp
Rev. 0
logo
Intersil Corporation
ISL28134_1107 INTERSIL-ISL28134_1107 Datasheet
1Mb / 24P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com