Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z0M300-RC-10 Datasheet(PDF) 9 Page - Superworld Electronics

Part # Z0M300-RC-10
Description  FERRITE CHIP BEADS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z0M300-RC-10 Datasheet(HTML) 9 Page - Superworld Electronics

  Z0M300-RC-10 Datasheet HTML 1Page - Superworld Electronics Z0M300-RC-10 Datasheet HTML 2Page - Superworld Electronics Z0M300-RC-10 Datasheet HTML 3Page - Superworld Electronics Z0M300-RC-10 Datasheet HTML 4Page - Superworld Electronics Z0M300-RC-10 Datasheet HTML 5Page - Superworld Electronics Z0M300-RC-10 Datasheet HTML 6Page - Superworld Electronics Z0M300-RC-10 Datasheet HTML 7Page - Superworld Electronics Z0M300-RC-10 Datasheet HTML 8Page - Superworld Electronics Z0M300-RC-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 9
The force for tearing off cover tape is 15 to 60 grams
a) Products should be handled with care to avoid damage or contamination from perspiration and skin oils.
c) Bulk handling should ensure that abrasion and mechanical shock are minimized.
b) The use of tweezers or vacuum pick up is strongly recommended for individual components.
c) The packaging material should be kept where no chlorine or sulfur exists in the air.
b) Recommended products should be used within 6 months from the time of delivery.
a) Temperature and humidity conditions : -10 ~ 40°C and 30 ~ 70% RH.
To maintain the solderabililty of terminal electrodes :
165° to 180°
2. Transportation :
Application Notice
1. Storage Conditions :
Top cover tape
F
in the arrow direction under the following conditions.
Base tape
(°C)
(%)
5~35
45~85
Room Humidity
Room Temp.
(mm/min)
(hPa)
860~1060
300
Tearing Speed
Room atm
40000
20000
80000
10-3. Packaging Quantity
Bulk (Bags)
Carton
10-4. Tearing Off Force
7000
40000
12000
40000
Chip / Reel
Inner Box
Chip Size
Middle Box
4000
20000
20000
4000
1000
8
1000
7
D1:1.5±0.1
A
P
Ao
10-2.1 Tape Dimension / 12mm
D:1.5+0.1
P2:2±0.05
Po:4±0.1
A
100000
100000
30000
125000
50000
150000
150000
200000
200000
200000
62500
12500
8000
75000
15000
2000
65
2500
3000
4
100000
20000
50000
10000
100000
20000
4000
3 (09)
2000
3 (12)
4000
2
750000
-
300000
500000
375000
75000
250000
50000
15000
10000
10
1.85±0.1
4.95±0.1
3.66±0.1
Z / L
7
Section A-A
Ko
85.40±0.1
6.10±0.1
2.00±0.1
t
6
Series
Size
1.93±0.1
Ao(mm)
4.95±0.1
Bo(mm)
1.93±0.1
Ko(mm)
1.5±0.1
8.0±0.1
0.24±0.05
0.30±0.05
8.0±0.1
1.5±0.1
0.24±0.05
t(mm)
4.0±0.1
P(mm)
1.5±0.1
D1(mm)
11.08.2010
FERRITE CHIP BEADS
Z0 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.


Similar Description - Z0M300-RC-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
   FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com