Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z0M220-RC-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # Z0M220-RC-10
Description  FERRITE CHIP BEADS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z0M220-RC-10 Datasheet(HTML) 2 Page - Superworld Electronics

  Z0M220-RC-10 Datasheet HTML 1Page - Superworld Electronics Z0M220-RC-10 Datasheet HTML 2Page - Superworld Electronics Z0M220-RC-10 Datasheet HTML 3Page - Superworld Electronics Z0M220-RC-10 Datasheet HTML 4Page - Superworld Electronics Z0M220-RC-10 Datasheet HTML 5Page - Superworld Electronics Z0M220-RC-10 Datasheet HTML 6Page - Superworld Electronics Z0M220-RC-10 Datasheet HTML 7Page - Superworld Electronics Z0M220-RC-10 Datasheet HTML 8Page - Superworld Electronics Z0M220-RC-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 2
6. ELECTRICAL CHARACTERISTICS :
Part Number
Impedance
(
)
DC Resistance
( Hz )
Frequency
Test
Max.
(
)
( mA )
Rated Current
7. IMPEDANCE VS. FREQUENCY CURVES :
11.08.2010
Max.
Z0K121-RB-
120 ± 25%
100M
0.50
200
Z0K181-RA-
180 ± 25%
100M
0.70
100
Z0M100-RE-
10 ± 25%
100M
0.15
500
Z0M220-RC-
22 ± 25%
100M
0.20
300
Z0M300-RC-
30 ± 25%
100M
0.25
300
Z0M470-RB-
47 ± 25%
100M
0.30
200
Z0M600-RA-
60 ± 25%
100M
0.30
100
FERRITE CHIP BEADS
Z0 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
11 0
100
1000
FREQ UENC Y(M Hz)
0
10 0
20 0
30 0
40 0
FCM0603KF-121T02
Z
R
X
Z0K 121-RB-10
Z0K121-RB-
1
10
100
1000
FREQUENC Y(M H z)
0
100
200
300
400
500
FCM0603KF-181T01
Z
R
X
Z0K181-RA-10
Z0K181-RA-
1
10
100
1000
FREQU EN CY(M Hz)
0
10
20
30
40
50
FCM 0603MF-100T05
Z
R
X
Z0M100-RE-10
Z0M100-RE-
110
100
1000
FREQU ENCY(MHz)
0
40
80
120
FCM0603MF-220T03
Z
R
X
Z0M220-RC-10
Z0M220-RC-


Similar Description - Z0M220-RC-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
   FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com