Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z0K121-RB-10 Datasheet(PDF) 8 Page - Superworld Electronics

Part # Z0K121-RB-10
Description  FERRITE CHIP BEADS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z0K121-RB-10 Datasheet(HTML) 8 Page - Superworld Electronics

  Z0K121-RB-10 Datasheet HTML 1Page - Superworld Electronics Z0K121-RB-10 Datasheet HTML 2Page - Superworld Electronics Z0K121-RB-10 Datasheet HTML 3Page - Superworld Electronics Z0K121-RB-10 Datasheet HTML 4Page - Superworld Electronics Z0K121-RB-10 Datasheet HTML 5Page - Superworld Electronics Z0K121-RB-10 Datasheet HTML 6Page - Superworld Electronics Z0K121-RB-10 Datasheet HTML 7Page - Superworld Electronics Z0K121-RB-10 Datasheet HTML 8Page - Superworld Electronics Z0K121-RB-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 8
P2:2±0.05
Po:4±0.1
P
D1:1±0.1
Ao
A
Ko
Section A-A
4
5
2
Z / L
3(12)
3(09)
Material : Plastic
Po:4±0.1
P
P2:2±0.1
Ko
Ao
D:1.5+0.1
A
t
Series
Size
D:1.56
+0.1
-0.05
3(09)
t
2
Z / L
1
1.88±0.10
2.77±0.10
3.50±0.10
3.42±0.10
1.27±0.10
1.55±0.10
1.05±0.10
1.50±0.10
1.42±0.10
1.95±0.10
2.35±0.10
2.25±0.10
1.05±0.10
1.45±0.10
1.04±0.10
0.22±0.05
0.22±0.05
4.0±0.1
4.0±0.1
1.0±0.1
1.0±0.1
0.23±0.05
0.22±0.05
0.22±0.05
4.0±0.1
4.0±0.1
4.0±0.1
none
1.0±0.1
1.0±0.1
Ao(mm)
Bo(mm)
Ko(mm)
t(mm)
P(mm)
D1(mm)
0.95±0.05
2.30±0.05 1.50±0.05
1.05±0.05
0.62±0.03
1.85±0.05
1.12±0.03
0.95±0.05
0.60±0.03
none
4.0±0.1
0.95±0.05
0.95±0.05
0.60±0.03
4.0±0.1
2.0±0.1
none
none
13.5±0.5
R1.9
P
Po:4±0.1
Material : Paper
10-2 Tape Dimension / 8mm
P2:2±0.1
Ao
D:1.5
+0.1
-0.0
Series
Ko
Size
0
t
120°
10-1. Reel Dimension
10. PACKAGING INFORMATION :
A
7" x 8mm
7" x 12mm
2±0.5
R0.5
Ao(mm)
0.38±0.05
Bo(mm)
0.68±0.05
Ko(mm)
0.50 Max.
t(mm)
0.50 Max.
P(mm)
2.0±0.05
D1(mm)
none
60.0±2.0
60.0±2.0
R10.5
13.5±0.5
9.0±0.5
7" x 12mm
7" x 8mm
178.0±2.0
178.0±2.0
13.5±0.5
13.5±0.5
A(mm)
Type
B(mm)
D(mm)
C(mm)
11.08.2010
FERRITE CHIP BEADS
Z0 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.


Similar Part No. - Z0K121-RB-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z0K121-RB-10 SUPERWORLD-Z0K121-RB-10 Datasheet
233Kb / 9P
   FERRITE CHIP BEADS
Z0K121-RB-10 SUPERWORLD-Z0K121-RB-10 Datasheet
233Kb / 9P
   FERRITE CHIP BEADS
More results

Similar Description - Z0K121-RB-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
   FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com