Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC651202L Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC651202L
Description  4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC651202L Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC651202L Datasheet HTML 1Page - Sanyo Semicon Device LC651202L Datasheet HTML 2Page - Sanyo Semicon Device LC651202L Datasheet HTML 3Page - Sanyo Semicon Device LC651202L Datasheet HTML 4Page - Sanyo Semicon Device LC651202L Datasheet HTML 5Page - Sanyo Semicon Device LC651202L Datasheet HTML 6Page - Sanyo Semicon Device LC651202L Datasheet HTML 7Page - Sanyo Semicon Device LC651202L Datasheet HTML 8Page - Sanyo Semicon Device LC651202L Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
CMOS LSI
Ordering number : EN*5190
93096HA (OT) No. 5190-1/35
Preliminary
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
4-Bit Single-Chip Microcontrollers for Small-Scale
Control Applications
LC651204N/F/L, LC651202N/F/L
Overview
The LC651204N/F/L and LC651202N/F/L are small-scale
application microcontroller products in Sanyo's LC6500
series of 4-bit single-chip CMOS microcontrollers, and as
such they fully support the basic architecture and
instruction set of that series. These microcontrollers are
provided in a 30-pin package and include 2 kilobytes (KB)
and 4 KB of on-chip ROM. These products are
appropriate for use in a wide range of applications, from
applications that use a small number of controls and
circuits that were previously implemented in standard
logic to larger scale applications including audio
equipment such as decks and players, office equipment,
communications equipment, automotive equipment, and
home appliances. Except for the lack of an A/D converter,
these microcontrollers provide the same functionality as
the LC651104, 02N/F/L.
Features
• Fabricated in a CMOS process for low power (An
instruction-controlled standby function is provided.)
• ROM/RAM
LC651204N/F/L - ROM: 4K
× 8 bits, RAM: 256 × 4 bits
LC651202N/F/L - ROM: 2K
× 8 bits, RAM: 256 × 4 bits
• Instruction set: The 80-instruction set provided by all
members of the LC6500 series.
• Wide operating power-supply voltage range of 2.5 to 5.5
volts (L version)
• Instruction cycle time: 0.92 µs (F version)
• On-chip serial I/O circuit
• Highly flexible I/O ports
— Number of ports: 6 ports with a total of 22 pins
— All ports:
Can be used for both input and output
I/O voltage:
15 V maximum (Only for C,
D, E, and F ports with open-
drain output specifications)
Output current: 20 mA maximum sink current
(Capable of directly driving
LEDs.)
— Options that allow specifications to be customized to
match those of the application system.
Specification of open-drain output or built-in pull-
up resistor: can be specified for all ports in bit
units.
Specification of the output level at reset: Can be
specified to be high or low for ports C and D in
port units.
• Interrupt functions
— Timer overflow vector interrupt (The interrupt state
can be tested by the CPU.)
— Vector interrupts initiated by the INT pin or
full/empty states of the serial I/O circuit. (The
interrupt state can be tested by the CPU.)
• Stack levels: 8 levels (shared with interrupts)
• Timers: 4-bit prescaler plus 8-bit programmable timers
• Clock oscillator options to match application system
specifications.
— Oscillator circuit options: 2-pin ceramic oscillator (N,
F, and L versions)
— Divider circuit option: No divider, built-in divide-by-
three circuit, built-in divide-by-four circuit (N and L
versions)
• Supports continuous output of a square wave signal
(with a period 64 times the cycle time)
• Watchdog timer
— RC time constant scheme
— A watchdog timer function can be allocated to one of
the external pins as an option.
• EP version: LC65E1104, OTP version: LC65P1104


Similar Part No. - LC651202L

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC651202L SANYO-LC651202L Datasheet
261Kb / 14P
   One-Time Programmable 4-Bit Single-Chip Microcontroller
More results

Similar Description - LC651202L

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC651306A SANYO-LC651306A Datasheet
697Kb / 21P
   4-Bit Single-Chip Microcontroller for Small-Scale Control Applications
LC651154N SANYO-LC651154N Datasheet
336Kb / 39P
   Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
LC651432N SANYO-LC651432N Datasheet
374Kb / 39P
   Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
LC651104N SANYO-LC651104N Datasheet
854Kb / 35P
   Single-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications
LC6527C SANYO-LC6527C Datasheet
1Mb / 32P
   Single Chip 4 Bit Microcomputers for Small scale control oriented applications
LC65F1306A SANYO-LC65F1306A Datasheet
685Kb / 22P
   4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications
LC6527N SANYO-LC6527N Datasheet
962Kb / 42P
   SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS
LC6529N SANYO-LC6529N Datasheet
525Kb / 39P
   4-Bit Microcomputer for Small-Scale Control Applications
LC6543N SANYO-LC6543N Datasheet
1Mb / 49P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS???
LC6543C SANYO-LC6543C Datasheet
1Mb / 41P
   CMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com