Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF1PLUS8001DUD13 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MF1PLUS8001DUD13
Description  Mainstream contactless smart card IC for fast and easy solution development
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1PLUS8001DUD13 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MF1PLUS8001DUD13 Datasheet HTML 5Page - NXP Semiconductors MF1PLUS8001DUD13 Datasheet HTML 6Page - NXP Semiconductors MF1PLUS8001DUD13 Datasheet HTML 7Page - NXP Semiconductors MF1PLUS8001DUD13 Datasheet HTML 8Page - NXP Semiconductors MF1PLUS8001DUD13 Datasheet HTML 9Page - NXP Semiconductors MF1PLUS8001DUD13 Datasheet HTML 10Page - NXP Semiconductors MF1PLUS8001DUD13 Datasheet HTML 11Page - NXP Semiconductors MF1PLUS8001DUD13 Datasheet HTML 12Page - NXP Semiconductors MF1PLUS8001DUD13 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MF1PLUSX0Y1_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 21 February 2011
163532
9 of 20
NXP Semiconductors
MF1PLUSx0y1
Mainstream contactless smart card IC
Security Level 2
8.2.2 ISO/IEC 14443-4 Protocol
The ISO/IEC 14443-4 Protocol (also known as T=CL) is used in many processor cards.
This protocol is used for the MIFARE Plus with the following security levels:
Security Level 0: all commands
Security Level 1: only the security level switch and originality function
Security Level 2: updating AES keys and configuration blocks as well as the security
level switch and originality function
Security Level 3: all commands
8.3 Security level switching
The MIFARE Plus X offers a unique feature to support migration from CRYPTO1 based
systems to AES based operation. The migration on the card-side is done using different
security levels supporting different cryptographic algorithms and protocols. There are four
security levels:
Security level 0: initial delivery configuration, used for card personalization
Security level 1: backwards functional compatibility mode (with MIFARE Classic 1K
and MIFARE Classic 4K) with optional AES authentication
Security level 2: 3-Pass authentication based on AES followed by MIFARE CRYPTO1
authentication, communication secured by MIFARE CRYPTO1
The MIFARE CRYPTO1 uses session keys derived from the AES and MIFARE
CRYPTO1 authentication.
Security level 3: 3-Pass authentication based on AES, data manipulation commands
secured by AES encryption and an AES based MACing method
If the card is a L3 card the Commit Perso command will switch the card directly from
security level 0 to security level 3 instead of security level 1.
The security level switching (i.e. from security level 1 to security level 3) is performed
using the dedicated AES authentication switching keys.
The security level can only be switched from a lower to a higher level, never in the
opposite direction.
8.4 Security level 0
Security level 0 is the initial delivery configuration of the PICC. The card can be operated
either using the backwards compatibility protocol or the ISO/IEC 14443-4 protocol.
In this level, the card can be personalized including the programming of user data as well
as CRYPTO1 and/or AES keys. In addition, the originality function can be used.
The following mandatory AES keys must be written, using the Write Perso command
before the PICC can be switched to security level 1 or security level 3 (for L3 card).


Similar Part No. - MF1PLUS8001DUD13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF1P2101DA4/02 NXP-MF1P2101DA4/02 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
MF1P2101DA6/02 NXP-MF1P2101DA6/02 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
MF1P2101DUD/02 NXP-MF1P2101DUD/02 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
MF1P2101DUF/02 NXP-MF1P2101DUF/02 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
MF1P2131DA4/02 NXP-MF1P2131DA4/02 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
More results

Similar Description - MF1PLUS8001DUD13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF1SPLUSX0Y1 NXP-MF1SPLUSX0Y1 Datasheet
148Kb / 17P
   Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2-21 February 2011
MF1S5009 NXP-MF1S5009 Datasheet
278Kb / 32P
   Mainstream contactless smart card IC for fast and easy solution development
Rev. 3-27 July 2010
MF1S503X NXP-MF1S503X Datasheet
437Kb / 37P
   MIFARE Classic 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.1-21 February 2011
MF1S50YYX_V1 NXP-MF1S50YYX_V1 Datasheet
467Kb / 36P
   MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 May 2018
MF1S70YYX_V1 NXP-MF1S70YYX_V1 Datasheet
458Kb / 37P
   MIFARE Classic EV1 4K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 November 2017
logo
Advantech Co., Ltd.
ARK-1380 ADVANTECH-ARK-1380 Datasheet
409Kb / 2P
   Mainstream Solution for Space Critical Applications
logo
NXP Semiconductors
MF1SEP10X1 NXP-MF1SEP10X1 Datasheet
160Kb / 17P
   MIFARE PLUS SE - Secure contactless smart card IC for seamless migration
Rev.3.1-16 March2017
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
MF-RD700 NXP-MF-RD700 Datasheet
198Kb / 18P
   PEGODA Contactless Smart Card Reader
Revision 2.0
logo
Cherry Semiconductor Co...
JT-0300WB-2 CHERRY-JT-0300WB-2 Datasheet
82Kb / 2P
   Class 1 Terminal for Contact and Contactless Smart Cards:
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com