Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSN-775A+ Datasheet(PDF) 5 Page - Mini-Circuits

Part # KSN-775A+
Description  Frequency Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KSN-775A+ Datasheet(HTML) 5 Page - Mini-Circuits

  KSN-775A+ Datasheet HTML 1Page - Mini-Circuits KSN-775A+ Datasheet HTML 2Page - Mini-Circuits KSN-775A+ Datasheet HTML 3Page - Mini-Circuits KSN-775A+ Datasheet HTML 4Page - Mini-Circuits KSN-775A+ Datasheet HTML 5Page - Mini-Circuits KSN-775A+ Datasheet HTML 6Page - Mini-Circuits KSN-775A+ Datasheet HTML 7Page - Mini-Circuits KSN-775A+ Datasheet HTML 8Page - Mini-Circuits KSN-775A+ Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Page 5 of 10
KSN-775A+
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
Frequency Synthesizer
REFERENCE
SPURIOUS
ORDER
REFERENCE SPURIOUS
@Fcarrier
740MHz+(n*Freference)
(dBc) note 3
REFERENCE SPURIOUS
@Fcarrier
757.6MHz+(n*Freference)
(dBc) note 3
REFERENCE SPURIOUS
@Fcarrier
775MHz+(n*Freference)
(dBc) note 3
n
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-5
-117.30
-125.13
-114.32
-119.54
-117.71
-114.95
-115.35
-115.28
-111.90
-4
-97.06
-97.81
-99.51
-96.92
-97.07
-97.93
-95.21
-95.57
-96.39
-3
-100.81
-101.45
-102.96
-98.19
-98.65
-100.14
-94.99
-95.48
-96.81
-2
-91.47
-92.76
-94.04
-104.28
-106.22
-106.37
-107.39
-109.95
-111.51
-1
-107.10
-108.28
-109.93
-107.19
-108.49
-110.29
-106.95
-108.52
-109.32
0note 4
-
-
-
-
-
-
-
-
-
+1
-106.78
-106.32
-107.18
-106.21
-106.07
-106.53
-106.71
-106.08
-106.02
+2
-108.49
-108.33
-108.34
-104.62
-106.36
-107.89
-102.96
-104.81
-105.80
+3
-106.05
-107.18
-106.95
-105.48
-106.67
-106.69
-103.79
-104.13
-104.25
+4
-103.66
-103.81
-105.59
-103.76
-104.50
-105.68
-103.96
-103.75
-105.33
+5
-119.45
-120.56
-119.04
-118.41
-128.90
-123.50
-128.17
-128.96
-124.91
COMPARISON
SPURIOUS
ORDER
COMPARISON SPURIOUS
@Fcarrier
740MHz+(n*Fcomparison)
(dBc) note 1
COMPARISON SPURIOUS
@Fcarrier
757.6MHz+(n*Fcomparison)
(dBc) note 1
COMPARISON SPURIOUS
@Fcarrier
775MHz+(n*Fcomparison)
(dBc) note 1
n
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-5
-111.45
-112.28
-111.31
-110.99
-111.84
-109.18
-117.17
-113.84
-117.16
-4
-113.33
-111.56
-105.43
-109.48
-107.51
-108.99
-117.26
-114.64
-111.92
-3
-101.10
-101.93
-98.98
-101.15
-99.99
-100.45
-100.86
-101.02
-113.35
-2
-108.12
-96.49
-93.10
-97.26
-98.58
-96.07
-109.22
-106.47
-106.36
-1
-95.76
-87.46
-86.82
-94.30
-92.62
-90.30
-96.80
-98.76
-96.67
0note 2
-
-
-
-
-
-
-
-
-
+1
-97.36
-88.21
-86.90
-91.74
-93.26
-90.79
-94.63
-94.50
-93.79
+2
-109.30
-95.87
-93.95
-97.85
-96.28
-95.55
-108.47
-110.09
-107.19
+3
-100.48
-102.29
-98.14
-102.00
-102.15
-101.21
-100.91
-101.09
-110.46
+4
-112.08
-109.05
-105.75
-108.68
-109.61
-108.24
-115.64
-118.66
-114.23
+5
-110.16
-111.16
-114.21
-111.89
-112.71
-109.18
-115.90
-117.35
-114.78
Note 1: Comparison frequency 200 kHz
Note 2: All spurs are referenced to carrier signal (n=0).
Note 3: Reference frequency 52 MHz
Note 4: All spurs are referenced to carrier signal (n=0).


Similar Part No. - KSN-775A+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KSN-772A-119 MINI-KSN-772A-119 Datasheet
778Kb / 11P
   Frequency Synthesizer
KSN-772A-119++ MINI-KSN-772A-119+ Datasheet
778Kb / 11P
   Frequency Synthesizer
More results

Similar Description - KSN-775A+

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com