Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF1SPLUS6011DUD03 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # MF1SPLUS6011DUD03
Description  Mainstream contactless smart card IC for fast and easy solution development
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1SPLUS6011DUD03 Datasheet(HTML) 5 Page - NXP Semiconductors

  MF1SPLUS6011DUD03 Datasheet HTML 1Page - NXP Semiconductors MF1SPLUS6011DUD03 Datasheet HTML 2Page - NXP Semiconductors MF1SPLUS6011DUD03 Datasheet HTML 3Page - NXP Semiconductors MF1SPLUS6011DUD03 Datasheet HTML 4Page - NXP Semiconductors MF1SPLUS6011DUD03 Datasheet HTML 5Page - NXP Semiconductors MF1SPLUS6011DUD03 Datasheet HTML 6Page - NXP Semiconductors MF1SPLUS6011DUD03 Datasheet HTML 7Page - NXP Semiconductors MF1SPLUS6011DUD03 Datasheet HTML 8Page - NXP Semiconductors MF1SPLUS6011DUD03 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MF1SPLUSX0Y1_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 21 February 2011
187032
5 of 17
NXP Semiconductors
MF1SPLUSx0y1
Mainstream contactless smart card IC
8.
Functional description
8.1 Memory organization
The 4 kB EEPROM memory (MF1SPLUS80x) is organized in 32 sectors of 4 blocks and
in 8 sectors of 16 blocks. The 2 kB EEPROM memory (MF1SPLUS60x) is organized in
32 sectors of 4 blocks.
One block consists of 16 bytes.
8.1.1 Manufacturer block
The first data block (block 0) of the first sector (sector 0) contains the PICC manufacturer
data. This block is programmed and write protected at production test.
8.1.2 Data blocks
Sectors 0D to 31D contain 3 blocks each and sectors 32D to 39D contain 15 blocks for data
storage. The data blocks can be configured using the access bits as:
read/write blocks for storing binary data
value blocks (only available in security level 1)
(1) CRYPTO1 Key A in security level 0, 1, 2; plain text access byte in security level 3
Fig 3.
Memory organization
001aaj843
SECTOR
BLOCK
DESCRIPTION
0
39
32
31
0
15
CRYPTO1 key A
access bytes
BYTE NUMBERS WITHIN A BLOCK
CRYPTO1 key B or data
CRYPTO1 key A
access bytes
CRYPTO1 key B or data
CRYPTO1 key A
access bytes
CRYPTO1 key B or data
CRYPTO1 key A
access bytes
CRYPTO1 key B or data
14
13
...
...
2
1
0
15
14
13
...
...
2
1
0
...
3
...
...
...
...
...
2
1
0
3
2
1
sector trailer 39
data
data
...
...
data
data
data
sector trailer 32
data
data
...
...
data
data
data
...
sector trailer 31
...
...
...
...
...
data
data
data
sector trailer 0
data
data
manufacturer data
0
1
2
3
4
5(1)
6
7
8
9
10
11
12
13
14
15


Similar Part No. - MF1SPLUS6011DUD03

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
MF1S WELWYN-MF1S Datasheet
67Kb / 2P
   Power Metal Film Resistors
logo
TT Electronics.
MF1S TTELEC-MF1S Datasheet
304Kb / 3P
   Flameproof protection
logo
Rosenberger Hochfrequen...
MF1S111-101L5-NM ROSENBERGER-MF1S111-101L5-NM Datasheet
643Kb / 2P
   straight plug
MF1S111-199L-NM ROSENBERGER-MF1S111-199L-NM Datasheet
51Kb / 2P
   straight plug
MF1S111-1H8L5-NM ROSENBERGER-MF1S111-1H8L5-NM Datasheet
109Kb / 2P
   straight plug
More results

Similar Description - MF1SPLUS6011DUD03

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF1S5009 NXP-MF1S5009 Datasheet
278Kb / 32P
   Mainstream contactless smart card IC for fast and easy solution development
Rev. 3-27 July 2010
MF1PLUSX0Y1 NXP-MF1PLUSX0Y1 Datasheet
163Kb / 20P
   Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2-21 February 2011
MF1S503X NXP-MF1S503X Datasheet
437Kb / 37P
   MIFARE Classic 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.1-21 February 2011
MF1S50YYX_V1 NXP-MF1S50YYX_V1 Datasheet
467Kb / 36P
   MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 May 2018
MF1S70YYX_V1 NXP-MF1S70YYX_V1 Datasheet
458Kb / 37P
   MIFARE Classic EV1 4K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 November 2017
logo
Advantech Co., Ltd.
ARK-1380 ADVANTECH-ARK-1380 Datasheet
409Kb / 2P
   Mainstream Solution for Space Critical Applications
logo
NXP Semiconductors
MF1SEP10X1 NXP-MF1SEP10X1 Datasheet
160Kb / 17P
   MIFARE PLUS SE - Secure contactless smart card IC for seamless migration
Rev.3.1-16 March2017
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
MF-RD700 NXP-MF-RD700 Datasheet
198Kb / 18P
   PEGODA Contactless Smart Card Reader
Revision 2.0
logo
Cherry Semiconductor Co...
JT-0300WB-2 CHERRY-JT-0300WB-2 Datasheet
82Kb / 2P
   Class 1 Terminal for Contact and Contactless Smart Cards:
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com