Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC1225FBD48301 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # LPC1225FBD48301
Description  32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1225FBD48301 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button LPC1225FBD48301 Datasheet HTML 7Page - NXP Semiconductors LPC1225FBD48301 Datasheet HTML 8Page - NXP Semiconductors LPC1225FBD48301 Datasheet HTML 9Page - NXP Semiconductors LPC1225FBD48301 Datasheet HTML 10Page - NXP Semiconductors LPC1225FBD48301 Datasheet HTML 11Page - NXP Semiconductors LPC1225FBD48301 Datasheet HTML 12Page - NXP Semiconductors LPC1225FBD48301 Datasheet HTML 13Page - NXP Semiconductors LPC1225FBD48301 Datasheet HTML 14Page - NXP Semiconductors LPC1225FBD48301 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
LPC122X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1.1 — 21 February 2011
11 of 60
NXP Semiconductors
LPC122x
32-bit ARM Cortex-M0 microcontroller
PIO0_27/ACMP0_O
12 12
[7]
no
I/O
I; PU
PIO0_27 — General purpose digital input/output pin
(high-current output driver).
O-
ACMP0_O — Output for comparator 0.
PIO0_28/ACMP1_O/
CT16B0_CAP0/
CT16B0_MAT0
13 17
[7]
no
I/O
I; PU
PIO0_28 — General purpose digital input/output pin
(high-current output driver).
O-
ACMP1_O — Output for comparator 1.
I-
CT16B0_CAP0 — Capture input, channel 0 for 16-bit timer 0.
O-
CT16B0_MAT0 — Match output, channel 0 for 16-bit timer 0.
PIO0_29/ROSC/
CT16B0_CAP1/
CT16B0_MAT1
14 18
[7]
no
I/O
I; PU
PIO0_29 — General purpose digital input/output pin
(high-current output driver).
I/O
-
ROSC — Relaxation oscillator for 555 timer applications.
I-
CT16B0_CAP1 — Capture input, channel 1 for 16-bit timer 0.
O-
CT16B0_MAT1 — Match output, channel 1 for 16-bit timer 0.
R/PIO0_30/AD0
34 46
[5]
no
I
I; PU
R — Reserved. Configure for an alternate function in the
IOCONFIG block.
I/O
-
PIO0_30 — General purpose digital input/output pin.
I-
AD0 — A/D converter, input 0.
R/PIO0_31/AD1
35 47
[5]
no
I
I; PU
R — Reserved. Configure for an alternate function in the
IOCONFIG block.
I/O
-
PIO0_31 — General purpose digital input/output pin.
I-
AD1 — A/D converter, input 1.
PIO1_0 to PIO1_6
I/O
Port 1 — Port 1 is a 32-bit I/O port with individual direction and
function controls for each bit. The operation of port 1 pins
depends on the function selected through the IOCONFIG
register block. Pins PIO1_7 through PIO1_31 are not available.
R/PIO1_0/AD2
36 48
[5]
no
O
I; PU
R — Reserved. Configure for an alternate function in the
IOCONFIG block.
I/O
-
PIO1_0 — General purpose digital input/output pin.
I-
AD2 — A/D converter, input 2.
R/PIO1_1/AD3
37 49
[5]
no
I
I; PU
R — Reserved. Configure for an alternate function in the
IOCONFIG block.
I/O
-
PIO1_1 — General purpose digital input/output pin.
I-
AD3 — A/D converter, input 3.
PIO1_2/SWDIO/AD4
38 50
[5]
no
I/O
I; PU
PIO1_2 — General purpose digital input/output pin.
I/O
-
SWDIO — Serial wire debug input/output, alternate location.
I-
AD4 — A/D converter, input 4.
PIO1_3/AD5/WAKEUP
39 51
[6]
no
I/O
I; PU
PIO1_3 — General purpose digital input/output pin.
I-
AD5 — A/D converter, input 5.
I-
WAKEUP — Deep power-down mode wake-up pin.
PIO1_4/AD6
40 52
[5]
no
I/O
I; PU
PIO1_4 — General purpose digital input/output pin.
I-
AD6 — A/D converter, input 6.
Table 3.
LPC122x pin description …continued
Symbol
Start
logic
input
Type Reset
state
[1]
Description


Similar Part No. - LPC1225FBD48301

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1225FBD48-301 NXP-LPC1225FBD48-301 Datasheet
210Kb / 2P
   Up to 128 KB Flash and configurable peripherals for industrial control
February 2011
LPC1225FBD48-321 NXP-LPC1225FBD48-321 Datasheet
210Kb / 2P
   Up to 128 KB Flash and configurable peripherals for industrial control
February 2011
More results

Similar Description - LPC1225FBD48301

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC122X_1108 NXP-LPC122X_1108 Datasheet
513Kb / 61P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Rev. 2-26 August 2011
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
logo
Holtek Semiconductor In...
HT32F52243 HOLTEK-HT32F52243 Datasheet
6Mb / 44P
   32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
LPC1102 NXP-LPC1102_V01 Datasheet
683Kb / 43P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
LPC1102 NXP-LPC1102_11 Datasheet
292Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 3-18 April 2011
LPC1102 NXP-LPC1102 Datasheet
255Kb / 38P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 00.04-23 June 2010
LPC11E3X NXP-LPC11E3X Datasheet
1Mb / 71P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USART
Rev.2.3-11 September 2014
LPC81XM PHILIPS-LPC81XM_15 Datasheet
739Kb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 4.4-23 June 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com