Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MFEV710 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MFEV710
Description  Pegoda EV710 SAM support in standard or x-mode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MFEV710 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MFEV710 Datasheet HTML 2Page - NXP Semiconductors MFEV710 Datasheet HTML 3Page - NXP Semiconductors MFEV710 Datasheet HTML 4Page - NXP Semiconductors MFEV710 Datasheet HTML 5Page - NXP Semiconductors MFEV710 Datasheet HTML 6Page - NXP Semiconductors MFEV710 Datasheet HTML 7Page - NXP Semiconductors MFEV710 Datasheet HTML 8Page - NXP Semiconductors MFEV710 Datasheet HTML 9Page - NXP Semiconductors MFEV710 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MFEV710_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3 — 14 February 2011
202630
6 of 12
NXP Semiconductors
MFEV710
Pegoda EV710
The reader library requires a dedicated build for a usage of the CLRD710 functionality in
No -SAM, SAM “X-mode” or SAM “Direct-mode”.
Building the software stack for a specific reader mode requires therefore different software
models to be generated. The three types of operating modes within the PC/SC mode are:
No SAM mode
The most important aspect of this mode is performing activation and polling sequence
for ISO 14443 A type cards as defined in PC/SC part 3. Selected cards are put in slot
manager and notification is sent to PC/SC driver. There can be only one ISO 14443-3
card or multiple (maximum 14) ISO 14443-4 cards in the field.
SAM in non X-mode
The most important aspect of this mode is performing activation and polling sequence
for ISO 14443 A type cards as defined in PC/SC part 3. Selected cards are put in slot
manager and notification is sent to PC/SC driver. There can be only one ISO 14443-3
card or multiple (maximum 14) ISO 14443-4 cards in the field.
SAM in X-mode
In this mode communication is only through SAM (slot 0). Only limited number of
proprietary commands can be executed
The NXP reader library is available over the NXP BU-ID docu control service, please refer
to Ref. 12. An application note, see Ref. 3, gives an overview how to create your on
application as a project within the NXP reader library.
7.3.3 MIFAREdiscover
MIFAREdiscover is the Graphical User Interface of the CLRD710 software package. It
supports easy and fast application development for ISO/IEC 14443 type Smartcards by
providing multiple views to the content and protocols of the cards. It is supplied over our
NXP BU-ID docu control service, please refer to Ref. 11. A very first guideline to install all
necessary parts and do the first steps with this Graphical User Interface is given in Ref. 5.
7.4 Certification
The CLRD710 went successfully through the following certification processes:
EMC, certification to comply with EN 301 489-1 V1.6.1 (2005-09); EN 301 489-3
V1.4.1(2002-08); IEC 60950-1:2005; EN 60950-1:2006
FCC, certification to comply with FCC Part 15, Subpart C
MIFARE certification institute to comply with Test plan for MIFARE Air-Interface
Compatibility Certification of Terminals Qualification of Readers Single and Double
UID Version 2.4 Date of Issue: 29.03.2010
CE


Similar Part No. - MFEV710

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFEV730 NXP-MFEV730 Datasheet
3Mb / 36P
   PEGODA contactless smart card reader based on open-controller NFC reader PN7642 with optional contact interface
Rev. 3.0 - 6 July 2023
MFEV730 NXP-MFEV730 Datasheet
3Mb / 35P
   Pegoda Smart Card Reader based on PN7642
Rev. 3.1 - 31 August 2023
MFEV730 NXP-MFEV730 Datasheet
3Mb / 37P
   Pegoda smart card reader based on PN7642
Rev. 3.2 - 6 November 2023
More results

Similar Description - MFEV710

ManufacturerPart #DatasheetDescription
logo
C&K Components
CCM01-6101 CK-COMPONENTS-CCM01-6101 Datasheet
168Kb / 3P
   Available in standard or reverse card
2008
logo
Austin Semiconductor
SMJ44C251B AUSTIN-SMJ44C251B Datasheet
1Mb / 57P
   256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
logo
PHOENIX CONTACT
2700000 PHOENIX-2700000 Datasheet
43Kb / 2P
   Software - Standard support subscription
2692717 PHOENIX-2692717 Datasheet
73Kb / 4P
   Optional use of the IO-Link ports in SIO mode as standard inputs or standard outputs
logo
Intersil Corporation
ISL6550A INTERSIL-ISL6550A Datasheet
287Kb / 11P
   SAM Supervisor And Monitor
logo
NXP Semiconductors
P5DF081 NXP-P5DF081 Datasheet
240Kb / 36P
   MIFARE SAM AV2
Rev. 1-12 August 2010
logo
AAEON Technology
OMNI-3155HTT-BT-A1-1010 AAEON-OMNI-3155HTT-BT-A1-1010 Datasheet
197Kb / 2P
   P-CAP or Resistive Touch Support
logo
NXP Semiconductors
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
MF-RD700 NXP-MF-RD700 Datasheet
198Kb / 18P
   PEGODA Contactless Smart Card Reader
Revision 2.0
logo
Tripp Lite. All Rights ...
SRLCEILINGKIT TRIPPLITE-SRLCEILINGKIT Datasheet
162Kb / 2P
   Ceiling Support Kit for 12 in. or 18 in. Cable Runway, Straight and 90-Degree
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com