Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC1225FBD64301 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC1225FBD64301
Description  32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1225FBD64301 Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC1225FBD64301 Datasheet HTML 1Page - NXP Semiconductors LPC1225FBD64301 Datasheet HTML 2Page - NXP Semiconductors LPC1225FBD64301 Datasheet HTML 3Page - NXP Semiconductors LPC1225FBD64301 Datasheet HTML 4Page - NXP Semiconductors LPC1225FBD64301 Datasheet HTML 5Page - NXP Semiconductors LPC1225FBD64301 Datasheet HTML 6Page - NXP Semiconductors LPC1225FBD64301 Datasheet HTML 7Page - NXP Semiconductors LPC1225FBD64301 Datasheet HTML 8Page - NXP Semiconductors LPC1225FBD64301 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
LPC122X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Objective data sheet
Rev. 1.1 — 21 February 2011
4 of 60
NXP Semiconductors
LPC122x
32-bit ARM Cortex-M0 microcontroller
4.
Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number
Package
Name
Description
Version
LPC1227FBD64/301 LQFP64 LQFP64: plastic low profile quad flat package; 64 leads; body 10
 10  1.4 mm SOT314-2
LPC1226FBD64/301 LQFP64 LQFP64: plastic low profile quad flat package; 64 leads; body 10
 10  1.4 mm SOT314-2
LPC1225FBD64/321 LQFP64 LQFP64: plastic low profile quad flat package; 64 leads; body 10
 10  1.4 mm SOT314-2
LPC1225FBD64/301 LQFP64 LQFP64: plastic low profile quad flat package; 64 leads; body 10
 10  1.4 mm SOT314-2
LPC1224FBD64/121 LQFP64 LQFP64: plastic low profile quad flat package; 64 leads; body 10
 10  1.4 mm SOT314-2
LPC1224FBD64/101 LQFP64 LQFP64: plastic low profile quad flat package; 64 leads; body 10
 10  1.4 mm SOT314-2
LPC1227FBD48/301 LQFP48 LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7  1.4 mm
SOT313-2
LPC1226FBD48/301 LQFP48 LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7  1.4 mm
SOT313-2
LPC1225FBD48/321 LQFP48 LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7  1.4 mm
SOT313-2
LPC1225FBD48/301 LQFP48 LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7  1.4 mm
SOT313-2
LPC1224FBD48/121 LQFP48 LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7  1.4 mm
SOT313-2
LPC1224FBD48/101 LQFP48 LQFP48: plastic low profile quad flat package; 48 leads; body 7
 7  1.4 mm
SOT313-2
Table 2.
Ordering options for LPC122x
Type number
Flash
Total
SRAM
UART
I2C/
FM+
SSP/
SPI
ADC
channels
GPIO Package
LPC1227
LPC1227FBD64/301 128 kB 8 kB
2
1
1
8
55
LQFP64
LPC1227FBD48/301 128 kB 8 kB
2
1
1
8
39
LQFP48
LPC1226
LPC1226FBD64/301 96 kB
8 kB
2
1
1
8
55
LQFP64
LPC1226FBD48/301 96 kB
8 kB
2
1
1
8
39
LQFP48
LPC1225
LPC1225FBD64/321 80 kB
8 kB
2
1
1
8
55
LQFP64
LPC1225FBD64/301 64 kB
8 kB
2
1
1
8
55
LQFP64
LPC1225FBD48/321 80 kB
8 kB
2
1
1
8
39
LQFP48
LPC1225FBD48/301 64 kB
8 kB
2
1
1
8
39
LQFP48
LPC1224
LPC1224FBD64/121 48 kB
4 kB
2
1
1
8
55
LQFP64
LPC1224FBD64/101 32 kB
4 kB
2
1
1
8
55
LQFP64
LPC1224FBD48/121 48 kB
4 kB
2
1
1
8
39
LQFP48
LPC1224FBD48/101 32 kB
4 kB
2
1
1
8
39
LQFP48


Similar Part No. - LPC1225FBD64301

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1225FBD64-301 NXP-LPC1225FBD64-301 Datasheet
210Kb / 2P
   Up to 128 KB Flash and configurable peripherals for industrial control
February 2011
LPC1225FBD64-321 NXP-LPC1225FBD64-321 Datasheet
210Kb / 2P
   Up to 128 KB Flash and configurable peripherals for industrial control
February 2011
More results

Similar Description - LPC1225FBD64301

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC122X_1108 NXP-LPC122X_1108 Datasheet
513Kb / 61P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash and 8 kB SRAM
Rev. 2-26 August 2011
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
logo
Holtek Semiconductor In...
HT32F52243 HOLTEK-HT32F52243 Datasheet
6Mb / 44P
   32-Bit Arm Cortex -M0 Microcontroller, up to 128 KB Flash and 16 KB SRAM
logo
NXP Semiconductors
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
LPC1102 NXP-LPC1102_V01 Datasheet
683Kb / 43P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
LPC1102 NXP-LPC1102_11 Datasheet
292Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 3-18 April 2011
LPC1102 NXP-LPC1102 Datasheet
255Kb / 38P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 00.04-23 June 2010
LPC11E3X NXP-LPC11E3X Datasheet
1Mb / 71P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USART
Rev.2.3-11 September 2014
LPC81XM PHILIPS-LPC81XM_15 Datasheet
739Kb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
Rev. 4.4-23 June 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com