Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF1PLUSX0Y1 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # MF1PLUSX0Y1
Description  Mainstream contactless smart card IC for fast and easy solution development
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1PLUSX0Y1 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button MF1PLUSX0Y1 Datasheet HTML 7Page - NXP Semiconductors MF1PLUSX0Y1 Datasheet HTML 8Page - NXP Semiconductors MF1PLUSX0Y1 Datasheet HTML 9Page - NXP Semiconductors MF1PLUSX0Y1 Datasheet HTML 10Page - NXP Semiconductors MF1PLUSX0Y1 Datasheet HTML 11Page - NXP Semiconductors MF1PLUSX0Y1 Datasheet HTML 12Page - NXP Semiconductors MF1PLUSX0Y1 Datasheet HTML 13Page - NXP Semiconductors MF1PLUSX0Y1 Datasheet HTML 14Page - NXP Semiconductors MF1PLUSX0Y1 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MF1PLUSX0Y1_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product short data sheet
PUBLIC
Rev. 3.2 — 21 February 2011
163532
11 of 20
NXP Semiconductors
MF1PLUSx0y1
Mainstream contactless smart card IC
These two session keys are used to secure the data which is exchanged on the interface
between the card and reader. One of the two keys is used to ensure the confidentiality of
the command and the response while the other key ensures the integrity of the command
and the response.
The reader can decide which security needs to be used in the communication between
PICC and reader. In the simplest case, all commands are secured by a MAC, such that
the PICC will only accept commands from the authenticated reader. Any message
tampering is detected by verifying the MAC. All responses are appended by a MAC to
prove to the reader that neither the command nor the response have been compromised.
If performance is the highest priority, the card can be configured to omit the MAC for read
commands. The card then accepts read commands without knowing whether they are
authentic. However, there is a mechanism to prove to the reader that the read response is
resulting from the unmodified read command that it sent.
Other commands, like write commands, always need to have a MAC appended to ensure
that no memory changes are carried out without proving the authenticity of the command.
The reader can decide for each command whether a MAC is included in the response.
When the appropriate MAC is received, due to linked MACs the reader knows that the
command and commands before it were properly executed.
All commands between two consecutive First Authenticate commands belong to one
transaction and the MACing mechanism assures integrity of the whole transaction.
If the MAC on read responses is omitted, the integrity of all read responses within one
session can still be verified by including a MAC on one read response before issuing the
next First or Following Authenticate command.
If performance matters more than confidentiality of the transaction, each data block in a
sector can be configured to allow or disallow sending/receiving plain data.
9.
Look-up tables
9.1 Security level 0, 1, 2, 3: ISO/IEC 14443-3
Table 4.
ISO/IEC 14443-3
Command
Description
REQA
the REQA and ATQA commands are fully implemented according to
ISO/IEC 14443-3
WUPA
the WAKE-UP command is fully implemented according to
ISO/IEC 14443-3
ANTICOLLISION/SELECT
cascade level 1
the ANTICOLLISION and SELECT commands are fully implemented
according to ISO/IEC 14443-3. The response is part 1 of the UID.
ANTICOLLISION/SELECT
cascade level 2 for 7 byte
UID version
the ANTICOLLISION and SELECT commands are fully implemented
according to ISO/IEC 14443-3. The response is part 2 of the UID.
HALT
the HALT command is fully implemented according to
ISO/IEC 14443-3


Similar Part No. - MF1PLUSX0Y1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF1P2101DA4/02 NXP-MF1P2101DA4/02 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
MF1P2101DA6/02 NXP-MF1P2101DA6/02 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
MF1P2101DUD/02 NXP-MF1P2101DUD/02 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
MF1P2101DUF/02 NXP-MF1P2101DUF/02 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
MF1P2131DA4/02 NXP-MF1P2131DA4/02 Datasheet
246Kb / 33P
   MIFARE Plus EV1
Rev.3.2-6 December2018
More results

Similar Description - MF1PLUSX0Y1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF1SPLUSX0Y1 NXP-MF1SPLUSX0Y1 Datasheet
148Kb / 17P
   Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2-21 February 2011
MF1S5009 NXP-MF1S5009 Datasheet
278Kb / 32P
   Mainstream contactless smart card IC for fast and easy solution development
Rev. 3-27 July 2010
MF1S503X NXP-MF1S503X Datasheet
437Kb / 37P
   MIFARE Classic 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.1-21 February 2011
MF1S50YYX_V1 NXP-MF1S50YYX_V1 Datasheet
467Kb / 36P
   MIFARE Classic EV1 1K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 May 2018
MF1S70YYX_V1 NXP-MF1S70YYX_V1 Datasheet
458Kb / 37P
   MIFARE Classic EV1 4K - Mainstream contactless smart card IC for fast and easy solution development
Rev. 3.2 - 23 November 2017
logo
Advantech Co., Ltd.
ARK-1380 ADVANTECH-ARK-1380 Datasheet
409Kb / 2P
   Mainstream Solution for Space Critical Applications
logo
NXP Semiconductors
MF1SEP10X1 NXP-MF1SEP10X1 Datasheet
160Kb / 17P
   MIFARE PLUS SE - Secure contactless smart card IC for seamless migration
Rev.3.1-16 March2017
CLRD701 PHILIPS-CLRD701 Datasheet
192Kb / 16P
   PEGODA Contactless Smart Card Reader
November 2004
MF-RD700 NXP-MF-RD700 Datasheet
198Kb / 18P
   PEGODA Contactless Smart Card Reader
Revision 2.0
logo
Cherry Semiconductor Co...
JT-0300WB-2 CHERRY-JT-0300WB-2 Datasheet
82Kb / 2P
   Class 1 Terminal for Contact and Contactless Smart Cards:
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com