Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSN-977A-119+ Datasheet(PDF) 5 Page - Mini-Circuits

Part # KSN-977A-119+
Description  Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KSN-977A-119+ Datasheet(HTML) 5 Page - Mini-Circuits

  KSN-977A-119+ Datasheet HTML 1Page - Mini-Circuits KSN-977A-119+ Datasheet HTML 2Page - Mini-Circuits KSN-977A-119+ Datasheet HTML 3Page - Mini-Circuits KSN-977A-119+ Datasheet HTML 4Page - Mini-Circuits KSN-977A-119+ Datasheet HTML 5Page - Mini-Circuits KSN-977A-119+ Datasheet HTML 6Page - Mini-Circuits KSN-977A-119+ Datasheet HTML 7Page - Mini-Circuits KSN-977A-119+ Datasheet HTML 8Page - Mini-Circuits KSN-977A-119+ Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Page 5 of 11
KSN-977A-119+
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
Frequency Synthesizer
FREQUENCY
(MHz)
PHASE NOISE (dBc/Hz) @OFFSETS
+25°C
100Hz
1kHz
10kHz
100kHz
1MHz
937
-89.59
-90.45
-109.73
-137.34
-156.91
939
-90.86
-90.69
-110.25
-137.50
-157.18
946
-88.08
-90.37
-109.73
-137.36
-157.39
953
-90.34
-90.66
-109.32
-137.26
-157.31
960
-90.07
-89.77
-109.26
-137.22
-157.26
967
-88.73
-89.71
-109.54
-136.89
-157.07
974
-88.60
-89.47
-109.03
-136.68
-156.83
977
-89.75
-89.45
-108.95
-135.98
-156.67
FREQUENCY
(MHz)
PHASE NOISE (dBc/Hz) @OFFSETS
-45°C
100Hz
1kHz
10kHz
100kHz
1MHz
937
-89.70
-88.88
-108.12
-136.65
-156.99
939
-90.83
-92.59
-108.04
-136.55
-157.21
946
-88.45
-91.80
-108.09
-136.86
-157.38
953
-88.27
-91.70
-107.76
-136.68
-157.31
960
-87.89
-87.36
-107.70
-136.39
-157.55
967
-91.78
-87.19
-108.52
-135.86
-157.09
974
-86.59
-86.33
-108.95
-135.24
-156.58
977
-86.17
-85.84
-108.34
-134.89
-156.22
FREQUENCY
(MHz)
PHASE NOISE (dBc/Hz) @OFFSETS
+85°C
100Hz
1kHz
10kHz
100kHz
1MHz
937
-91.58
-90.60
-109.24
-136.25
-156.24
939
-89.53
-88.30
-109.35
-136.21
-156.30
946
-89.36
-87.92
-108.75
-136.23
-156.36
953
-90.38
-87.27
-107.96
-136.31
-156.57
960
-89.98
-85.55
-107.83
-136.24
-155.23
967
-89.82
-85.26
-107.34
-136.05
-156.62
974
-89.80
-84.36
-107.47
-135.77
-156.24
977
-88.69
-84.14
-107.34
-135.74
-156.13


Similar Part No. - KSN-977A-119+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KSN-976A-119 MINI-KSN-976A-119 Datasheet
748Kb / 10P
   Frequency Synthesizer
KSN-976A-119++ MINI-KSN-976A-119+ Datasheet
748Kb / 10P
   Frequency Synthesizer
More results

Similar Description - KSN-977A-119+

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com