Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSN-1050A-119 Datasheet(PDF) 6 Page - Mini-Circuits

Part # KSN-1050A-119
Description  Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KSN-1050A-119 Datasheet(HTML) 6 Page - Mini-Circuits

Back Button KSN-1050A-119 Datasheet HTML 2Page - Mini-Circuits KSN-1050A-119 Datasheet HTML 3Page - Mini-Circuits KSN-1050A-119 Datasheet HTML 4Page - Mini-Circuits KSN-1050A-119 Datasheet HTML 5Page - Mini-Circuits KSN-1050A-119 Datasheet HTML 6Page - Mini-Circuits KSN-1050A-119 Datasheet HTML 7Page - Mini-Circuits KSN-1050A-119 Datasheet HTML 8Page - Mini-Circuits KSN-1050A-119 Datasheet HTML 9Page - Mini-Circuits KSN-1050A-119 Datasheet HTML 10Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Page 6 of 11
KSN-1050A-119+
Frequency Synthesizer
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
REFERENCE
SPURIOUS
ORDER
REFERENCE SPURIOUS
@ Fcarrier
970MHz+(n*Freference)
(dBc) note 3
REFERENCE SPURIOUS
@ Fcarrier
1010MHz+(n*Freference)
(dBc) note 3
REFERENCE SPURIOUS
@ Fcarrier
1050MHz+(n*Freference)
(dBc) note 3
n
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-5
-125.32
-108.38
-112.03
-109.11
-110.81
-109.81
-121.51
-107.01
-111.73
-4
-102.94
-110.11
-114.42
-107.45
-118.18
-123.47
-103.87
-110.56
-115.80
-3
-116.07
-110.77
-112.90
-118.88
-112.05
-109.49
-114.85
-110.00
-110.93
-2
-103.97
-112.26
-113.25
-109.08
-113.92
-118.93
-101.78
-108.95
-113.42
-1
-108.65
-107.04
-104.69
-110.29
-103.69
-110.59
-110.13
-107.25
-110.91
0note 4
-
-
-
-
-
-
-
-
-
+1
-106.35
-107.17
-103.05
-104.55
-103.13
-108.04
-105.81
-110.77
-112.40
+2
-109.33
-110.68
-109.10
-105.29
-111.86
-110.12
-109.11
-109.98
-108.38
+3
-112.93
-110.46
-116.62
-112.42
-108.99
-107.92
-114.60
-111.42
-112.65
+4
-104.86
-108.58
-113.55
-107.21
-119.35
-112.41
-104.99
-108.85
-111.67
+5
-115.59
-110.19
-109.07
-111.63
-114.70
-110.85
-111.17
-108.70
-113.34
COMPARISON
SPURIOUS
ORDER
COMPARISON SPURIOUS
@ Fcarrier
970MHz+(n*Freference)
(dBc) note 1
COMPARISON SPURIOUS
@ Fcarrier
1010MHz+(n*Freference)
(dBc) note 1
COMPARISON SPURIOUS
@ Fcarrier
1050MHz+(n*Freference)
(dBc) note 1
n
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-5
-106.67
-104.22
-97.73
-97.21
-104.79
-95.13
-96.59
-95.73
-101.22
-4
-107.41
-106.08
-94.36
-96.65
-103.50
-91.38
-95.03
-92.36
-104.31
-3
-103.51
-101.28
-94.63
-92.24
-102.07
-89.14
-89.90
-88.76
-98.20
-2
-95.00
-96.65
-90.56
-89.84
-95.43
-84.24
-86.64
-85.79
-92.48
-1
-88.35
-85.57
-81.33
-83.70
-84.96
-78.22
-79.80
-81.38
-82.43
0note 2
-
-
-
-
-
-
-
-
-
+1
-86.53
-87.12
-82.76
-81.10
-84.96
-78.79
-82.84
-83.46
-82.83
+2
-95.28
-96.08
-88.72
-87.09
-94.43
-84.50
-90.28
-88.51
-93.90
+3
-101.88
-99.70
-93.69
-90.76
-104.26
-89.67
-91.18
-87.96
-101.65
+4
-107.58
-105.35
-96.50
-93.79
-103.21
-91.00
-94.27
-94.17
-103.41
+5
-111.85
-103.02
-97.82
-95.75
-100.10
-95.04
-97.20
-94.56
-103.03
Note 1: Comparison frequency 100 kHz
Note 2: All spurs are referenced to carrier signal (n=0).
Note 3: Reference frequency 10 MHz
Note 4: All spurs are referenced to carrier signal (n=0).


Similar Part No. - KSN-1050A-119

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KSN-1024A MINI-KSN-1024A Datasheet
704Kb / 10P
   Frequency Synthesizer
KSN-1024A++ MINI-KSN-1024A+ Datasheet
704Kb / 10P
   Frequency Synthesizer
KSN-1060A-119 MINI-KSN-1060A-119 Datasheet
876Kb / 13P
   Frequency Synthesizer
KSN-1060A-119++ MINI-KSN-1060A-119+ Datasheet
876Kb / 13P
   Frequency Synthesizer
KSN-1060A-219 MINI-KSN-1060A-219 Datasheet
753Kb / 10P
   Frequency Synthesizer
More results

Similar Description - KSN-1050A-119

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com