Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LC651204N Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part No. LC651204N
Description  4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
Download  35 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 5 page
background image
Development Support
Sanyo provides the following items to support application development using the LC651204 and LC651202.
1. User’s manual
The “LC651104/1102 User’s Manual” is used with these microcontrollers.
2. Development tool manual
See the “EVA800 - LC651104/1102 Development Tool Manual” for details on use of the EVA-800 system.
3. Development tool
• Program development (using the EVA-800 system)
— MS-DOS host computer system *1
— Cross assembler ... MS-DOS-based cross assembler: LC65S.EXE
— Evaluation chip: LC6595
— Emulator: The EVA-800 main unit plus the evaluation chip
• Program development (using the EVA-86000 system): Use the EVA86K-ECB651100.
• Program evaluation
The <LC65E1104> on-chip EPROM microcontroller
Development Support System
EVA-800 System
Note: 1. MS-DOS is a registered trademark of Microsoft Corporation
2. Here, “EVA-800” is a generic term for several emulators. Suffixes (A, B, etc.) will be attached to the name as new versions are developed. Note that
the EVA-800 emulator (i.e., the model with no suffix) is an old version and cannot be used.
No. 5190-5/35
LC651204N/F/L, LC651202N/F/L




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LC58244-Bit Single-Chip Microcontrollers Featuring 4 KB to 8 KB of ROM 1 Kbit of RAM and an LCD Driver for Medium Speed Small-Scale Control Applications 1 2 3 4 5 MoreSanyo Semicon Device
LC65F1306A4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications 1 2 3 4 5 MoreSanyo Semicon Device
LC651104NSingle-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications 1 2 3 4 5 MoreSanyo Semicon Device
LC651306A4-Bit Single-Chip Microcontroller for Small-Scale Control Applications 1 2 3 4 5 MoreSanyo Semicon Device
LC6527NSINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS 1 2 3 4 5 MoreSanyo Semicon Device
LC6529N4-Bit Microcomputer for Small-Scale Control Applications 1 2 3 4 5 MoreSanyo Semicon Device
LC6543NCMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS   1 2 3 4 5 MoreSanyo Semicon Device
M34280M1SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M34551M4SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
UPD172404-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS 1 2 3 4 5 MoreNEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl