Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LC651204N Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LC651204N
Description  4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
Download  35 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 3 page
background image
Pin Assignment
Common assignments for the DIP and MFP packages
Note: NC pins must be connected to VSS.
Top view
Pin Functions
Note: The SI, SO, SCK, and INT pins are shared function pins that are also used as PF0 to PF3.
Pin
Function
OSC1, OSC2
Connections for a ceramic oscillator element
RES
Reset
PA0 to 3
I/O dual-function port A0 to A3
PC0 to 3
I/O dual-function port C0 to C3
PD0 to 3
I/O dual-function port D0 to D3
PE0 to 1
I/O dual-function port E0 to E1
PF0 to 3
I/O dual-function port F0 to F3
PG0 to 3
I/O dual-function port G0 to G3
TEST
Test
INT
Interrupt request
SI
Serial input
SO
Serial output
SCK
Serial clock input and output
NC
No connection
WDR
Watchdog reset
No. 5190-3/35
LC651204N/F/L, LC651202N/F/L




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LC58244-Bit Single-Chip Microcontrollers Featuring 4 KB to 8 KB of ROM 1 Kbit of RAM and an LCD Driver for Medium Speed Small-Scale Control Applications 1 2 3 4 5 MoreSanyo Semicon Device
LC65F1306A4-Bit Single-Chip CMOS Microcontroller for Small-Scale Control Applications 1 2 3 4 5 MoreSanyo Semicon Device
LC651104NSingle-Chip 4-Bit Microcomputer for Small-Scale Control-Oriented Applications 1 2 3 4 5 MoreSanyo Semicon Device
LC651306A4-Bit Single-Chip Microcontroller for Small-Scale Control Applications 1 2 3 4 5 MoreSanyo Semicon Device
LC6527NSINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS 1 2 3 4 5 MoreSanyo Semicon Device
LC6529N4-Bit Microcomputer for Small-Scale Control Applications 1 2 3 4 5 MoreSanyo Semicon Device
LC6543NCMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS   1 2 3 4 5 MoreSanyo Semicon Device
M34280M1SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M34551M4SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
UPD172404-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS 1 2 3 4 5 MoreNEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl