Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH180-FJG-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH180-FJG-7
Description  MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH180-FJG-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH180-FJG-7 Datasheet HTML 1Page - Diodes Incorporated AH180-FJG-7 Datasheet HTML 2Page - Diodes Incorporated AH180-FJG-7 Datasheet HTML 3Page - Diodes Incorporated AH180-FJG-7 Datasheet HTML 4Page - Diodes Incorporated AH180-FJG-7 Datasheet HTML 5Page - Diodes Incorporated AH180-FJG-7 Datasheet HTML 6Page - Diodes Incorporated AH180-FJG-7 Datasheet HTML 7Page - Diodes Incorporated AH180-FJG-7 Datasheet HTML 8Page - Diodes Incorporated AH180-FJG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AH180
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
SWITCH
AH180
Document number: DS31023 Rev. 17 - 2
4 of 13
www.diodes.com
July 2010
© Diodes Incorporated
Magnetic Characteristics (TA = 25 °C, Vdd = 3V, Note 3, 4)
Option 1:
(1mT=10 Gauss)
Symbol
Parameter
Min
Typ.
Max
Unit
Bops(south pole to brand side)
Operation Point
-
40
60
Gauss
Bopn(north pole to brand side)
-60
-40
-
Brps(south pole to brand side)
Release Point
10
30
-
Brpn(north pole to brand side)
-
-30
-10
Bhy(|Bopx|-|Brpx|)
Hysteresis
-
15
-
Option 2:
(1mT=10 Gauss)
Symbol
Parameter
Min
Typ.
Max
Unit
Bops(south pole to brand side)
Operation Point
-
40
60
Gauss
Bopn(north pole to brand side)
-60
-40
-
Brps(south pole to brand side)
Release Point
20
30
-
Brpn(north pole to brand side)
-
-30
-20
Bhy(|Bopx|-|Brpx|)
Hysteresis
-
15
-
Notes:
3. Typical data is at TA = 25°C, Vdd = 3V, and for design information only.
4. Magnetic characteristics may vary with supply voltage, operating temperature and after soldering.
Operating Characteristics
Bhy
Vsat
Vcc
Bopn
Brpn
0
( Magnetic flux density B )
Output
Turn on
Turn off
( off-state )
( on-state )
Bhy
Vsat
Vcc
Brps
Bops
0
( Magnetic flux density B )
Output
Turn off
Turn on
( off-state )
( on-state )


Similar Part No. - AH180-FJG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH180-P DIODES-AH180-P Datasheet
148Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
AH180-SN DIODES-AH180-SN Datasheet
148Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
AH180-W DIODES-AH180-W Datasheet
148Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
More results

Similar Description - AH180-FJG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1822 DIODES-AH1822 Datasheet
230Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
AH1822 Rev. 5
AH1804 DIODES-AH1804 Datasheet
196Kb / 9P
   MICROPOWER OMNIPOLAR HALL EFFECT SENSOR SWITCH
AH180 DIODES-AH180 Datasheet
148Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
DS31023 Rev. 17 - 2
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
logo
NANJING AH ELECTRONICS ...
AH3663 AHNJ-AH3663 Datasheet
643Kb / 8P
   Micropower Omnipolar Hall Sensor
logo
Honeywell Solid State E...
SL353 HONEYWELL-SL353 Datasheet
386Kb / 6P
   Micropower Omnipolar Digital Hall-Effect Sensor ICs
logo
NANJING AH ELECTRONICS ...
AH3661 AHNJ-AH3661 Datasheet
680Kb / 8P
   Micropower Omnipolar Hall Sensor
logo
Diodes Incorporated
AH180N DIODES-AH180N_12 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH180N-WSG-7 DIODES-AH180N-WSG-7 Datasheet
159Kb / 8P
   MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH1804-W-7 DIODES-AH1804-W-7 Datasheet
207Kb / 9P
   MICROPOWER OMNIPOLAR HALL EFFECT SENSORSWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com