Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH287-PG-B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH287-PG-B
Description  HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH287-PG-B Datasheet(HTML) 1 Page - Diodes Incorporated

  AH287-PG-B Datasheet HTML 1Page - Diodes Incorporated AH287-PG-B Datasheet HTML 2Page - Diodes Incorporated AH287-PG-B Datasheet HTML 3Page - Diodes Incorporated AH287-PG-B Datasheet HTML 4Page - Diodes Incorporated AH287-PG-B Datasheet HTML 5Page - Diodes Incorporated AH287-PG-B Datasheet HTML 6Page - Diodes Incorporated AH287-PG-B Datasheet HTML 7Page - Diodes Incorporated AH287-PG-B Datasheet HTML 8Page - Diodes Incorporated AH287-PG-B Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AH287
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
CONTROLLER
AH287 Rev. 10
1 of 11
APRIL 2010
DS31042
www.diodes.com
© Diodes Incorporated
On Chip Hall Sensor
Rotor-Locked Shutdown
Automatically Restart
Built-in Zener Protection for Output Driver
Operating Voltage: 3.8V~28V
Output Current: IO(AVE) = 400mA
Lead Free Packages: SIP-4L and SOT89-5L (Note 1)
SIP-4L and SOT89-5L: Available in “Green” Molding
Compound (No Br, Sb)
Lead Free Finish/ RoHS Compliant (Note 2)
AH287 is a monolithic fan motor controller with Hall sensor’s
capability. It contains two complementary open-drain drivers for
motor’s coil driving, automatic lock shutdown and restart function
relatively.
Rotor-lock shutdown detection circuit turns off the output driver
when the rotor is blocked to avoid coil overheat. Then, the
automatic recovery circuit will restart the motor. These protected
actions are repeated and periodic during the blocked period. Until
the blocking is removed, the motor recovers and runs normally.
Typical Application Circuit
DOB
DO
24V
L2
L1
GND
287
12
3
4
D2
48V
48V
C1
D1
D3
Note: The optional Capacitor C1 and Diode D3 are for power stabilization. C1 is recommended to be E-Cap., luF/25V;
D3 is recommended to be Zener Diode, VZ =27V. Which C1and D3 value need to be fine tuned to optimize
design for different coils and power suppliers.
24V Brush-Less DC Fan
Features
General Description


Similar Part No. - AH287-PG-B

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH287-P ANACHIP-AH287-P Datasheet
166Kb / 7P
   High Voltage Hall-Effect Smart Fan Motor Controller
AH287-PA ANACHIP-AH287-PA Datasheet
166Kb / 7P
   High Voltage Hall-Effect Smart Fan Motor Controller
AH287-PL ANACHIP-AH287-PL Datasheet
166Kb / 7P
   High Voltage Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH287-PL-13 DIODES-AH287-PL-13 Datasheet
114Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH287 Rev. 4
AH287-PL-B DIODES-AH287-PL-B Datasheet
114Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH287 Rev. 4
More results

Similar Description - AH287-PG-B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH289 DIODES-AH289_10 Datasheet
116Kb / 9P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
AH288 DIODES-AH288_10 Datasheet
130Kb / 9P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
logo
Anachip Corp
AH289 ANACHIP-AH289 Datasheet
169Kb / 7P
   High Voltage Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH287 DIODES-AH287 Datasheet
114Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH287 Rev. 4
AH288 DIODES-AH288 Datasheet
120Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH288 Rev. 4
logo
Anachip Corp
AH287 ANACHIP-AH287 Datasheet
166Kb / 7P
   High Voltage Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH289 DIODES-AH289 Datasheet
188Kb / 9P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
AH291 DIODES-AH291_10 Datasheet
156Kb / 9P
   LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
AH292 DIODES-AH292_10 Datasheet
73Kb / 8P
   LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
AH293 DIODES-AH293_10 Datasheet
73Kb / 8P
   LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com