Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH288 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH288
Description  HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH288 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH288_10 Datasheet HTML 1Page - Diodes Incorporated AH288_10 Datasheet HTML 2Page - Diodes Incorporated AH288_10 Datasheet HTML 3Page - Diodes Incorporated AH288_10 Datasheet HTML 4Page - Diodes Incorporated AH288_10 Datasheet HTML 5Page - Diodes Incorporated AH288_10 Datasheet HTML 6Page - Diodes Incorporated AH288_10 Datasheet HTML 7Page - Diodes Incorporated AH288_10 Datasheet HTML 8Page - Diodes Incorporated AH288_10 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AH288
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
CONTROLLER
AH288 Rev. 12
4 of 9
APRIL 2010
DS31040
www.diodes.com
© Diodes Incorporated
Absolute Maximum Ratings
(TA = 25
°C)
Symbol
Parameter
Rating
Unit
Vdd
Supply Voltage
30
V
IO
Output Current
IO(AVE)
400
mA
IO(PEAK)
700
mA
PD
Power Dissipation
800
mW
TST
Storage Temperature
-55 ~ 150
°C
TJ
Maximum Junction Temperature
150
°C
θ
JA
Thermal Resistance Junction-to-Case (Note 5)
156
°C/W
TJ
TA
Tc
JC
θ
JA
θ
Notes:
5.
θ
JA should be confirmed with what heat sink thermal resistance. If no heat sink contacting, θJA is almost the same as θJC..
Recommended Operating Conditions
Symbol
Characteristic
Conditions
Min
Max
Unit
Vdd
Supply Voltage (Note 6)
Operating
3.8
28
V
TA
Operating Ambient Temperature
Operating
-40
100
°C
Notes:
6. Please watch out the current limit issue when the operation voltage is over 26.4V, because of the different efficiency in the coil.


Similar Part No. - AH288_10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH288-P DIODES-AH288-P Datasheet
120Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH288 Rev. 4
AH288-PL-13 DIODES-AH288-PL-13 Datasheet
120Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH288 Rev. 4
AH288-PL-B DIODES-AH288-PL-B Datasheet
120Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH288 Rev. 4
AH288-Y DIODES-AH288-Y Datasheet
120Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH288 Rev. 4
AH288-YL-13 DIODES-AH288-YL-13 Datasheet
120Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH288 Rev. 4
More results

Similar Description - AH288_10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH287 DIODES-AH287_10 Datasheet
212Kb / 11P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
AH289 DIODES-AH289_10 Datasheet
116Kb / 9P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
logo
Anachip Corp
AH289 ANACHIP-AH289 Datasheet
169Kb / 7P
   High Voltage Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH287 DIODES-AH287 Datasheet
114Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH287 Rev. 4
AH288 DIODES-AH288 Datasheet
120Kb / 10P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH288 Rev. 4
logo
Anachip Corp
AH287 ANACHIP-AH287 Datasheet
166Kb / 7P
   High Voltage Hall-Effect Smart Fan Motor Controller
logo
Diodes Incorporated
AH289 DIODES-AH289 Datasheet
188Kb / 9P
   HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
AH291 DIODES-AH291_10 Datasheet
156Kb / 9P
   LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
AH292 DIODES-AH292_10 Datasheet
73Kb / 8P
   LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
AH293 DIODES-AH293_10 Datasheet
73Kb / 8P
   LOW VOLTAGE HALL-EFFECT SMART FAN MOTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com