Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH182 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AH182
Description  LOW POWER HALL EFFECT SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH182 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AH182 Datasheet HTML 2Page - Diodes Incorporated AH182 Datasheet HTML 3Page - Diodes Incorporated AH182 Datasheet HTML 4Page - Diodes Incorporated AH182 Datasheet HTML 5Page - Diodes Incorporated AH182 Datasheet HTML 6Page - Diodes Incorporated AH182 Datasheet HTML 7Page - Diodes Incorporated AH182 Datasheet HTML 8Page - Diodes Incorporated AH182 Datasheet HTML 9Page - Diodes Incorporated AH182 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AH182/AH183
LOW POWER HALL EFFECT SWITCH
AH182/AH183 Rev. 8
8 of 10
NOVEMBER 2009
DS31024
www.diodes.com
© Diodes Incorporated
Package Information
(All Dimensions in mm)
(1) Package Type: SIP-3L for Bulk only
Active Area Depth
Sensor Location
12
3
2.00mm
1.15mm
0.51mm
NOM
BRANDED
SURFACE
Package Dimension


Similar Part No. - AH182

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH182 ETC-AH182 Datasheet
189Kb / 6P
   Low power Hall Effect Switch
logo
Diodes Incorporated
AH182 DIODES-AH182 Datasheet
210Kb / 9P
   LOW POWER HALL EFFECT SWITCH
AH182/AH183 Rev. 2
AH1822 DIODES-AH1822 Datasheet
230Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
AH1822 Rev. 5
AH1822-FT4G-7 DIODES-AH1822-FT4G-7 Datasheet
230Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
AH1822 Rev. 5
AH1822-FU4G-7 DIODES-AH1822-FU4G-7 Datasheet
230Kb / 9P
   MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
AH1822 Rev. 5
More results

Similar Description - AH182

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH182 ETC-AH182 Datasheet
189Kb / 6P
   Low power Hall Effect Switch
logo
Unisonic Technologies
UH8100 UTC-UH8100_15 Datasheet
142Kb / 4P
   LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_15 Datasheet
190Kb / 4P
   LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102_15 Datasheet
152Kb / 6P
   LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_11 Datasheet
165Kb / 5P
   LOW POWER HALL EFFECT SWITCH
logo
Diodes Incorporated
AH182 DIODES-AH182 Datasheet
210Kb / 9P
   LOW POWER HALL EFFECT SWITCH
AH182/AH183 Rev. 2
logo
Unisonic Technologies
UH8100 UTC-UH8100 Datasheet
153Kb / 6P
   LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102 Datasheet
138Kb / 7P
   LOW POWER HALL EFFECT SWITCH
logo
Texas Instruments
TMAG5231 TI-TMAG5231 Datasheet
1Mb / 27P
[Old version datasheet]   TMAG5231 Low-Power, Hall Effect Switch
NOVEMBER 2021
TMAG5231 TI-TMAG5231_V01 Datasheet
2Mb / 35P
[Old version datasheet]   TMAG5231 Low-Power, Hall Effect Switch
MARCH 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com