Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV55-BC4V3 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BZV55-BC4V3
Description  Voltage regulator diodes
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BZV55-BC4V3 Datasheet(HTML) 1 Page - NXP Semiconductors

  BZV55-BC4V3 Datasheet HTML 1Page - NXP Semiconductors BZV55-BC4V3 Datasheet HTML 2Page - NXP Semiconductors BZV55-BC4V3 Datasheet HTML 3Page - NXP Semiconductors BZV55-BC4V3 Datasheet HTML 4Page - NXP Semiconductors BZV55-BC4V3 Datasheet HTML 5Page - NXP Semiconductors BZV55-BC4V3 Datasheet HTML 6Page - NXP Semiconductors BZV55-BC4V3 Datasheet HTML 7Page - NXP Semiconductors BZV55-BC4V3 Datasheet HTML 8Page - NXP Semiconductors BZV55-BC4V3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1.
Product profile
1.1 General description
Low-power voltage regulator diodes in small hermetically sealed glass SOD80C
Surface-Mounted Device (SMD) packages. The diodes are available in the normalized
E24
2 % (BZV55-B) and approximately 5 % (BZV55-C) tolerance range.
The series consists of 37 types with nominal working voltages from 2.4 V to 75 V.
1.2 Features and benefits
1.3 Applications
General regulation functions
1.4 Quick reference data
[1]
tp =100 s; square wave; Tj =25 C prior to surge
2.
Pinning information
[1]
The marking band indicates the cathode.
BZV55 series
Voltage regulator diodes
Rev. 5 — 26 January 2011
Product data sheet
Non-repetitive peak reverse power
dissipation:
 40 W
Wide working voltage range:
nominal 2.4 V to 75 V (E24 range)
Total power dissipation:
 500 mW
Low differential resistance
Two tolerance series:
2%and 5%
Small hermetically sealed glass
SMD package
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF =10mA
-
-
0.9
V
PZSM
non-repetitive peak
reverse power dissipation
[1] --
40
W
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
ka
006aaa152
2
1


Similar Part No. - BZV55-BC4V3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZV55-BC4V3 NXP-BZV55-BC4V3 Datasheet
450Kb / 13P
   Voltage regulator diodes
Rev. 5-26 January 2011
More results

Similar Description - BZV55-BC4V3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com