Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXCL5213V33H5TA Datasheet(PDF) 10 Page - Diodes Incorporated

Part # ZXCL5213V33H5TA
Description  Micropower SC70-5 & SOT23-5 low dropout regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCL5213V33H5TA Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button ZXCL5213V33H5TA Datasheet HTML 6Page - Diodes Incorporated ZXCL5213V33H5TA Datasheet HTML 7Page - Diodes Incorporated ZXCL5213V33H5TA Datasheet HTML 8Page - Diodes Incorporated ZXCL5213V33H5TA Datasheet HTML 9Page - Diodes Incorporated ZXCL5213V33H5TA Datasheet HTML 10Page - Diodes Incorporated ZXCL5213V33H5TA Datasheet HTML 11Page - Diodes Incorporated ZXCL5213V33H5TA Datasheet HTML 12Page - Diodes Incorporated ZXCL5213V33H5TA Datasheet HTML 13Page - Diodes Incorporated ZXCL5213V33H5TA Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ZXCL SERIES
Issue 8 - October 2007
10
www.zetex.com
© Zetex Semiconductors plc 2007
Applications information (Cont)
Power dissipation
The maximum allowable power dissipation of
the device for normal operation (Pmax), is a
function of the package junction to ambient
thermal resistance (
θ
ja),
maximum junction
temperature (Tjmax), and ambient temperature
(Tamb), according to the expression:
Pmax = (Tjmax – Tamb) / θja
The maximum output current (Imax) at a given
value of Input voltage (VIN) and output voltage
(VOUT) is then given by
Imax = Pmax / (VIN - VOUT)
The value of qja is strongly dependent upon the
type of PC board used. Using the SC70 package
it will range from approximately 280°C/W for a
multi-layer board to around 450°C/W for a single
sided board. It will range from 180°C/W to
300°C/W for the SOT23-5 package. To avoid
entering the thermal shutdo wn state, Tjmax
should be assumed to be 125°C and Imax less
than
the
over-current
limit,(IOLIM). Power
derating for the SC70 and SOT23-5 packages is
shown in the following graph.
Capacitor selection and regulator stability
The device is designed to operate with all types
of output capacitor, including tantalum and low
ESR ceramic. For stability over the full operating
range from no load to maximum load, an output
capacitor with a minimum value of 1
μF is
recommended, although this can be increased
without
limit
to
improve
load
transient
performance. Higher values of output capacitor
will also reduce output noise. Capacitors with
ESR less than 0.5V are recommended for best
results.
The dielectric of the
ceramic capacitance is an
important consideration for the ZXCL Series
operation over temperature. Zetex recommends
minimum dielectric specification of X7R for the
input and output capacitors. For example a
ceramic capacitor with X7R dielectric will lose 20%
of its capacitance over a -40 C to 85 C temperature
range, whereas a capacitor with a Y5V dielectric
loses 80% of its capacitance at -40 C and 75% at
85 C.
An input capacitor of 1 F (ceramic or tantalum) is
recommended to filter supply noise at the device
input and will improve ripple rejection.
The input and output capacitors should be
positioned close to the device, and a ground plane
board layout should be used to minimise the
effects of parasitic track resistance.
Dropout voltage
The output pass transistor is a large PMOS device,
which acts like a resistor when the regulator enters
the dropout region. The dropout voltage is
therefore proportional to output current as shown
in the typical characteristics.
Ground current
The use of a PMOS device ensures a low value of
ground current under all conditions including
dropout, start-up and maximum load.
Power
supply
rejection
and
load
transient
response
Line and Load transient response graphs are
shown in the typical characteristics.
These show both the DC and dynamic shift in the
output voltage with step changes of input voltage
and load current, and how this is affected by the
output capacitor.
If improved transient response is required, then an
output capacitor with lower ESR value should be
used.
Larger
capacitors
will
reduce
over/
undershoot, but will increase the settling time.
Best results are obtained using a ground plane
layout to minimise board parasitics.
-40
-20
0
20406080
100
0
100
200
300
400
500
SOT23
SC70
Derating Curve
Temperature (°C)


Similar Part No. - ZXCL5213V33H5TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL5213V33H5 ZETEX-ZXCL5213V33H5 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
More results

Similar Description - ZXCL5213V33H5TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL5213V25 ZETEX-ZXCL5213V25 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
ZXCL250 ZETEX-ZXCL250 Datasheet
374Kb / 11P
   ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
logo
Guangdong Youtai Semico...
SN74LVC1G32 UMW-SN74LVC1G32 Datasheet
565Kb / 8P
   Tiny SC70-5 /SOT23-5 Packages
logo
Acutechnology Semicondu...
AQ102 ACUTECH-AQ102 Datasheet
445Kb / 7P
   Low-Voltage Ref/Amplifier SOT23-5 and SC70-5 Package
AQ120 ACUTECH-AQ120 Datasheet
449Kb / 7P
   Battery Charger Controller SOT23-5 and SC70-5 Package
logo
Guangdong Youtai Semico...
SN74LVC1G02 UMW-SN74LVC1G02 Datasheet
675Kb / 9P
   Tiny SC70-5 /SOT23-5 /DFN6(1.5mm*1.0mm) Packages
SN74LVC1G34 UMW-SN74LVC1G34 Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
SN74LVC1G07 UMW-SN74LVC1G07 Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
logo
Maxim Integrated Produc...
MAX4465EXK MAXIM-MAX4465EXK Datasheet
282Kb / 12P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers
Rev 2; 6/12
logo
Acutechnology Semicondu...
AQ105 ACUTECH-AQ105 Datasheet
428Kb / 5P
   Secondary V/I amplifier SOT23-5 and SC70-5 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com