Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXCT1022E5TA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXCT1022E5TA
Description  Low offset high-side current monitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1022E5TA Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXCT1022E5TA Datasheet HTML 1Page - Diodes Incorporated ZXCT1022E5TA Datasheet HTML 2Page - Diodes Incorporated ZXCT1022E5TA Datasheet HTML 3Page - Diodes Incorporated ZXCT1022E5TA Datasheet HTML 4Page - Diodes Incorporated ZXCT1022E5TA Datasheet HTML 5Page - Diodes Incorporated ZXCT1022E5TA Datasheet HTML 6Page - Diodes Incorporated ZXCT1022E5TA Datasheet HTML 7Page - Diodes Incorporated ZXCT1022E5TA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ZXCT1022
Issue 6 - March 2008
3
www.zetex.com
© Zetex Semiconductors plc 2008
Electrical characteristics test conditions Tamb = 25°C, VIN = 15V
Symbol
Parameter
Conditions
Limits
Unit
Min.
Typ.
Max.
VIN
VCC range
2.5
20
V
VOUT
Output voltage
VSENSE = 0V
0
30
100
mV
VSENSE = 10mV
0.97
1.0
1.03
V
VSENSE = 30mV
2.91
3.0
3.09
V
VSENSE = 100mV
9.7
10.0
10.3
V
ROUT
Output resistance
10
15
20
k
TC
(*)
NOTES:
(*) TC limits are determined by characterization
Output temperature
coefficient
50
300
ppm
IQ
Ground pin current
VSENSE = 0V
25
35
A
VSENSE
(†)
(†) VSENSE = VIN - VLOAD
Sense voltage
VIN = 20V
0
180 (‡)
(‡) For linear operation maximum VSENSE is limited by operating voltage and is approximately:
VSENSE =
mV
ISENSE
Load pin current
VSENSE = 0V
100
nA
Acc
Accuracy
VSENSE = 10mV
-3
3
%
Gain
VOUT / VSENSE
VSENSE = 10mV
97
100
103
V/V
BW
Bandwidth
VSENSE = 10mV
300
kHz
VSENSE = 100mV
2
MHz
V
IN
2
()
100
-----------------------


Similar Part No. - ZXCT1022E5TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1022E5TA ZETEX-ZXCT1022E5TA Datasheet
100Kb / 6P
   LOW OFFSET HIGH-SIDE CURRENT MONITOR
ZXCT1022E5TA ZETEX-ZXCT1022E5TA Datasheet
231Kb / 8P
   Low offset high-side current monitor
More results

Similar Description - ZXCT1022E5TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1022 ZETEX-ZXCT1022 Datasheet
100Kb / 6P
   LOW OFFSET HIGH-SIDE CURRENT MONITOR
logo
Diodes Incorporated
ZXCT1021 DIODES-ZXCT1021 Datasheet
390Kb / 8P
   Low offset high-side current monitor
logo
Zetex Semiconductors
ZXCT1021 ZETEX-ZXCT1021_06 Datasheet
326Kb / 8P
   Low offset high-side current monitor
ZXCT1021 ZETEX-ZXCT1021 Datasheet
100Kb / 6P
   LOW OFFSET HIGH-SIDE CURRENT MONITOR
ZXCT1022 ZETEX-ZXCT1022_07 Datasheet
231Kb / 8P
   Low offset high-side current monitor
logo
Diodes Incorporated
ZXCT1020 DIODES-ZXCT1020 Datasheet
1Mb / 14P
   Low offset current output current monitor
logo
Zetex Semiconductors
ZXCT1020 ZETEX-ZXCT1020 Datasheet
1Mb / 14P
   Low offset current output current monitor
ZXCT1011 ZETEX-ZXCT1011 Datasheet
289Kb / 8P
   High-side low drift current monitor
logo
Diodes Incorporated
ZXCT1011 DIODES-ZXCT1011 Datasheet
295Kb / 8P
   High-side low drift current monitor
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
   HIGH-SIDE CURRENT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com