Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXCL5213V26H5TA Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXCL5213V26H5TA
Description  Micropower SC70-5 & SOT23-5 low dropout regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCL5213V26H5TA Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXCL5213V26H5TA Datasheet HTML 2Page - Diodes Incorporated ZXCL5213V26H5TA Datasheet HTML 3Page - Diodes Incorporated ZXCL5213V26H5TA Datasheet HTML 4Page - Diodes Incorporated ZXCL5213V26H5TA Datasheet HTML 5Page - Diodes Incorporated ZXCL5213V26H5TA Datasheet HTML 6Page - Diodes Incorporated ZXCL5213V26H5TA Datasheet HTML 7Page - Diodes Incorporated ZXCL5213V26H5TA Datasheet HTML 8Page - Diodes Incorporated ZXCL5213V26H5TA Datasheet HTML 9Page - Diodes Incorporated ZXCL5213V26H5TA Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ZXCL SERIES
Issue 8 - October 2007
6
www.zetex.com
© Zetex Semiconductors plc 2007
Typical characteristics
0.0
0.1
0.2
0.3
0.4
0.5
-4
-3
-2
-1
0
1
3
4
5
6
0
1020
3040
50
6070
8090 100
0
1
2
3
4
5
6
0.0
0.1
0.2
0.3
0.4
0.5
-4
-3
-2
-1
0
1
3
4
5
6
0.0
0.1
0.2
0.3
0.4
0.5
-100
-50
0
50
100
300
350
400
10
100
1k
10k
100k
1M
0.01
0.1
1
10
10
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
0
-20
20
10
-10
C
OUT
= 1
μF
T
r
& T
f
= 2.5
μs
Line Rejection I
L
= 100mA
Time (ms)
V
IN
= 5V
I
L
= 1mA
I
L
= 100mA
Enable
V
IN
= 3.3V
I
L
= 1mA
I
L
= 100mA
C
OUT
= 1
μF
Start-Up Response
Time (
μs)
C
OUT
= 1
μF
T
r
& T
f
= 2.5
μs
0
-10
10
-20
20
Line Rejection I
L
= 1mA
Time (ms)
100
50
C
OUT
= 10
μF
C
OUT
= 1
μF
C
OUT
= 10
μF
C
OUT
= 1
μF
V
IN
= 5V
I
L
= 1mA to 50mA
0
Load Response
Time (ms)
I
L
= 100mA, C
OUT
= 1
μF
I
L
= 100mA, C
OUT
= 10
μF
No Load, C
OUT
= 10
μF
No Load, C
OUT
= 1
μF
Output Noise v Frequency
Frequency (Hz)
All Caps Ceramic
Surface Mount
I
L
= 50mA
C
OUT
= 1
μF
C
OUT
= 2.2
μF
C
OUT
= 10
μF
Power Supply Rejection v Frequency
Frequency (Hz)


Similar Part No. - ZXCL5213V26H5TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL5213V26H5 ZETEX-ZXCL5213V26H5 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
More results

Similar Description - ZXCL5213V26H5TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL5213V25 ZETEX-ZXCL5213V25 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
ZXCL250 ZETEX-ZXCL250 Datasheet
374Kb / 11P
   ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
logo
Guangdong Youtai Semico...
SN74LVC1G32 UMW-SN74LVC1G32 Datasheet
565Kb / 8P
   Tiny SC70-5 /SOT23-5 Packages
logo
Acutechnology Semicondu...
AQ102 ACUTECH-AQ102 Datasheet
445Kb / 7P
   Low-Voltage Ref/Amplifier SOT23-5 and SC70-5 Package
AQ120 ACUTECH-AQ120 Datasheet
449Kb / 7P
   Battery Charger Controller SOT23-5 and SC70-5 Package
logo
Guangdong Youtai Semico...
SN74LVC1G02 UMW-SN74LVC1G02 Datasheet
675Kb / 9P
   Tiny SC70-5 /SOT23-5 /DFN6(1.5mm*1.0mm) Packages
SN74LVC1G34 UMW-SN74LVC1G34 Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
SN74LVC1G07 UMW-SN74LVC1G07 Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
logo
Maxim Integrated Produc...
MAX4465EXK MAXIM-MAX4465EXK Datasheet
282Kb / 12P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers
Rev 2; 6/12
logo
Acutechnology Semicondu...
AQ105 ACUTECH-AQ105 Datasheet
428Kb / 5P
   Secondary V/I amplifier SOT23-5 and SC70-5 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com