Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXCL400H5TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXCL400H5TA
Description  Micropower SC70-5 & SOT23-5 low dropout regulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCL400H5TA Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXCL400H5TA Datasheet HTML 1Page - Diodes Incorporated ZXCL400H5TA Datasheet HTML 2Page - Diodes Incorporated ZXCL400H5TA Datasheet HTML 3Page - Diodes Incorporated ZXCL400H5TA Datasheet HTML 4Page - Diodes Incorporated ZXCL400H5TA Datasheet HTML 5Page - Diodes Incorporated ZXCL400H5TA Datasheet HTML 6Page - Diodes Incorporated ZXCL400H5TA Datasheet HTML 7Page - Diodes Incorporated ZXCL400H5TA Datasheet HTML 8Page - Diodes Incorporated ZXCL400H5TA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Issue 8 - October 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXCL SERIES
Micropower SC70-5 & SOT23-5 low dropout regulators
ZXCL5213V25, ZXCL5213V26, ZXCL5213V28, ZXCL5213V30, ZXCL5213V33,
ZXCL250, ZXCL260, ZXCL280, ZXCL300, ZXCL330
Description
The ZXCL series have been designed with space
sensitive systems in mind. They are available in
the ultra small SC70-5 package, which is half the
size of SOT23 based regulators.
The devices can be used with all types of output
capacitors including low ESR ceramics and
typical dropout voltage, is only 85mV at 50mA
load. Supply current is minimised with a ground
pin current of only 50 A at full 150mA load.
Logic control allows the devices to be shut
down, consuming typically less than 10nA.
These features make the device ideal for battery
powered applications where power economy is
critical.
For
applications
requiring
improved
performance over alternative devices, the
ZXCL is also offered in the 5 pin SOT23
package with an industry standard pinout.
The devices feature thermal overload and
over-current protection and are available with
output voltages of 2.5V, 2.6V, 2.8V, 3V, 3.3V.
Package footprint
SOT23-5 (see P7 for SC70-5)
Package suffix - E5
Features
Low 85mV dropout at 50mA load
•50 A ground pin current with full 150mA load
2.5, 2.6, 2.8, 3, & 3.3 volts output
Very low noise, without bypass capacitor
5-pin SC70 and SOT23 package
No-load stable
Applications
Cellular and Cordless phones
•PDA
Hand held instruments
Camera, Camcorder, Personal stereo
•PC cards
Portable and battery-powered equipment
No-Load Stability, the ZXCL device will maintain regulation and
is stable with no external load. e.g. CMOS RAM applacations.
Typical application circuit
VIN
GND
EN
VO
NC
Top view


Similar Part No. - ZXCL400H5TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL400H5 ZETEX-ZXCL400H5 Datasheet
374Kb / 11P
   ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
ZXCL400H5 ZETEX-ZXCL400H5 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
More results

Similar Description - ZXCL400H5TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL5213V25 ZETEX-ZXCL5213V25 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
ZXCL250 ZETEX-ZXCL250 Datasheet
374Kb / 11P
   ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
logo
Guangdong Youtai Semico...
SN74LVC1G32 UMW-SN74LVC1G32 Datasheet
565Kb / 8P
   Tiny SC70-5 /SOT23-5 Packages
logo
Acutechnology Semicondu...
AQ102 ACUTECH-AQ102 Datasheet
445Kb / 7P
   Low-Voltage Ref/Amplifier SOT23-5 and SC70-5 Package
AQ120 ACUTECH-AQ120 Datasheet
449Kb / 7P
   Battery Charger Controller SOT23-5 and SC70-5 Package
logo
Guangdong Youtai Semico...
SN74LVC1G02 UMW-SN74LVC1G02 Datasheet
675Kb / 9P
   Tiny SC70-5 /SOT23-5 /DFN6(1.5mm*1.0mm) Packages
SN74LVC1G34 UMW-SN74LVC1G34 Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
SN74LVC1G07 UMW-SN74LVC1G07 Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
logo
Maxim Integrated Produc...
MAX4465EXK MAXIM-MAX4465EXK Datasheet
282Kb / 12P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers
Rev 2; 6/12
logo
Acutechnology Semicondu...
AQ105 ACUTECH-AQ105 Datasheet
428Kb / 5P
   Secondary V/I amplifier SOT23-5 and SC70-5 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com