Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXBM1016 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # ZXBM1016
Description  High efficiency variable speed single-phase fan motor controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXBM1016 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button ZXBM1016 Datasheet HTML 4Page - Diodes Incorporated ZXBM1016 Datasheet HTML 5Page - Diodes Incorporated ZXBM1016 Datasheet HTML 6Page - Diodes Incorporated ZXBM1016 Datasheet HTML 7Page - Diodes Incorporated ZXBM1016 Datasheet HTML 8Page - Diodes Incorporated ZXBM1016 Datasheet HTML 9Page - Diodes Incorporated ZXBM1016 Datasheet HTML 10Page - Diodes Incorporated ZXBM1016 Datasheet HTML 11Page - Diodes Incorporated ZXBM1016 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ZXBM1016
Issue 1 - February 2007
8
www.zetex.com
© Zetex Semiconductors plc 2007
CINT - Integrator timing capacitor
A capacitor is connected from this pin to ground. It is used to store a signal that is proportional
to the commutation period. The stored signal is a representation of the motor speed and is used
by the tail-end control circuitry. It will normally be the same value as that applied to the CLCK pin.
Range - Speed range setting pin
The ZXBM1016 is designed to operate over a predefined dynamic range. This will normally be in
excess of 10:1 i.e. the lowest speed will be 1/10 of the full speed. In some instance the speed range
might be 200rpm to 2,000rpm yet in others it could be 1,000 to 10,000rpm. This pin allows the tail-
end current control operation to be tuned to the desired speed range. To do this a resistor is
attached between the range pin and the ThRef pin.
The following graph gives a range of resistor values against the speed range.
Typically a 220k
resistor will cover most mid speed range motors of 600rpm to 6,000rpm,
however a lower value can be used to enable the motor to be run at higher speeds. Conversely a
higher value will be needed for motors running at a lower speed range.
CPWM - Sets PWM frequency
This pin has an external capacitor attached to set the PWM frequency for the phase drive outputs.
A capacitor value of 0.1nF will provide a PWM frequency of typically 25kHz.
FG - Frequency generator (speed)
This is the frequency generator output and is a buffered signal from the Hall sensor.
This is an open collector drive giving an active pull down with the high level being provided by
an external pull up resistor.
Ph1Lo and Ph2Lo - Low-side external H-bridge driver
These pair of outputs drive the low side of the external power device H-bridge that in turn drives
the single phase winding. These outputs provide both the commutation and PWM waveforms.
The outputs are active pull-up and active pull-down to help faster switching off when driving
MOSFET devices with a high gate capacitance. When in the high state the outputs will provide up
to 80mA of drive into the base or gates of external transistors as shown in the typical application
circuit shown on the front page.
When in the low state the active phase drive is again capable of sinking up to 80mA to aid turn
off times during PWM operation. When the phase is inactive the output is held low by a 7.5k
internal pull-down resistor.
0
2000
4000
6000
8000
10000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
220k
Ω
470k
Ω
120k
Ω
360k
Ω
Speed vs CLCK peak voltage
Speed (rpm)
750k
Ω
RRange
CLCK = 0.47
μF


Similar Part No. - ZXBM1016

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM1016 ZETEX-ZXBM1016 Datasheet
252Kb / 12P
   High efficiency variable speed single-phase fan motor controller
ZXBM1016ST20TA ZETEX-ZXBM1016ST20TA Datasheet
252Kb / 12P
   High efficiency variable speed single-phase fan motor controller
ZXBM1016ST20TC ZETEX-ZXBM1016ST20TC Datasheet
252Kb / 12P
   High efficiency variable speed single-phase fan motor controller
More results

Similar Description - ZXBM1016

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM1016 ZETEX-ZXBM1016 Datasheet
252Kb / 12P
   High efficiency variable speed single-phase fan motor controller
logo
List of Unclassifed Man...
AMC8510 ETC2-AMC8510 Datasheet
306Kb / 3P
   SINGLE PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM2001 ZETEX-ZXBM2001 Datasheet
269Kb / 8P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
ZXBM2001 ZETEX-ZXBM2001_04 Datasheet
258Kb / 10P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM2001 DIODES-ZXBM2001 Datasheet
234Kb / 10P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
List of Unclassifed Man...
AMC8500 ETC2-AMC8500 Datasheet
715Kb / 27P
   TWO PHASE VARIABLE SPEED FAN MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM200X ZETEX-ZXBM200X Datasheet
523Kb / 14P
   VARIABLE SPEED 2-PHASE FAN MOTOR CONTROLLER
logo
List of Unclassifed Man...
AMC8520 ETC2-AMC8520 Datasheet
92Kb / 2P
   SINGLE PHASE VARIABLE SPEED ADVANCED FAN CONTROLLER
logo
Zetex Semiconductors
ZXBM1004 ZETEX-ZXBM1004 Datasheet
265Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
ZXBM1017 ZETEX-ZXBM1017 Datasheet
157Kb / 12P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com