Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXBM1004Q16TC Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXBM1004Q16TC
Description  VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXBM1004Q16TC Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZXBM1004Q16TC Datasheet HTML 3Page - Diodes Incorporated ZXBM1004Q16TC Datasheet HTML 4Page - Diodes Incorporated ZXBM1004Q16TC Datasheet HTML 5Page - Diodes Incorporated ZXBM1004Q16TC Datasheet HTML 6Page - Diodes Incorporated ZXBM1004Q16TC Datasheet HTML 7Page - Diodes Incorporated ZXBM1004Q16TC Datasheet HTML 8Page - Diodes Incorporated ZXBM1004Q16TC Datasheet HTML 9Page - Diodes Incorporated ZXBM1004Q16TC Datasheet HTML 10Page - Diodes Incorporated ZXBM1004Q16TC Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
VCC - Applied Voltage
This is the device internal circuitry supply voltage. For
5V to 12V fans this can be supplied directly from the Fan
Motor supply. For fans likely to run in excess of the 18V
maximum rating for the device this will be supplied
from an external regulator such as a Zener diode.
RD Timing Waveform:
Applications Information
The ZXBM1004 is primarily controlled by a voltage on
the SPD pin. A voltage of 1V represents a 100% PWM at
the Phase Outputs and in turn represents full speed. 3V
on the SPD pin conversely represents 0% PWM. The
motor can therefore be controlled simply by applying a
control voltage onto the SPD pin with the minimal use
of external components.
This voltage control method easily lends itself to
control by other signal types. For example if a
thermistor is applied to the SPD pin a varying voltage
can be generated at the SPD pin as the resistance of the
thermistor varies with temperature.
A common form of control of fans is by a PWM signal
derived from a central processor or controller. This
signal can be converted into a voltage and that voltage
adjusted as neccesary to compensate for motor none
linearity, inclusion of the Minimum speed feature etc.
Full applications details and further examples of how to
control the ZXBM1004 are available in the Applications
Notes AN41, AN42 and AN43.
ZXBM1004
SEMICO NDUC TORS
ISSUE 6 - MAY 2007
7
TLock
TOff
TOn
Hall
CLCK
FG
RD
VTHH
VTHL


Similar Part No. - ZXBM1004Q16TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM1004Q16TC ZETEX-ZXBM1004Q16TC Datasheet
265Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
ZXBM1004Q16TC ZETEX-ZXBM1004Q16TC Datasheet
263Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
More results

Similar Description - ZXBM1004Q16TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXBM1015 ZETEX-ZXBM1015_07 Datasheet
104Kb / 10P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
ZXBM1004 ZETEX-ZXBM1004 Datasheet
265Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
ZXBM1017 ZETEX-ZXBM1017 Datasheet
157Kb / 12P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM1017 DIODES-ZXBM1017 Datasheet
150Kb / 10P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM1017 ZETEX-ZXBM1017_07 Datasheet
130Kb / 10P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
ZXBM1004 ZETEX-ZXBM1004_07 Datasheet
263Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM1015 DIODES-ZXBM1015 Datasheet
124Kb / 10P
   VARIABLE SPEED SINGLE- PHASE BLDC MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM1015 ZETEX-ZXBM1015 Datasheet
130Kb / 12P
   VARIABLE SPEED SINGLE-PHASE BLDC MOTOR CONTROLLER
logo
Diodes Incorporated
ZXBM2004 DIODES-ZXBM2004 Datasheet
224Kb / 12P
   VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
logo
Zetex Semiconductors
ZXBM2004 ZETEX-ZXBM2004 Datasheet
249Kb / 12P
   VARIABLE SPEED 2-PHASE BLDC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com