Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSN-2825A-219+ Datasheet(PDF) 6 Page - Mini-Circuits

Part # KSN-2825A-219+
Description  Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KSN-2825A-219+ Datasheet(HTML) 6 Page - Mini-Circuits

Back Button KSN-2825A-219+ Datasheet HTML 2Page - Mini-Circuits KSN-2825A-219+ Datasheet HTML 3Page - Mini-Circuits KSN-2825A-219+ Datasheet HTML 4Page - Mini-Circuits KSN-2825A-219+ Datasheet HTML 5Page - Mini-Circuits KSN-2825A-219+ Datasheet HTML 6Page - Mini-Circuits KSN-2825A-219+ Datasheet HTML 7Page - Mini-Circuits KSN-2825A-219+ Datasheet HTML 8Page - Mini-Circuits KSN-2825A-219+ Datasheet HTML 9Page - Mini-Circuits KSN-2825A-219+ Datasheet HTML 10Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Page 6 of 11
KSN-2825A-219+
Frequency Synthesizer
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
REFERENCE &
COMPARISON
SPURIOUS
ORDER
REFERENCE & COMPARISON
SPURIOUS @Fcarrier
2435MHz+(n*Fcomp or Fref)
(dBc) note 1
REFERENCE & COMPARISON
SPURIOUS @Fcarrier
2630MHz+(n*Fcomp or Fref)
(dBc) note 1
REFERENCE & COMPARISON
SPURIOUS @Fcarrier
2825MHz+(n*Fcomp or Fref)
(dBc) note 1
n
-45°C
+25°C
+75°C
-45°C
+25°C
+75°C
-45°C
+25°C
+75°C
-5
-94.44
-90.93
-87.08
-107.53
-97.93
-97.85
-101.15
-103.69
-99.18
-4
-95.61
-97.93
-88.50
-111.74
-104.44
-95.12
-101.46
-116.76
-98.05
-3
-89.45
-87.27
-90.14
-98.26
-94.23
-97.56
-96.95
-110.47
-95.72
-2
-85.50
-83.05
-88.42
-97.48
-96.82
-91.70
-92.44
-95.13
-97.41
-1
-83.33
-80.22
-82.11
-80.65
-90.03
-86.98
-95.38
-81.99
-77.83
0note 2
-
-
-
-
-
-
-
-
-
+1
-81.88
-79.30
-81.98
-85.83
-87.66
-89.45
-99.02
-84.62
-79.25
+2
-87.64
-83.82
-87.92
-93.39
-93.58
-92.86
-91.61
-91.72
-94.07
+3
-92.15
-88.19
-91.79
-94.44
-96.68
-96.61
-99.55
-97.26
-105.06
+4
-95.23
-98.33
-91.36
-98.80
-98.92
-97.56
-98.42
-107.09
-92.02
+5
-91.50
-89.80
-87.72
-98.72
-100.73
-100.39
-101.25
-99.23
-91.00
Note 1: Reference frequency = comparison frequency = 10 MHz
Note 2: All spurs are referenced to carrier signal (n=0).
Note 3: Step size frequency 2500 kHz
Note 4: All spurs are referenced to carrier signal (n=0).
STEP SIZE
SPURIOUS
ORDER
0.5 STEP SIZE & STEP SIZE
SPURIOUS @Fcarrier
2435MHz+(n*Fstep size)
(dBc) note 3
0.5 STEP SIZE & STEP SIZE
SPURIOUS @Fcarrier
2630MHz+(n*Fstep size)
(dBc) note 3
0.5 STEP SIZE & STEP SIZE
SPURIOUS @Fcarrier
2825MHz+(n*Fstep size)
(dBc) note 3
n
-45°C
+25°C
+75°C
-45°C
+25°C
+75°C
-45°C
+25°C
+75°C
-5.0
-108.48
-123.15
-124.67
-127.34
-130.54
-127.75
-129.91
-113.93
-111.73
-4.5
-107.02
-111.71
-118.34
-127.23
-127.10
-128.83
-110.46
-110.48
-118.80
-4.0
-80.22
-80.21
-85.33
-80.71
-86.79
-86.13
-103.39
-75.90
-77.78
-3.5
-110.66
-108.11
-116.11
-127.39
-128.20
-127.96
-120.63
-114.14
-123.73
-3.0
-98.29
-100.71
-97.69
-127.68
-127.38
-122.57
-108.43
-110.02
-114.13
-2.5
-92.30
-89.64
-88.78
-127.97
-123.90
-126.50
-101.86
-111.29
-108.25
-2.0
-86.21
-100.47
-96.02
-121.40
-116.40
-125.24
-100.46
-95.81
-110.43
-1.5
-83.86
-84.27
-83.21
-125.20
-122.29
-122.05
-89.97
-92.97
-93.04
-1.0
-76.12
-78.55
-77.46
-123.77
-120.60
-116.00
-82.62
-83.19
-83.40
-0.5
-64.80
-65.25
-64.82
-119.00
-113.72
-111.92
-71.19
-72.40
-71.19
0note 4
-
-
-
-
-
-
-
-
-
+0.5
-64.79
-65.29
-64.84
-117.62
-114.80
-112.23
-71.13
-72.24
-71.03
+1.0
-76.36
-78.80
-77.54
-123.97
-124.04
-114.41
-82.65
-83.32
-83.39
+1.5
-83.70
-84.39
-83.25
-124.47
-121.09
-119.59
-89.67
-93.07
-92.62
+2.0
-85.56
-96.81
-95.63
-122.18
-118.00
-128.48
-97.12
-97.53
-111.06
+2.5
-90.82
-90.00
-89.09
-127.95
-127.38
-123.64
-100.62
-118.50
-112.98
+3.0
-98.50
-100.78
-98.32
-130.41
-128.78
-123.30
-107.72
-113.74
-115.93
+3.5
-114.83
-110.66
-122.04
-129.30
-130.09
-123.27
-128.39
-119.35
-122.61
+4.0
-80.58
-79.35
-83.93
-85.70
-86.03
-86.04
-91.53
-86.91
-79.11
+4.5
-113.29
-110.15
-120.48
-128.51
-128.35
-126.76
-114.31
-116.72
-128.72
+5.0
-113.05
-125.40
-126.89
-128.71
-130.00
-126.01
-130.25
-112.89
-112.51


Similar Part No. - KSN-2825A-219+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KSN-2025A MINI-KSN-2025A Datasheet
822Kb / 12P
   Frequency Synthesizer
KSN-2025A++ MINI-KSN-2025A+ Datasheet
822Kb / 12P
   Frequency Synthesizer
KSN-2026A-219 MINI-KSN-2026A-219 Datasheet
863Kb / 13P
   Frequency Synthesizer
KSN-2026A-219++ MINI-KSN-2026A-219+ Datasheet
863Kb / 13P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results

Similar Description - KSN-2825A-219+

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com