Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZVN4424A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZVN4424A
Description  N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZVN4424A Datasheet(HTML) 4 Page - Diodes Incorporated

  ZVN4424A Datasheet HTML 1Page - Diodes Incorporated ZVN4424A Datasheet HTML 2Page - Diodes Incorporated ZVN4424A Datasheet HTML 3Page - Diodes Incorporated ZVN4424A Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SUFFIX C
N-CHANNEL ENHANCEMENT
MODE VERTICAL DMOS FET
ISSUE 3 – August 1994
FEATURES
*
Compact E-LINE (TO92 style) package
*
240 Volt BV
DS
*R
DS(on)=4.3Ω Typical at VGS=2.5V
*
Low threshold
*
Fast switching
APPLICATIONS
*
Earth recall and dialling switches
*
Electronic hook switches
*
Battery powered equipment
*
Telecoms and high voltage dc-dc converters
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Drain-Source Voltage
VDS
240
V
Continuous Drain Current at Tamb=25°C
ID
260
mA
Pulsed Drain Current
IDM
1.5
A
Gate Source Voltage
VGS
± 40
V
Power Dissipation at Tamb=25°C
Ptot
750
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
G
D
S
ZVN4424A/C
D
G
S
E-Line
TO92 Compatible
SUFFIX A
SPICE PARAMETERS
*ZVN4424 MODEL LAST REVISION 1/94
*
.SUBCKT ZVN4424 30 40 50
* NODES: DRAIN GATE SOURCE
M1 30 20 50 50 MOD1 L=1 W=1
RG 40 20 200
RL 30 50 240E6
D1 50 30 DIODE1
.MODEL MOD1 NMOS VT0=1.25 RS=2.34 RD=1.634 IS=1E-15 KP=5.319
+CGS0=101P CGD0=4P CBD=66.2P PB=1
.MODEL DIODE1 D IS=5.516E-13 RS=0.2084 N=1.0078
.ENDS ZVN4424
For clarification of the above or for technical enquires generally please contact the Applications Dept.
at Zetex plc.
©1992 ZETEX plc
The copyright in this model and the design embodied belonging to Zetex plc (“Zetex”). It is supplied free of charge by Zetex for the
purpose of research and design and may be used or copied intact (including this notice) for that purpose only. All other rights are
reserved. The model is believed accurate but no condition or warranty as to its merchantability or fitness for the purpose is given and no
liability in respect of any use is accepted by Zetex plc, its distributors or agents.
ZVN4424A/C
Zetex plc.
Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom.
Telephone: (44)161-627 5105 (Sales), (44)161-627 4963 (General Enquiries)
Fax: (44)161-627 5467
Zetex GmbH
Zetex Inc.
Zetex (Asia) Ltd.
These are supported by
Streitfeldstraße 19
47 Mall Drive, Unit 4
3510 Metroplaza, Tower 2
agents and distributors in
D-81673 München
Commack NY 11725
Hing Fong Road,
major countries world-wide
Germany
USA
Kwai Fong, Hong Kong
©Zetex plc 1997
Telefon: (49) 89 45 49 49 0
Telephone: (516) 543-7100
Telephone:(852) 26100 611
Internet:
Fax: (49) 89 45 49 49 49
Fax: (516) 864-7630
Fax: (852) 24250 494
http://www.zetex.com
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied
or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or
services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any
product or service.


Similar Part No. - ZVN4424A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVN4424A ZETEX-ZVN4424A Datasheet
765Kb / 4P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVN4424A DIODES-ZVN4424A_15 Datasheet
773Kb / 4P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - ZVN4424A

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
VN0104 SUTEX-VN0104 Datasheet
476Kb / 4P
   N-Channel Enhancement-Mode Vertical DMOS FET
TN2524 SUTEX-TN2524_07 Datasheet
700Kb / 5P
   N-Channel Enhancement-Mode Vertical DMOS FET
logo
Zetex Semiconductors
VN10LP ZETEX-VN10LP Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
BSS123 ZETEX-BSS123 Datasheet
45Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN0540A ZETEX-ZVN0540A Datasheet
26Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN1409A ZETEX-ZVN1409A Datasheet
49Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2106G ZETEX-ZVN2106G Datasheet
30Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110A ZETEX-ZVN2110A Datasheet
87Kb / 3P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4106F ZETEX-ZVN4106F Datasheet
41Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210A ZETEX-ZVN4210A Datasheet
37Kb / 2P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVNL110A ZETEX-ZVNL110A Datasheet
22Kb / 1P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com