Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSN-3080A-119 Datasheet(PDF) 6 Page - Mini-Circuits

Part # KSN-3080A-119
Description  Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KSN-3080A-119 Datasheet(HTML) 6 Page - Mini-Circuits

Back Button KSN-3080A-119 Datasheet HTML 2Page - Mini-Circuits KSN-3080A-119 Datasheet HTML 3Page - Mini-Circuits KSN-3080A-119 Datasheet HTML 4Page - Mini-Circuits KSN-3080A-119 Datasheet HTML 5Page - Mini-Circuits KSN-3080A-119 Datasheet HTML 6Page - Mini-Circuits KSN-3080A-119 Datasheet HTML 7Page - Mini-Circuits KSN-3080A-119 Datasheet HTML 8Page - Mini-Circuits KSN-3080A-119 Datasheet HTML 9Page - Mini-Circuits KSN-3080A-119 Datasheet HTML 10Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Page 6 of 11
KSN-3080A-119+
Frequency Synthesizer
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
REFERENCE &
COMPARISON
SPURIOUS
ORDER
REFERENCE & COMPARISON
SPURIOUS
@Fcarrier
3040MHz+(n*Fcomp or Fref)
(dBc) note 1
REFERENCE & COMPARISON
SPURIOUS
@Fcarrier
3060MHz+(n*Fcomp or Fref)
(dBc) note 1
REFERENCE & COMPARISON
SPURIOUS
@Fcarrier
3080MHz+(n*Fcomp or Fref)
(dBc) note 1
n
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-5
-102.60
-104.33
-104.82
-101.78
-102.33
-114.61
-101.20
-104.96
-111.30
-4
-104.48
-106.71
-106.42
-103.21
-102.15
-109.45
-98.69
-103.62
-104.87
-3
-107.32
-106.92
-107.37
-101.44
-103.03
-111.81
-100.65
-106.50
-110.89
-2
-106.77
-108.47
-104.51
-100.83
-100.71
-113.97
-100.26
-106.13
-113.48
-1
-104.44
-110.10
-98.59
-102.52
-105.18
-108.71
-99.72
-104.77
-106.84
0note 2
-
-
-
-
-
-
-
-
-
+1
-104.71
-103.76
-97.87
-107.80
-112.39
-101.51
-103.49
-99.58
-99.27
+2
-114.24
-113.70
-117.29
-105.26
-113.74
-111.23
-108.18
-103.74
-104.94
+3
-116.83
-113.66
-115.30
-109.73
-116.23
-113.51
-111.44
-106.34
-104.18
+4
-113.04
-116.84
-110.50
-105.56
-114.46
-116.35
-105.53
-104.23
-104.60
+5
-114.88
-116.24
-110.87
-106.94
-115.86
-114.37
-106.24
-105.09
-105.52
Note 1: Reference frequency = Comparison frequency = 10MHz
Note 2: All spurs are referenced to carrier signal (n=0).


Similar Part No. - KSN-3080A-119

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KSN-3075A-119 MINI-KSN-3075A-119 Datasheet
792Kb / 11P
   Frequency Synthesizer
KSN-3075A-119++ MINI-KSN-3075A-119+ Datasheet
792Kb / 11P
   Frequency Synthesizer
More results

Similar Description - KSN-3080A-119

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com