Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSN-3260A-1M19 Datasheet(PDF) 6 Page - Mini-Circuits

Part # KSN-3260A-1M19
Description  Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KSN-3260A-1M19 Datasheet(HTML) 6 Page - Mini-Circuits

Back Button KSN-3260A-1M19 Datasheet HTML 2Page - Mini-Circuits KSN-3260A-1M19 Datasheet HTML 3Page - Mini-Circuits KSN-3260A-1M19 Datasheet HTML 4Page - Mini-Circuits KSN-3260A-1M19 Datasheet HTML 5Page - Mini-Circuits KSN-3260A-1M19 Datasheet HTML 6Page - Mini-Circuits KSN-3260A-1M19 Datasheet HTML 7Page - Mini-Circuits KSN-3260A-1M19 Datasheet HTML 8Page - Mini-Circuits KSN-3260A-1M19 Datasheet HTML 9Page - Mini-Circuits KSN-3260A-1M19 Datasheet HTML 10Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Page 6 of 11
KSN-3260A-1M19+
Frequency Synthesizer
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
COMPARISON
SPURIOUS
ORDER
COMPARISON SPURIOUS
@Fcarrier
3030MHz+(n*Fcomparison)
(dBc) note 1
COMPARISON SPURIOUS
@Fcarrier
3147MHz+(n*Fcomparison)
(dBc) note 1
COMPARISON SPURIOUS
@Fcarrier
3264MHz+(n*Fcomparison)
(dBc) note 1
n
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-5
-113.96
-111.72
-112.65
-113.28
-111.41
-112.46
-112.72
-111.32
-114.29
-4
-114.20
-111.08
-112.59
-111.36
-120.77
-123.19
-119.70
-123.53
-123.64
-3
-110.50
-111.80
-110.39
-108.19
-116.40
-120.70
-113.14
-118.90
-121.86
-2
-106.78
-107.16
-107.16
-107.07
-110.31
-117.59
-112.45
-117.02
-118.16
-1
-99.38
-101.04
-100.72
-99.39
-105.56
-106.96
-107.86
-110.33
-113.08
0note 2
-
-
-
-
-
-
-
-
-
+1
-98.99
-100.53
-100.96
-100.54
-106.10
-110.37
-112.09
-111.39
-108.83
+2
-106.74
-108.04
-108.25
-106.33
-112.29
-112.69
-113.46
-116.62
-117.53
+3
-109.88
-110.02
-110.35
-113.05
-116.77
-118.32
-119.58
-117.81
-124.95
+4
-113.86
-111.89
-112.73
-113.81
-120.65
-120.90
-123.96
-126.33
-124.54
+5
-114.76
-113.73
-117.17
-115.93
-116.35
-124.70
-122.83
-119.08
-126.24
Note 1: Comparison frequency 1000 kHz
Note 2: All spurs are referenced to carrier signal (n=0).
REFERENCE
SPURIOUS
ORDER
REFERENCE SPURIOUS
@Fcarrier
3030MHz+(n*Freference)
(dBc) note 3
REFERENCE SPURIOUS
@Fcarrier
3147MHz+(n*Freference)
(dBc) note 3
REFERENCE SPURIOUS
@Fcarrier
3264MHz+(n*Freference)
(dBc) note 3
n
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-5
-93.95
-96.66
-101.20
-94.17
-96.84
-100.81
-96.40
-99.46
-101.64
-4
-94.19
-96.39
-99.25
-94.53
-97.13
-99.57
-95.70
-98.06
-100.84
-3
-105.44
-110.23
-114.99
-103.55
-107.87
-111.92
-106.25
-111.11
-115.82
-2
-99.19
-104.13
-106.15
-99.34
-103.37
-108.22
-100.58
-105.25
-108.70
-1
-95.61
-105.70
-100.55
-112.40
-104.11
-108.85
-97.71
-108.00
-95.19
0note 4
-
-
-
-
-
-
-
-
-
+1
-96.48
-106.88
-90.90
-111.35
-104.27
-109.90
-99.85
-103.57
-93.46
+2
-100.51
-104.44
-108.67
-99.22
-103.63
-106.25
-100.66
-103.89
-107.45
+3
-104.58
-108.68
-113.04
-104.29
-107.93
-111.33
-105.72
-109.69
-110.79
+4
-95.13
-96.99
-100.02
-95.35
-97.25
-100.03
-96.37
-97.96
-100.30
+5
-95.99
-98.22
-103.13
-95.38
-97.40
-100.57
-96.69
-99.03
-101.59
Note 3: Reference frequency 40 MHz
Note 4: All spurs are referenced to carrier signal (n=0).


Similar Part No. - KSN-3260A-1M19

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KSN-3075A-119 MINI-KSN-3075A-119 Datasheet
792Kb / 11P
   Frequency Synthesizer
KSN-3075A-119++ MINI-KSN-3075A-119+ Datasheet
792Kb / 11P
   Frequency Synthesizer
KSN-3080A-119 MINI-KSN-3080A-119 Datasheet
769Kb / 11P
   Frequency Synthesizer
KSN-3080A-119++ MINI-KSN-3080A-119+ Datasheet
769Kb / 11P
   Frequency Synthesizer
KSN-3309A-119 MINI-KSN-3309A-119 Datasheet
795Kb / 11P
   Frequency Synthesizer
More results

Similar Description - KSN-3260A-1M19

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com