Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSN-3309A-119+ Datasheet(PDF) 4 Page - Mini-Circuits

Part # KSN-3309A-119+
Description  Frequency Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KSN-3309A-119+ Datasheet(HTML) 4 Page - Mini-Circuits

  KSN-3309A-119+ Datasheet HTML 1Page - Mini-Circuits KSN-3309A-119+ Datasheet HTML 2Page - Mini-Circuits KSN-3309A-119+ Datasheet HTML 3Page - Mini-Circuits KSN-3309A-119+ Datasheet HTML 4Page - Mini-Circuits KSN-3309A-119+ Datasheet HTML 5Page - Mini-Circuits KSN-3309A-119+ Datasheet HTML 6Page - Mini-Circuits KSN-3309A-119+ Datasheet HTML 7Page - Mini-Circuits KSN-3309A-119+ Datasheet HTML 8Page - Mini-Circuits KSN-3309A-119+ Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Page 4 of 11
KSN-3309A-119+
Frequency Synthesizer
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
FREQUENCY
POWER OUTPUT
VCO CURRENT
PLL CURENT
(MHz)
(dBm)
(mA)
(mA)
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
3200.25
3.87
3.42
2.93
26.69
27.68
28.58
14.40
15.87
17.07
3204.00
3.79
3.35
2.87
26.69
27.69
28.58
14.42
15.89
17.09
3221.00
3.49
3.21
2.74
26.69
27.68
28.57
14.42
15.90
17.10
3238.00
3.51
3.36
2.90
26.71
27.61
28.50
14.43
15.91
17.11
3255.00
3.94
3.48
3.09
26.59
27.59
28.46
14.44
15.92
17.12
3272.00
3.96
3.55
3.20
26.53
27.56
28.42
14.41
15.89
17.09
3289.00
3.69
3.41
3.09
26.51
27.53
28.37
14.42
15.90
17.10
3306.00
3.39
3.22
2.88
26.51
27.50
28.34
14.43
15.91
17.11
3309.00
3.34
3.20
2.86
26.51
27.49
28.34
14.44
15.93
17.13
FREQUENCY
HARMONICS (dBc)
(MHz)
F2
F3
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
3200.25
-40.51
-36.49
-33.17
-39.73
-41.78
-41.28
3204.00
-40.84
-36.84
-33.58
-40.68
-42.89
-41.98
3221.00
-40.45
-36.29
-32.87
-42.54
-40.80
-41.20
3238.00
-38.57
-35.29
-32.83
-38.47
-37.96
-38.57
3255.00
-34.99
-33.86
-31.41
-38.38
-35.90
-36.37
3272.00
-36.68
-34.67
-32.32
-37.61
-35.35
-35.91
3289.00
-35.49
-33.37
-30.58
-36.30
-35.03
-34.81
3306.00
-33.37
-32.03
-29.92
-34.92
-34.96
-35.04
3309.00
-32.85
-31.39
-29.26
-34.42
-34.64
-34.71
Typical Performance Data


Similar Part No. - KSN-3309A-119+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KSN-3310A-119 MINI-KSN-3310A-119 Datasheet
854Kb / 13P
   Frequency Synthesizer
KSN-3310A-119++ MINI-KSN-3310A-119+ Datasheet
854Kb / 13P
   Frequency Synthesizer
More results

Similar Description - KSN-3309A-119+

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com