Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSN-3310A-119+ Datasheet(PDF) 7 Page - Mini-Circuits

Part # KSN-3310A-119+
Description  Frequency Synthesizer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KSN-3310A-119+ Datasheet(HTML) 7 Page - Mini-Circuits

Back Button KSN-3310A-119+ Datasheet HTML 3Page - Mini-Circuits KSN-3310A-119+ Datasheet HTML 4Page - Mini-Circuits KSN-3310A-119+ Datasheet HTML 5Page - Mini-Circuits KSN-3310A-119+ Datasheet HTML 6Page - Mini-Circuits KSN-3310A-119+ Datasheet HTML 7Page - Mini-Circuits KSN-3310A-119+ Datasheet HTML 8Page - Mini-Circuits KSN-3310A-119+ Datasheet HTML 9Page - Mini-Circuits KSN-3310A-119+ Datasheet HTML 10Page - Mini-Circuits KSN-3310A-119+ Datasheet HTML 11Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Page 7 of 13
KSN-3310A-119+
Frequency Synthesizer
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
Note 5: Step size 2500 kHz
Note 6: All spurs are referenced to carrier signal (n=0).
STEP SIZE
SPURIOUS
ORDER
0.5 STEP SIZE & STEP SIZE
SPURIOUS @Fcarrier
3210MHz+(n*Fstep size)
(dBc) note 5
0.5 STEP SIZE & STEP SIZE
SPURIOUS @Fcarrier
3260MHz+(n*Fstep size)
(dBc) note 5
0.5 STEP SIZE & STEP SIZE
SPURIOUS @Fcarrier
3310MHz+(n*Fstep size)
(dBc) note 5
n
-45°C
+25°C
+75°C
-45°C
+25°C
+75°C
-45°C
+25°C
+75°C
-5.0
-116.19
-114.29
-112.84
-127.99
-127.54
-124.77
-120.09
-112.14
-112.36
-4.5
-105.39
-112.32
-113.56
-111.52
-111.96
-111.30
-114.13
-111.44
-106.88
-4.0
-95.45
-93.89
-88.97
-97.46
-95.79
-91.65
-97.63
-92.61
-94.62
-3.5
-122.73
-117.27
-121.68
-128.70
-124.14
-122.27
-125.49
-119.21
-126.50
-3.0
-123.99
-121.01
-114.74
-125.47
-124.68
-125.18
-117.02
-118.27
-111.99
-2.5
-118.60
-113.45
-114.87
-124.62
-127.05
-127.76
-116.34
-114.92
-112.31
-2.0
-115.91
-118.05
-115.54
-117.07
-121.84
-118.54
-115.94
-117.01
-116.96
-1.5
-115.94
-114.29
-113.99
-123.36
-123.03
-119.93
-121.98
-118.26
-109.87
-1.0
-110.01
-106.30
-108.18
-113.42
-115.95
-114.15
-113.22
-114.63
-113.75
-0.5
-99.01
-92.31
-89.76
-114.39
-115.11
-116.07
-91.29
-90.22
-89.40
0note 6
-
-
-
-
-
-
-
-
-
+0.5
-98.68
-91.73
-89.78
-116.30
-115.19
-114.46
-90.93
-90.26
-89.81
+1.0
-112.07
-108.31
-111.79
-122.99
-119.24
-122.44
-113.20
-113.20
-118.36
+1.5
-109.70
-107.52
-111.85
-108.38
-108.52
-110.13
-110.33
-110.48
-110.59
+2.0
-120.05
-110.79
-126.00
-111.90
-116.75
-120.01
-116.27
-125.02
-114.68
+2.5
-115.24
-115.73
-119.28
-125.46
-123.38
-121.97
-117.25
-119.44
-115.07
+3.0
-124.66
-121.35
-122.54
-123.53
-126.35
-128.14
-127.16
-121.07
-117.52
+3.5
-119.32
-118.65
-123.97
-123.38
-124.45
-125.22
-129.04
-118.25
-124.39
+4.0
-98.61
-91.00
-90.97
-99.47
-90.26
-93.19
-102.55
-91.29
-96.53
+4.5
-123.25
-114.19
-124.42
-116.07
-114.50
-118.75
-129.48
-116.26
-115.00
+5.0
-117.54
-120.25
-127.78
-120.77
-127.26
-126.18
-127.64
-123.99
-124.00


Similar Part No. - KSN-3310A-119+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KSN-3309A-119 MINI-KSN-3309A-119 Datasheet
795Kb / 11P
   Frequency Synthesizer
KSN-3309A-119++ MINI-KSN-3309A-119+ Datasheet
795Kb / 11P
   Frequency Synthesizer
More results

Similar Description - KSN-3310A-119+

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com