Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2322333 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2322333
Description  VIP-2/SC/2FLK14/AB-1756
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2322333 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2322333 Datasheet HTML 1Page - PHOENIX CONTACT 2322333 Datasheet HTML 2Page - PHOENIX CONTACT 2322333 Datasheet HTML 3Page - PHOENIX CONTACT 2322333 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
VIP-2/SC/2FLK14/AB-1756 Order No.: 2322333
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2322333
PHOENIX CONTACT Inc., USA
Page 2 / 4
http://www.phoenixcon.com
Dec 15, 2010
Width
80.6 mm
Height
65.5 mm
Depth
56 mm
Status display
No
Ambient temperature (operation)
-20 °C ... 50 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Mounting position
Any
Standards/regulations
IEC 60664
DIN VDE 0109-11
Pollution degree
2
Surge voltage category
II
Connection data
Connection 1
Field level
Type of connection
Spring-cage connection
Number of positions
14
Conductor cross section solid min.
0.14 mm²
Conductor cross section solid max.
1.5 mm²
Conductor cross section stranded min.
0.14 mm²
Conductor cross section stranded max.
1.5 mm²
Conductor cross section AWG/kcmil min.
26
Conductor cross section AWG/kcmil max
14
Stripping length
6 mm
Connection 2
Control system level
Number of connections
2
Type of connection
Flat-ribbon cable plug connector in acc. with IEC 60603-13
Number of positions
14
Certificates / Approvals
Certification
CUL, UL
CUL
Nominal voltage UN
125 V


Similar Part No. - 2322333

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2322304 PHOENIX-2322304 Datasheet
60Kb / 4P
   Passive module - VIP-2/SC/FLK50/MODI-TSX/Q
2322317 PHOENIX-2322317 Datasheet
124Kb / 4P
   VIP-2/SC/FLK50/AB-1756
2322320 PHOENIX-2322320 Datasheet
70Kb / 4P
   Passive module - VIP-2/SC/FLK50/16/SLC500
2322326 PHOENIX-2322326 Datasheet
133Kb / 4P
   VIP-2/SC/HD15SUB/M
2322359 PHOENIX-2322359 Datasheet
60Kb / 3P
   Passive module - VIP-2/SC/FLK50/S7/A-S400
More results

Similar Description - 2322333

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2322317 PHOENIX-2322317 Datasheet
124Kb / 4P
   VIP-2/SC/FLK50/AB-1756
2968360 PHOENIX-2968360 Datasheet
117Kb / 4P
   UM 45- 2FLK14/AB-1756
2904286 PHOENIX-2904286 Datasheet
70Kb / 5P
   Passive module - VIP-2/PT/FLK50/AB-1756
2315230 PHOENIX-2315230 Datasheet
146Kb / 7P
   VIP-2/SC/2FLK14 (1-20) /S7
2315023 PHOENIX-2315023 Datasheet
137Kb / 7P
   VIP-2/SC/FLK14
2315010 PHOENIX-2315010 Datasheet
128Kb / 5P
   VIP-2/SC/FLK10
2315036 PHOENIX-2315036 Datasheet
131Kb / 6P
   VIP-2/SC/FLK16
2315049 PHOENIX-2315049 Datasheet
130Kb / 6P
   VIP-2/SC/FLK20
2296427 PHOENIX-2296427 Datasheet
129Kb / 4P
   FLKM 50-PA-AB/1756
2322074 PHOENIX-2322074 Datasheet
116Kb / 5P
   VIP-2/SC/FLK20/LED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com