Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC4608C Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC4608C
Description  Printer Head Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC4608C Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LC4608C Datasheet HTML 3Page - Sanyo Semicon Device LC4608C Datasheet HTML 4Page - Sanyo Semicon Device LC4608C Datasheet HTML 5Page - Sanyo Semicon Device LC4608C Datasheet HTML 6Page - Sanyo Semicon Device LC4608C Datasheet HTML 7Page - Sanyo Semicon Device LC4608C Datasheet HTML 8Page - Sanyo Semicon Device LC4608C Datasheet HTML 9Page - Sanyo Semicon Device LC4608C Datasheet HTML 10Page - Sanyo Semicon Device LC4608C Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
No. 5782-7/11
LC4608C
Pad Functions
Pad Name
I/O
Function
Pin Count
CLK
I
Shift register clock input
1
SI0 to SI3
I
Shift register serial data input. SI0 is the least significant bit of the gray scale data; SI3, the most significant bit.
4
LAT
I
Parallel output latch input. high level input converts serial data to parallel data; low level latches the data.
1
3-phase selector inputs. high level input turns on the corresponding output. STB1 controls output bits DO1, DO4,
STB1, 2, 3
I
DO7, DO10,... DO62. STB2 controls output bits DO2, DO5, DO8, DO11,... DO63. STB3 controls output bits DO3,
3
DO6, DO9, DO12,... DO64.
STB4, 5
I
2-phase selector inputs with pull-down register. high level input turns on the corresponding output.
2
STB4 controls the odd bits: DO1, DO3, DO5,... DO63. STB5 controls the even bits: DO2, DO4, DO6,... DO64.
STBCLK
I
External clock signal input for gray scale signal generator
1
LOAD
I
Reset input for 4-bit counter. low level input resets the counter to “0.”
1
COM1
I
Scan voltage signal input, latched when the shift register bit is “1” (DO pin pairs 1, 2, 5, 6,... 57, 58, 61, 62)
2
COM2
I
Scan voltage signal input, latched when the shift register bit is “0” (DO pin pairs 1, 2, 5, 6,... 57, 58, 61, 62)
2
COM3
I
Scan voltage signal input, latched when the shift register bit is “1” (DO pin pairs 3, 4, 7, 8,... 59, 60, 63, 64)
2
COM4
I
Scan voltage signal input, latched when the shift register bit is “0” (DO pin pairs 3, 4, 7, 8,... 59, 60, 63, 64)
2
SO0 to SO3
O
Shift register serial data output. SO0 is the least significant bit of the gray scale data; SO3, the most significant bit.
4
DO1 to DO64
O
Parallel data output. Transmission gate output.
64
VDD
Power supply for logic circuits (+5 V)
2
GND
Ground for logic and level conversion circuits
4
VH
Power supply for level conversion circuits +40 V
2


Similar Part No. - LC4608C

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC461MBL4-95G MARKTECH-LC461MBL4-95G Datasheet
62Kb / 3P
   Blue 95 4mm LED lamp with tinted diffused lens and stand offs.
LC461MHR4-95G MARKTECH-LC461MHR4-95G Datasheet
59Kb / 3P
   Red 95 5mm LED lamp with tinted diffused lens and stand offs.
LC461MPG4-95G MARKTECH-LC461MPG4-95G Datasheet
61Kb / 3P
   Green 95 5mm LED lamp with tinted diffused lens and stand offs
More results

Similar Description - LC4608C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1256 SANYO-LB1256 Datasheet
49Kb / 2P
   Printer Driver
LB1256M SANYO-LB1256M Datasheet
54Kb / 2P
   Printer Driver?
logo
National Semiconductor ...
DS3654 NSC-DS3654 Datasheet
112Kb / 4P
   Printer Solenoid Driver
logo
Sanyo Semicon Device
2SC3705 SANYO-2SC3705 Datasheet
79Kb / 3P
   Printer Driver Applications
logo
Rohm
BD6794EFV ROHM-BD6794EFV Datasheet
325Kb / 6P
   1chip motor driver for printer
logo
Toshiba Semiconductor
MP4210 TOSHIBA-MP4210_07 Datasheet
172Kb / 7P
   High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
MP4209 TOSHIBA-MP4209_07 Datasheet
173Kb / 7P
   High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
MP4412 TOSHIBA-MP4412_07 Datasheet
179Kb / 8P
   High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
logo
Sanyo Semicon Device
LB1246 SANYO-LB1246 Datasheet
69Kb / 3P
   Active-Low Input Printer Driver?
logo
Toshiba Semiconductor
MP4211 TOSHIBA-MP4211_07 Datasheet
173Kb / 7P
   High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com