Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC4608C Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC4608C
Description  Printer Head Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC4608C Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC4608C Datasheet HTML 1Page - Sanyo Semicon Device LC4608C Datasheet HTML 2Page - Sanyo Semicon Device LC4608C Datasheet HTML 3Page - Sanyo Semicon Device LC4608C Datasheet HTML 4Page - Sanyo Semicon Device LC4608C Datasheet HTML 5Page - Sanyo Semicon Device LC4608C Datasheet HTML 6Page - Sanyo Semicon Device LC4608C Datasheet HTML 7Page - Sanyo Semicon Device LC4608C Datasheet HTML 8Page - Sanyo Semicon Device LC4608C Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Overview
The LC4608C is a driver for ink-jet printer heads with 64-
bit output. It converts 4-bit parallel input into 16-step gray
scale output by regulating the transmission gate’s output
time.
Features
This 64-bit CMOS driver with 16-step gray scale output
and high withstand voltage offers the following features.
• Built-in 64
× 4-bit static shift register
• Built-in 64
× 4-bit static latch
• 16-step gray scale output from 4-bit parallel input
• Built-in 64
× 2-channel transmission gate output
• Transmission gate on resistance of 60
Ω (typ.) 100 Ω
(max)
• CMOS process with high withstand voltage (42 V)
CMOS IC
33198RM (OT) No. 5782-1/11
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Printer Head Driver
LC4608C
Ordering number : EN5782
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage (logic)
VDD
–0.5 to +7.0
V
Supply voltage (high withstand voltage circuits)
VH
–0.5 to +42
V
Driver output breakdown voltage
BVDO
–0.5 to +42
V
Driver output current
IDO
Peak value within allowable operating range
±400
mA
Input current
IIN
–20 to +20
mA
Input voltage (logic)
VIN1
–0.5 to VDD +0.5
V
Input voltage (COM, output)
VIN2
–0.5 to VH +0.5
V
Operating temperature
Topr
–10 to +90
°C
Storage temperature
Tstg
–65 to +150
°C
Junction temperature
Tj
–10 to +125
°C
Specifications
Maximum Ratings
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VDD
4.5
5.0
5.5
V
VH
*1
24.0
40.0
V
Input voltage
VIN
0VDD
V
COM
0
VH
V
Output current DOn
IDO
VH = 40 V *2
200
400
mA
Clock frequency
fclk
8.0
MHz
Data setup time
tds
40
ns
Data hold time
tdh
40
ns
Latch setup time
tLs
140
ns
Clock pulse width
twCLK
50
ns
Latch pulse width
twLAT
80
ns
Allowable Operating Ranges at VDD = 5.0 V±10%, Topr = –10 to +90°C unless otherwise specified
Continued on next page.


Similar Part No. - LC4608C

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC461MBL4-95G MARKTECH-LC461MBL4-95G Datasheet
62Kb / 3P
   Blue 95 4mm LED lamp with tinted diffused lens and stand offs.
LC461MHR4-95G MARKTECH-LC461MHR4-95G Datasheet
59Kb / 3P
   Red 95 5mm LED lamp with tinted diffused lens and stand offs.
LC461MPG4-95G MARKTECH-LC461MPG4-95G Datasheet
61Kb / 3P
   Green 95 5mm LED lamp with tinted diffused lens and stand offs
More results

Similar Description - LC4608C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1256 SANYO-LB1256 Datasheet
49Kb / 2P
   Printer Driver
LB1256M SANYO-LB1256M Datasheet
54Kb / 2P
   Printer Driver?
logo
National Semiconductor ...
DS3654 NSC-DS3654 Datasheet
112Kb / 4P
   Printer Solenoid Driver
logo
Sanyo Semicon Device
2SC3705 SANYO-2SC3705 Datasheet
79Kb / 3P
   Printer Driver Applications
logo
Rohm
BD6794EFV ROHM-BD6794EFV Datasheet
325Kb / 6P
   1chip motor driver for printer
logo
Toshiba Semiconductor
MP4210 TOSHIBA-MP4210_07 Datasheet
172Kb / 7P
   High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
MP4209 TOSHIBA-MP4209_07 Datasheet
173Kb / 7P
   High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
MP4412 TOSHIBA-MP4412_07 Datasheet
179Kb / 8P
   High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
logo
Sanyo Semicon Device
LB1246 SANYO-LB1246 Datasheet
69Kb / 3P
   Active-Low Input Printer Driver?
logo
Toshiba Semiconductor
MP4211 TOSHIBA-MP4211_07 Datasheet
173Kb / 7P
   High Power, High Speed Switching Applications For Printer Head Pin Driver and Pulse Motor Driver For Solenoid Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com