Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSN-1618AF-119 Datasheet(PDF) 7 Page - Mini-Circuits

Part # RSN-1618AF-119
Description  Frequency Synthesizer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

RSN-1618AF-119 Datasheet(HTML) 7 Page - Mini-Circuits

Back Button RSN-1618AF-119 Datasheet HTML 3Page - Mini-Circuits RSN-1618AF-119 Datasheet HTML 4Page - Mini-Circuits RSN-1618AF-119 Datasheet HTML 5Page - Mini-Circuits RSN-1618AF-119 Datasheet HTML 6Page - Mini-Circuits RSN-1618AF-119 Datasheet HTML 7Page - Mini-Circuits RSN-1618AF-119 Datasheet HTML 8Page - Mini-Circuits RSN-1618AF-119 Datasheet HTML 9Page - Mini-Circuits RSN-1618AF-119 Datasheet HTML 10Page - Mini-Circuits RSN-1618AF-119 Datasheet HTML 11Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Page 7 of 13
RSN-1618AF-119+
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
Frequency Synthesizer
Note 5: Step size 200 kHz
Note 6: All spurs are referenced to carrier signal (n=0).
STEP SIZE
SPURIOUS
ORDER
0.5 STEP SIZE & STEP SIZE
SPURIOUS @Fcarrier
1543MHz+(n*Fstep size)
(dBc) note 5
0.5 STEP SIZE & STEP SIZE
SPURIOUS @Fcarrier
1580MHz+(n*Fstep size)
(dBc) note 5
0.5 STEP SIZE & STEP SIZE
SPURIOUS @Fcarrier
1618MHz+(n*Fstep size)
(dBc) note 5
n
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-5.0
-106.11
-113.54
-104.90
-99.61
-100.29
-100.90
-104.50
-112.17
-112.92
-4.5
-129.54
-128.51
-129.58
-129.57
-130.40
-128.11
-129.57
-129.37
-127.73
-4.0
-109.92
-107.32
-111.72
-103.15
-99.38
-101.54
-101.32
-99.59
-101.94
-3.5
-127.77
-127.02
-125.88
-127.87
-126.13
-126.02
-128.92
-127.21
-123.64
-3.0
-92.98
-102.04
-109.13
-96.92
-96.52
-94.96
-97.54
-94.81
-91.04
-2.5
-125.15
-124.06
-124.66
-125.78
-120.40
-122.99
-124.28
-124.71
-122.84
-2.0
-85.41
-83.64
-84.27
-91.43
-91.64
-86.29
-81.37
-81.78
-82.11
-1.5
-120.24
-119.57
-115.89
-120.12
-119.45
-115.86
-116.84
-119.15
-116.57
-1.0
-67.38
-66.39
-65.74
-77.11
-72.51
-72.09
-64.46
-63.78
-63.44
-0.5
-95.82
-96.90
-95.33
-97.00
-96.78
-95.80
-96.76
-95.74
-94.72
0note 6
-
-
-
-
-
-
-
-
-
+0.5
-96.83
-95.89
-95.50
-95.84
-95.01
-95.75
-96.04
-96.39
-95.23
+1.0
-67.33
-66.42
-65.54
-77.10
-72.54
-72.05
-64.39
-63.76
-63.47
+1.5
-119.97
-119.32
-117.61
-119.60
-119.18
-116.46
-119.35
-118.29
-116.44
+2.0
-85.41
-83.71
-83.86
-91.04
-91.75
-86.14
-81.42
-81.79
-82.04
+2.5
-125.30
-123.94
-121.94
-124.28
-122.21
-122.54
-125.89
-124.78
-124.85
+3.0
-92.77
-101.53
-110.04
-97.40
-96.13
-94.71
-97.68
-94.80
-90.51
+3.5
-127.65
-127.64
-126.54
-128.26
-128.61
-127.93
-127.84
-128.03
-125.97
+4.0
-110.60
-107.01
-112.71
-103.07
-99.18
-100.70
-101.54
-99.44
-101.36
+4.5
-129.92
-129.10
-128.90
-129.56
-129.38
-127.99
-130.43
-129.12
-128.41
+5.0
-106.45
-113.47
-105.67
-99.79
-100.74
-100.83
-104.44
-112.65
-115.94


Similar Part No. - RSN-1618AF-119

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
RSN-1 RIEDON-RSN-1 Datasheet
166Kb / 3P
   DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
RSN-1 RIEDON-RSN-1 Datasheet
166Kb / 3P
   DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
RSN-10 RIEDON-RSN-10 Datasheet
166Kb / 3P
   DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
RSN-10 RIEDON-RSN-10 Datasheet
166Kb / 3P
   DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
RSN-100 RIEDON-RSN-100 Datasheet
166Kb / 3P
   DC Ammeter Shunts / Busbar Shunts 1 Amp - 500 Amp
More results

Similar Description - RSN-1618AF-119

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com