Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLSL30 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VLSL30
Description  High Brightness LED Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLSL30 Datasheet(HTML) 2 Page - Vishay Siliconix

  VLSL30 Datasheet HTML 1Page - Vishay Siliconix VLSL30 Datasheet HTML 2Page - Vishay Siliconix VLSL30 Datasheet HTML 3Page - Vishay Siliconix VLSL30 Datasheet HTML 4Page - Vishay Siliconix VLSL30 Datasheet HTML 5Page - Vishay Siliconix VLSL30 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: LED@vishay.com
Document Number: 81182
2
Rev. 1.0, 03-Feb-10
VLSL30
Vishay Semiconductors High Brightness LED Power Module
Notes
(1) Forward voltages are tested at a current pulse duration of 1 ms and a tolerance of ± 0.1 V. Luminous flux is measured at a current pulse
duration of 25 ms and an accuracy of ± 11 %.
(2) Calculated based on single LED unit.
(3) VF classes are marked at the LED cluster and represent the technical classification only. The single groups cannot be specifically ordered.
(4) Based on theoretical calculation.
SPECIFICATION OF SINGLE LEDs USED FOR THE MODULES
• VLSL30: LED: VLMW711U2U3XV (83229 rev. 1; 02/24/2009)
OPTICAL AND ELECTRICAL CHARACTERISTICS (1) (Tamb = 25 °C, unless otherwise specified)
VLSL30, COLD WHITE
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous flux per row (2)
IF = 350 mA
Φ
V
480
540
-
lm
Luminous flux total (2)
Iboard = 4 x 350 mA
Φ
V
1920
2160
-
lm
Color temperature
IF = 350 mA
TK
5000
-
7000
K
Forward voltage per row
IF = 350 mA
VF
18
20
24
V
Class A (VFmax. - VFmin.) all rows (3)
IF = 350 mA
ΔV
F
0-
0.2
V
Class B (VFmax. - VFmin.) all rows (3)
IF = 350 mA
ΔV
F
0.2
-
0.4
V
Class C (VFmax. - VFmin.) all rows (3)
IF = 350 mA
ΔV
F
0.4
-
0.6
V
Temperature coefficient of VF per row
IF = 350 mA
TCVF
-
- 108
-
mV/K
Temperature coefficient of
Φ
V
IF = 350 mA
TC
Φ
V
-- 0.4-
%/K
Temperature coefficient of color
temperature
IF = 350 mA
TCTK
-17-
K/K
Thermal resistance junction-to-board (4)
RthJB total
-1-
K/W
Isolation voltage
VAC
1000
-
-
V
VDC
1500
-
-
V
LUMINOUS FLUX CLASSIFICATION FOR THE SINGLE LED
GROUP
LUMINOUS FLUX
Φ
V (lm) CORRELATION TABLE
STANDARD
MIN.
MAX.
T3
76.5
87.4
U2
87.4
99.4
U3
99.4
113.6


Similar Part No. - VLSL30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLSL30 VISHAY-VLSL30 Datasheet
647Kb / 4P
   LED Lighting Development Kit
VLSL30-LDK VISHAY-VLSL30-LDK Datasheet
647Kb / 4P
   LED Lighting Development Kit
VLSL3012A2 VISHAY-VLSL3012A2 Datasheet
279Kb / 7P
   High Brightness LED Power Module
Rev. 1.3, 05-Dec-11
VLSL3024A2 VISHAY-VLSL3024A2 Datasheet
279Kb / 7P
   High Brightness LED Power Module
Rev. 1.3, 05-Dec-11
More results

Similar Description - VLSL30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLSL5012A VISHAY-VLSL5012A Datasheet
201Kb / 8P
   High Brightness LED Power Module
Rev. 1.0, 13-Jul-10
VLPC0101C5 VISHAY-VLPC0101C5 Datasheet
195Kb / 6P
   High Brightness LED Power Module
Rev. 1.0, 30-Jul-12
VLPC0101C6 VISHAY-VLPC0101C6 Datasheet
213Kb / 6P
   High Brightness LED Power Module
Rev. 1.2, 27-Sep-13
VLPC0401A2J VISHAY-VLPC0401A2J Datasheet
157Kb / 5P
   High Brightness LED Power Module
Rev. 1.1, 31-Oct-12
VLPC1201A2J VISHAY-VLPC1201A2J_V01 Datasheet
177Kb / 7P
   High Brightness LED Power Module
02-Oct-12
VLSL3112A2 VISHAY-VLSL3112A2 Datasheet
205Kb / 7P
   High Brightness LED Power Module
Rev. 1.1, 13-Apr-11
VLPC0601A1 VISHAY-VLPC0601A1 Datasheet
236Kb / 7P
   High Brightness LED Power Module
Rev. 1.2, 13-Feb-12
VLPC0303A2 VISHAY-VLPC0303A2 Datasheet
207Kb / 6P
   High Brightness LED Power Module
Rev. 1.3, 05-Dec-11
VLSL4012A VISHAY-VLSL4012A Datasheet
232Kb / 8P
   High Brightness LED Power Module
Rev. 1.0, 13-Jul-10
VLSL4212A VISHAY-VLSL4212A Datasheet
236Kb / 9P
   High Brightness LED Power Module
Rev. 1.0, 11-Nov-10
VLSL4236A VISHAY-VLSL4236A_V01 Datasheet
243Kb / 9P
   High Brightness LED Power Module
02-Oct-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com