Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSN-1932A-119 Datasheet(PDF) 6 Page - Mini-Circuits

Part # SSN-1932A-119
Description  Frequency Synthesizer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SSN-1932A-119 Datasheet(HTML) 6 Page - Mini-Circuits

Back Button SSN-1932A-119 Datasheet HTML 2Page - Mini-Circuits SSN-1932A-119 Datasheet HTML 3Page - Mini-Circuits SSN-1932A-119 Datasheet HTML 4Page - Mini-Circuits SSN-1932A-119 Datasheet HTML 5Page - Mini-Circuits SSN-1932A-119 Datasheet HTML 6Page - Mini-Circuits SSN-1932A-119 Datasheet HTML 7Page - Mini-Circuits SSN-1932A-119 Datasheet HTML 8Page - Mini-Circuits SSN-1932A-119 Datasheet HTML 9Page - Mini-Circuits SSN-1932A-119 Datasheet HTML 10Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Page 6 of 13
SSN-1932A-119+
Frequency Synthesizer
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
o
RoHS compliant
IF/RF MICROWAVE COMPONENTS������ 9001 ISO 14001 AS 9100 CERTIFIED
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications and
performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to Mini-Circuits
standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard Terms and the
exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
The Design Engineers Search Engine
finds the model you need, Instantly • For detailed performance specs & shopping online see
TM
REFERENCE
SPURIOUS
ORDER
REFERENCE SPURIOUS
@Fcarrier
1832MHz+(n*Freference)
(dBc) note 3
REFERENCE SPURIOUS
@Fcarrier
1882MHz+(n*Freference)
(dBc) note 3
REFERENCE SPURIOUS
@Fcarrier
1932MHz+(n*Freference)
(dBc) note 3
n
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-5
-92.47
-92.42
-95.44
-90.13
-91.53
-96.14
-90.04
-91.66
-95.15
-4
-94.42
-94.90
-97.57
-94.70
-95.64
-95.37
-92.87
-94.89
-87.66
-3
-89.05
-93.42
-98.18
-90.79
-94.10
-95.12
-73.02
-77.01
-82.71
-2
-89.09
-91.09
-95.14
-87.64
-89.97
-93.78
-88.11
-89.90
-92.65
-1
-102.17
-97.57
-96.61
-94.83
-97.42
-93.86
-96.21
-94.56
-92.90
0note 4
-
-
-
-
-
-
-
-
-
+1
-104.40
-120.04
-107.36
-110.93
-110.76
-116.84
-108.01
-109.36
-118.08
+2
-106.30
-106.95
-103.06
-107.85
-104.49
-113.85
-98.89
-102.26
-113.64
+3
-113.04
-104.89
-108.49
-91.35
-94.64
-100.39
-75.83
-80.17
-86.29
+4
-94.80
-94.30
-95.77
-95.69
-94.43
-94.29
-89.87
-97.73
-91.87
+5
-91.96
-96.10
-103.57
-90.90
-95.85
-98.29
-90.73
-94.93
-94.65
Note 1: Comparison frequency 13 MHz
Note 2: All spurs are referenced to carrier signal (n=0).
Note 3: Reference frequency 52 MHz
Note 4: All spurs are referenced to carrier signal (n=0).
COMPARISON
SPURIOUS
ORDER
COMPARISON SPURIOUS
@Fcarrier
1832MHz+(n*Fcomparison)
(dBc) note 1
COMPARISON SPURIOUS
@Fcarrier
1882MHz+(n*Fcomparison)
(dBc) note 1
COMPARISON SPURIOUS
@Fcarrier
1932MHz+(n*Fcomparison)
(dBc) note 1
n
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-45°C
+25°C
+85°C
-5
-97.62
-97.39
-94.61
-94.04
-94.88
-93.56
-94.06
-93.76
-94.66
-4
-102.22
-97.74
-96.39
-94.92
-97.91
-93.74
-96.25
-94.34
-93.04
-3
-96.34
-97.09
-98.65
-94.97
-94.55
-98.46
-96.71
-96.41
-94.40
-2
-94.99
-97.09
-94.99
-92.83
-92.19
-97.09
-94.29
-96.35
-97.24
-1
-100.21
-96.97
-94.34
-92.18
-92.38
-94.62
-95.29
-97.20
-100.57
0note 2
-
-
-
-
-
-
-
-
-
+1
-99.17
-100.54
-96.15
-93.21
-94.87
-97.04
-95.32
-99.01
-101.27
+2
-99.28
-103.85
-97.35
-98.61
-97.15
-98.88
-98.75
-99.00
-102.15
+3
-102.28
-104.08
-101.56
-101.30
-101.01
-100.85
-100.53
-101.78
-102.74
+4
-104.22
-118.78
-108.00
-113.60
-110.89
-115.91
-108.66
-109.71
-118.54
+5
-102.18
-109.10
-103.34
-116.91
-109.74
-107.99
-106.30
-106.45
-112.27


Similar Part No. - SSN-1932A-119

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SSN-1602FA MINI-SSN-1602FA Datasheet
892Kb / 13P
   Frequency Synthesizer
SSN-1602FA++ MINI-SSN-1602FA+ Datasheet
892Kb / 13P
   Frequency Synthesizer
More results

Similar Description - SSN-1932A-119

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750V PHILIPS-HEF4750V Datasheet
173Kb / 17P
   Frequency synthesizer
January 1995
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
   FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
   FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
   FREQUENCY SYNTHESIZER
logo
Mini-Circuits
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
   Frequency Synthesizer
SSN-2685A-119 MINI-SSN-2685A-119 Datasheet
889Kb / 13P
   Frequency Synthesizer
SSN-2222A-119 MINI-SSN-2222A-119 Datasheet
897Kb / 13P
   Frequency Synthesizer
KSN-2065A-119 MINI-KSN-2065A-119 Datasheet
786Kb / 11P
   Frequency Synthesizer
KSN-2060A-119 MINI-KSN-2060A-119 Datasheet
784Kb / 11P
   Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com