Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC4104C Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC4104C
Description  LCD Dot Matrix Segment Driver for STN Displays
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC4104C Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC4104C Datasheet HTML 1Page - Sanyo Semicon Device LC4104C Datasheet HTML 2Page - Sanyo Semicon Device LC4104C Datasheet HTML 3Page - Sanyo Semicon Device LC4104C Datasheet HTML 4Page - Sanyo Semicon Device LC4104C Datasheet HTML 5Page - Sanyo Semicon Device LC4104C Datasheet HTML 6Page - Sanyo Semicon Device LC4104C Datasheet HTML 7Page - Sanyo Semicon Device LC4104C Datasheet HTML 8Page - Sanyo Semicon Device LC4104C Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Pin Functions
No. 5194-5/9
LC4104C
Symbol
I/O
Function
O1 to O160
V0
V2
V3
V5
VDDH
VDD
VSS
DISP
M
EIO1
EIO2
CP
LOAD
TEST
R/L
D0 to D7
BS
O
I
I
I
I
I
I
I/O
I/O
I
I
I
I
I
I
LCD drive outputs
V0 level drive voltage supply (selected level)
V2 level drive voltage supply (unselected level)
V3 level drive voltage supply (unselected level)
V5 level drive voltage supply (selected level)
High-voltage system power supply. Pins with the same name must be set to the same potential.
Logic system power supply.
GND
LCD off function. All outputs go to the V5 level when this pin is low.
Alternation signal input
Enable I/O
Enable input:
The enable input at the first stage is fixed at VSS. For succeeding stages, the enable input is connected to the
enable output from the preceding stage.
Enable output: Connected to the enable input of the next stage when cascode connection is used.
Data acquisition clock (falling edge)
Data load clock (falling edge)
Test input. Must be tied high in normal use.*
Data shift direction setting
Parallel data inputs
Input bus setting. Set high for 8-bit input, low for 4-bit input. For 4-bit input, D0 to D3 are used for data input and D4 to D7 must
be tied to ground.
*: Don’t care. (Must be held either high or low.)
M
Data
DISP
On
H
H
H
V0
H
L
H
V2
L
L
H
V3
L
H
H
V5
*
*
L
V5
R/L
EIO1
EIO2
L
In
Out
H
Out
In
R/L
BS
O1 to O160 outputs
O1
O2
O3
O4
→ . . .
O157
O158
O159
O160
L
H
D7
D6
D5
D4
D3
D2
D1
D0
O1
O2
O3
O4
. . .
O157
O158
O159
O160
H
D0
D1
D2
D3
D4
D5
D6
D7
O1
O2
O3
O4
→ . . .
O157
O158
O159
O160
L
L
D3
D2
D1
D0
D3
D2
D1
D0
O1
O2
O3
O4
. . .
O157
O158
O159
O160
H
D0
D1
D2
D3
D0
D1
D2
D3
Pins with the same name must be set to the same potential.
Note: * This IC is sensitive to ESD care must be used when handling this device.


Similar Part No. - LC4104C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC4100 SANYO-LC4100 Datasheet
87Kb / 8P
   LCD Dot Matrix Common Driver for STN Displays
LC4100C SANYO-LC4100C Datasheet
87Kb / 8P
   LCD Dot Matrix Common Driver for STN Displays
LC4101C SANYO-LC4101C Datasheet
86Kb / 9P
   LCD Dot Matrix Segment Driver for STN Displays
LC4102C SANYO-LC4102C Datasheet
61Kb / 8P
   LCD Dot Matrix Common Driver for STN Displays
LC4103C SANYO-LC4103C Datasheet
240Kb / 11P
   STN LCD Dot Matrix Common Driver
More results

Similar Description - LC4104C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC4101C SANYO-LC4101C Datasheet
86Kb / 9P
   LCD Dot Matrix Segment Driver for STN Displays
LC4131C SANYO-LC4131C Datasheet
74Kb / 7P
   LCD Dot Matrix Common Driver for STN Displays
LC4100C SANYO-LC4100C Datasheet
87Kb / 8P
   LCD Dot Matrix Common Driver for STN Displays
LC4102C SANYO-LC4102C Datasheet
61Kb / 8P
   LCD Dot Matrix Common Driver for STN Displays
LC4103TAB-01 SANYO-LC4103TAB-01 Datasheet
240Kb / 11P
   STN LCD Dot Matrix Common Driver
logo
Sitronix Technology Co....
ST7063C SITRONIX-ST7063C Datasheet
304Kb / 12P
   80CH Segment Driver for Dot Matrix LCD
ST7921 SITRONIX-ST7921 Datasheet
77Kb / 11P
   96CH Segment Driver For Dot Matrix LCD
logo
List of Unclassifed Man...
GSM793E ETC2-GSM793E Datasheet
97Kb / 10P
   80CH Segment Driver For Dot Matrix LCD
logo
Samsung semiconductor
KS0108B SAMSUNG-KS0108B Datasheet
157Kb / 17P
   64CH SEGMENT DRIVER FOR DOT MATRIX LCD
S6A2067 SAMSUNG-S6A2067 Datasheet
104Kb / 10P
   80 SEGMENT DRIVER FOR DOT MATRIX LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com