Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLMY51Y2Z2-GS08 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VLMY51Y2Z2-GS08
Description  Power SMD LED PLCC2 Plus High efficient AlInGaP technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMY51Y2Z2-GS08 Datasheet(HTML) 6 Page - Vishay Siliconix

  VLMY51Y2Z2-GS08 Datasheet HTML 1Page - Vishay Siliconix VLMY51Y2Z2-GS08 Datasheet HTML 2Page - Vishay Siliconix VLMY51Y2Z2-GS08 Datasheet HTML 3Page - Vishay Siliconix VLMY51Y2Z2-GS08 Datasheet HTML 4Page - Vishay Siliconix VLMY51Y2Z2-GS08 Datasheet HTML 5Page - Vishay Siliconix VLMY51Y2Z2-GS08 Datasheet HTML 6Page - Vishay Siliconix VLMY51Y2Z2-GS08 Datasheet HTML 7Page - Vishay Siliconix VLMY51Y2Z2-GS08 Datasheet HTML 8Page - Vishay Siliconix VLMY51Y2Z2-GS08 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
6
Document Number 83303
Rev. 1.0, 15-Apr-10
Vishay Semiconductors
VLMR51.., VLMK51.., VLMY51..
For technical support, please contact: LED@vishay.com
TAPING AND ORIENTATION DIMENSIONS in millimeters
Trailer
Component
Leader
specifications
according to DIN
technical drawings
Drawing-No.: 9.700-5348.01-4
Issue: 1; 01.03.10
22066
200 mm min. for Ø 180 reel
480 mm min. for Ø 180 reel
User feed direction
4 ± 0.1
8 ± 0.1
2 ± 0.05
2.2 ± 0.1
0.279 ± 0.02
Ø 1.5 + 0.1
Reels come in quantity of 1000 units.
3.75 ± 0.1
Package marking
Ø 1.5 + 0.25


Similar Part No. - VLMY51Y2Z2-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMY51Z1AA VISHAY-VLMY51Z1AA Datasheet
196Kb / 9P
   Power SMD LED PLCC-2 Plus
Rev. 1.4, 03-Sep-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMY51Z1AA TO-GRACE-VLMY51Z1AA Datasheet
778Kb / 9P
   Power SMD LED PLCC-2 Plus
logo
Vishay Siliconix
VLMY51Z1AA-GS08 VISHAY-VLMY51Z1AA-GS08 Datasheet
194Kb / 8P
   Power SMD LED PLCC-2 Plus
Rev. 1.4, 16-May-13
VLMY51Z1AA-GS08 VISHAY-VLMY51Z1AA-GS08 Datasheet
196Kb / 9P
   Power SMD LED PLCC-2 Plus
Rev. 1.4, 03-Sep-13
logo
HK TO-GRACE TECHNOLOGY ...
VLMY51Z1AA-GS08 TO-GRACE-VLMY51Z1AA-GS08 Datasheet
778Kb / 9P
   Power SMD LED PLCC-2 Plus
More results

Similar Description - VLMY51Y2Z2-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMW51P2Q3 VISHAY-VLMW51P2Q3 Datasheet
155Kb / 9P
   Power SMD LED PLCC2 Plus
Rev. 1.1, 22-Mar-11
logo
Visual Communications C...
VAOL-S2WR4 VCC-VAOL-S2WR4 Datasheet
467Kb / 8P
   PLCC2 SMD TYPE LED
logo
Cree, Inc
CLM1C-WKW CREE-CLM1C-WKW Datasheet
429Kb / 7P
   PLCC2 White SMD LED
logo
Vishay Siliconix
VLMO31J1K2-GS08 VISHAY-VLMO31J1K2-GS08 Datasheet
187Kb / 8P
   Standard SMD LED PLCC2
Rev. 1.2, 11-Sep-07
logo
Visual Communications C...
VAOL-S2YP4 VCC-VAOL-S2YP4 Datasheet
376Kb / 7P
   PLCC2 SMD TYPE LED
logo
Marktech Corporate
CLM1C MARKTECH-CLM1C_15 Datasheet
600Kb / 9P
   PLCC2 White SMD LED
logo
Visual Communications C...
VAOL-S2GT4 VCC-VAOL-S2GT4 Datasheet
435Kb / 7P
   PLCC2 SMD TYPE LED
logo
SunLED Corporation
XZYG45WTHTA SUNLED-XZYG45WTHTA Datasheet
269Kb / 6P
   3.5x2.8mm PLCC2 SMD LED
logo
Visual Communications C...
VAOL-S2RP4 VCC-VAOL-S2RP4 Datasheet
372Kb / 7P
   PLCC2 SMD TYPE LED
logo
SunLED Corporation
ZM2BG45FW SUNLED-ZM2BG45FW Datasheet
194Kb / 4P
   3.5x2.8mm PLCC2 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com